Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1-1123688-7 Fiches technique(PDF) 5 Page - Tyco Electronics

No de pièce 1-1123688-7
Description  2-Piece Power Connectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

1-1123688-7 Fiches technique(HTML) 5 Page - Tyco Electronics

  1-1123688-7 Datasheet HTML 1Page - Tyco Electronics 1-1123688-7 Datasheet HTML 2Page - Tyco Electronics 1-1123688-7 Datasheet HTML 3Page - Tyco Electronics 1-1123688-7 Datasheet HTML 4Page - Tyco Electronics 1-1123688-7 Datasheet HTML 5Page - Tyco Electronics 1-1123688-7 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
te.com/powerconnectors
2-Piece Power Connectors
TE Connectivity
Industry Standards
PRODUCTS
Standards
Z1 Power Connector
MINIPAK HD
Guide Hardware
MULTI-BEAM XLE
Advanced TCA
1766500-1
1-1469373-1
PICMG MicroTCA.0
1469920-1
VITA 41
1410465-1
VITA 46
1410956-1
VITA 62
6450843-6
AdvancedTCA
The PICMG 3.0
AdvancedTCA standard
defines architecture
for modular computing
components within
communications network
infrastructure. The
standardization focuses
on providing superior
power and cooling
capabilities in solutions
that are cost effective,
highly available and
highly scalable.
MicroTCA
The PICMG
MicroTCA.0 standard is
complimentary to the
AdvancedTCA standard,
but is optimized for
smaller scale and
more price sensitive
applications.
VITA 46
Based on VMEbus
technology, the standard
is defined for 3U and 6U
formats and merges the
latest in connector and
packaging technology
with the latest in bus and
serial fabric technology.
VITA 62
The latest in VITA
Standards, VITA 62 is
currently being defined
and will use the standard
VPX 3V16U form factor and
comply to requirements
defined in VITA. 48.0. VITA
62 will define the power
generation requirements
for a module that can be
used to power systems
that support a VITA 62 slot
on the VPX backplane.
VITA 41
Referred to as VXS-
VME Switched Serial in
the next generation of
VME backplanes and
introduces features like
improved bandwidth,
backward compatibility
and increased power
delivery into the existing
VMEbus technology.
Guide Hardware
Guide modules are available for the
AdvancedTCA, VITA 41.0 VXS and the
VITA 46.0 VPX standards
Most guide modules are keyed to
prevent misalignment during board-
to-board mating
ATCA guide modules are available
for a variety of applications including
front board, mid plane, backplane and
rear transition modules as specified in
the AdvancedTCA specification
MULTIGIG RT guide modules meet
the VITA 46.0 VPX and VITA 41 VXS
standards
MINIPAK HD Connectors
Designed to the MicroTCA.0 standard
30 microinches gold plating over
nickel
Hot-plug contact design controls arc
during hot-mate/un-mate cycles
Available to carry up to 14.5 Amps
per contact fully loaded
Z1 Power Connector
Designed to PICMG 3.0 AdvancedTCA
standard
Combines 8 high conductivity size 16
pin & socket contacts with 22 size 22
pin & socket contacts
Capable of carrying 20 Amps per
contact and the signals are capable
of carrying 2 Amps per contact
MULTI-BEAM XLE Connector
VITA 62 standard developed around
MULTI-BEAM XLE connector
New 6 beam power contacts offer
a 50A current rating and lower
mating force
New 20A low power contact
occupies 50% less PCB space than
MULTI-BEAM XL power contacts
Vented housing allows for better heat
dissipation
For more information on TE Industry
Standard Products visit:
te.com/products/atca
AdvancedTCA, MicroTCA and PICMG are trademarks of
PICMG-PCI Industrial Computer Manufacturers Group, Inc.
VITA, VMEbus, VPX, and VXS are trademarks of VITA.
Note: Part numbers listed in the above table are some available samples for each standard. There are other part numbers and configurations to choose from.
te.com/products/guidehardware
te.com/products/multibeamxle
te.com/products/atcapower
te.com/products/minipakhd


Numéro de pièce similaire - 1-1123688-7

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
1-1123688-7 MACOM-1-1123688-7 Datasheet
1Mb / 6P
   Quick Reference Guide 2-Piece Power Connectors
1-1123688-7 MACOM-1-1123688-7 Datasheet
1Mb / 6P
   2-Piece Power Connectors
1-1123688-7 MACOM-1-1123688-7 Datasheet
1Mb / 6P
   2-Piece Power Connectors
1-1123688-7 MACOM-1-1123688-7 Datasheet
1Mb / 6P
   2-Piece Power Connectors
More results

Description similaire - 1-1123688-7

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
350792-1 MACOM-350792-1 Datasheet
1Mb / 6P
   2-Piece Power Connectors
5223995-2 MACOM-5223995-2 Datasheet
1Mb / 6P
   2-Piece Power Connectors
643424-1 MACOM-643424-1 Datasheet
1Mb / 6P
   2-Piece Power Connectors
1-6450869-4 MACOM-1-6450869-4 Datasheet
1Mb / 6P
   Quick Reference Guide 2-Piece Power Connectors
logo
DDK Ltd.
FRC3-A016-10S DDK-FRC3-A016-10S Datasheet
346Kb / 4P
   High Current Version for 2-Piece Connectors
logo
Hirose Electric
DF64 HIROSE-DF64 Datasheet
871Kb / 6P
   4.5 mm pitch, Horizontal Mating 2-Piece System Connectors
HIF6 HIROSE-HIF6 Datasheet
758Kb / 18P
   1.27mm Pitch Two-Piece Connectors
logo
AVX Corporation
709159001401006 AVX-709159001401006 Datasheet
683Kb / 7P
   Single 2 Piece Contacts: BTB
logo
Kendall Howard
1927-3-002-00-WP KENDALLHOWARD-1927-3-002-00-WP Datasheet
55Kb / 1P
   2 PIECE RACK CONVERSION KIT
logo
UMPCO, Inc.
NAS1677 UMPCO-NAS1677 Datasheet
108Kb / 2P
   STRAP, RETAINING- CUSHIONED, RECTANGULAR, 2 PIECE
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com