Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3306-20 Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce TPS3306-20
Description  DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS3306-20 Fiches technique(HTML) 5 Page - Texas Instruments

  TPS3306-20 Datasheet HTML 1Page - Texas Instruments TPS3306-20 Datasheet HTML 2Page - Texas Instruments TPS3306-20 Datasheet HTML 3Page - Texas Instruments TPS3306-20 Datasheet HTML 4Page - Texas Instruments TPS3306-20 Datasheet HTML 5Page - Texas Instruments TPS3306-20 Datasheet HTML 6Page - Texas Instruments TPS3306-20 Datasheet HTML 7Page - Texas Instruments TPS3306-20 Datasheet HTML 8Page - Texas Instruments TPS3306-20 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
www.ti.com
Saving Current While Using the Watchdog
td
td
t(tout)
VDD
VIT
WDI
RESET
t
t
t
Power-Fail Comparator (PFI and PFO)
PFI
PFO
VCC
GND
TPS3306
V(SENSE)
R1
1%
R2
1%
VPFI,trip = 1.25 V ×
R1 + R2
R2
TPS3306-15
TPS3306-18, TPS3306-20
TPS3306-25, TPS3306-33
SLVS290C – APRIL 2000 – REVISED DECEMBER 2006
DETAILED DESCRIPTION (continued)
The watchdog input is internally driven low during the first 7/8 of the watchdog time-out period, then momentarily
pulses high, resetting the watchdog counter. For minimum watchdog input current (minimum overall power
consumption), leave WDI low for the majority of the watchdog time-out period, pulsing it low-high-low once within
7/8 of the watchdog time-out period to reset the watchdog timer. If instead WDI is externally driven high for the
majority of the time-out period, a current of 5 V/40 k
Ω = 125 µA can flow into WDI.
Figure 1. Watchdog Timing
An additional comparator is provided to monitor voltages other than the nominal supply voltage. The
power-fail-input (PFI) will be compared with an internal voltage reference of 1.25 V. If the input voltage falls
below the power-fail threshold (VPFI) of typ. 1.25 V, the power-fail output (PFO) goes low. If it goes above 1.25 V
plus about 10 mV hysteresis, the output returns to high. By connecting two external resistors, it is possible to
supervise any voltages above 1.25 V. The sum of both resistors should be about 1 M
Ω, to minimize power
consumption and also to assure that the current in the PFI pin can be neglected compared with the current
through the resistor network. The tolerance of the external resistors should be not more than 1% to ensure
minimal variation of sensed voltage. If the power-fail comparator is unused, connect PFI to ground and leave
PFO unconnected.
5
Submit Documentation Feedback


Numéro de pièce similaire - TPS3306-20

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3306-20 TI-TPS3306-20 Datasheet
274Kb / 13P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-20 TI1-TPS3306-20 Datasheet
815Kb / 16P
[Old version datasheet]   Qualified for Automotive Applications
TPS3306-20 TI1-TPS3306-20 Datasheet
851Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-20 TI1-TPS3306-20 Datasheet
815Kb / 16P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
TPS3306-20-Q1 TI-TPS3306-20-Q1 Datasheet
255Kb / 12P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
More results

Description similaire - TPS3306-20

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3306-15 TI1-TPS3306-15_16 Datasheet
851Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15 TI-TPS3306-15 Datasheet
274Kb / 13P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15-Q1 TI-TPS3306-15-Q1 Datasheet
255Kb / 12P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
TPS3306-15-Q1 TI1-TPS3306-15-Q1_16 Datasheet
815Kb / 16P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
TPS3705 TI-TPS3705 Datasheet
263Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705-30 TI1-TPS3705-30_16 Datasheet
1Mb / 28P
[Old version datasheet]   Processor Supervisory Circuits With Power-Fail
TPS3705 TI-TPS3705_07 Datasheet
713Kb / 22P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705-30 TI1-TPS3705-30 Datasheet
771Kb / 21P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com