Moteur de recherche de fiches techniques de composants électroniques |
|
5-103975-6 Fiches technique(PDF) 7 Page - Tyco Electronics |
|
5-103975-6 Fiches technique(HTML) 7 Page - Tyco Electronics |
7 / 32 page 229 Catalog 1307819 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 8-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 MTE Receptacle Assemblies—Strip Form Plain, Single-Row, .100 [2.54] Centerline (Continued) MTE Receptacle Assemblies—Individual Form Plain, Single-Row, .100 [2.54] Centerline AMPMODU Interconnection System Note: All part numbers are RoHS compliant. 5 Housing Strip Form Receptacle Assembly Strip Form Receptacle Assembly No. of Dimensions Quantities 30-26 AWG [0.05-0.15mm2] Wire 26-22 AWG [0.12-0.3mm2] Wire Unloaded Pos. AB Per Strip Plating A Plating B Plating C Plating A Plating B Plating C Housings Segment 2 2.000 [50.80] .198 [5.03] 10 5-103979-1 5-103978-1 5-103977-1 5-103976-1 5-103975-1 5-103974-1 103688-1 3 2.400 [60.96] .298 [7.57] 8 5-103979-2 5-103978-2 5-103977-2 5-103976-2 5-103975-2 5-103974-2 103688-2 4 1.990 [50.55] .398 [10.11] 5 5-103979-3 5-103978-3 5-103977-3 5-103976-3 5-103975-3 5-103974-3 103688-3 5 1.990 [50.55] .498 [12.65] 4 5-103979-4 5-103978-4 5-103977-4 5-103976-4 5-103975-4 5-103974-4 103688-4 6 2.390 [60.71] .598 [15.19] 4 5-103979-5 5-103978-5 5-103977-5 5-103976-5 5-103975-5 5-103974-5 103688-5 7 1.400 [35.56] .698 [17.73] 2 5-103979-6 5-103978-6 5-103977-6 5-103976-6 5-103975-6 5-103974-6 103688-6 8 1.600 [40.64] .798 [20.27] 2 5-103979-7 5-103978-7 5-103977-7 5-103976-7 5-103975-7 5-103974-7 103688-7 9 1.800 [45.72] .898 [22.81] 2 5-103979-8 5-103978-8 5-103977-8 5-103976-8 5-103975-8 5-103974-8 103688-8 10 2.000 [50.80] .998 [23.35] 2 5-103979-9 5-103978-9 5-103977-9 5-103976-9 5-103975-9 5-103974-9 103688-9 11 2.200 [55.88] 1.098 [27.89] 2 6-103979-0 6-103978-0 6-103977-0 6-103976-0 6-103975-0 6-103974-0 1-103688-0 12 2.400 [60.96] 1.198 [30.43] 2 6-103979-1 6-103978-1 6-103977-1 6-103976-1 6-103975-1 6-103974-1 1-103688-1 No. of Dimensions Individual Receptacle Assembly Individual Receptacle Assembly Unloaded Pos. B 30-26 AWG [0.05-0.15mm2] Wire 26-22 AWG [0.12-0.3mm2] Wire Housings Plating A Plating B Plating C Plating A Plating B Plating C 13 1.298 [32.96] 6-103903-2 6-103684-2 6-103685-2 6-103902-2 6-103686-2 6-103687-2 1-103688-2 14 1.398 [35.51] 6-103903-3 6-103684-3 6-103685-3 6-103902-3 6-103686-3 6-103687-3 1-103688-3 15 1.498 [38.05] 6-103903-4 6-103684-4 6-103685-4 6-103902-4 6-103686-4 6-103687-4 1-103688-4 16 1.598 [40.59] 6-103903-5 6-103684-5 6-103685-5 6-103902-5 6-103686-5 6-103687-5 1-103688-5 17 1.698 [43.13] 6-103903-6 6-103684-6 6-103685-6 6-103902-6 6-103686-6 6-103687-6 1-103688-6 18 1.798 [45.67] 6-103903-7 6-103684-7 6-103685-7 6-103902-7 6-103686-7 6-103687-7 1-103688-7 19 1.898 [48.20] 6-103903-8 6-103684-8 6-103685-8 6-103902-8 6-103686-8 6-103687-8 1-103688-8 20 1.998 [50.75] 6-103903-9 6-103684-9 6-103685-9 6-103902-9 6-103686-9 6-103687-9 1-103688-9 21 2.098 [53.29] 7-103903-0 7-103684-0 7-103685-0 7-103902-0 7-103686-0 7-103687-0 2-103688-0 22 2.198 [55.83] 7-103903-1 7-103684-1 7-103685-1 7-103902-1 7-103686-1 7-103687-1 2-103688-1 23 2.298 [58.37] 7-103903-2 7-103684-2 7-103685-2 7-103902-2 7-103686-2 7-103687-2 2-103688-2 24 2.398 [60.91] 7-103903-3 7-103684-3 7-103685-3 7-103902-3 7-103686-3 7-103687-3 2-103688-3 25 2.498 [63.45] 7-103903-4 7-103684-4 7-103685-4 7-103902-4 7-103686-4 7-103687-4 2-103688-4 Notes: 1. Receptacle assemblies are furnished with strip contacts partially inserted into housing—contacts latched into “preload” windows. Contacts are fully inserted into housings automatically when terminated with Tyco Electronics application machines, or manually when terminated with Tyco Electronics pistol grip hand tool. 2. Use Extraction/Lance Reset Tool No. 843477-1 to remove receptacle contacts. 3. Keying plugs are available, see page 253. |
Numéro de pièce similaire - 5-103975-6 |
|
Description similaire - 5-103975-6 |