Moteur de recherche de fiches techniques de composants électroniques |
|
5-103977-3 Fiches technique(PDF) 4 Page - Tyco Electronics |
|
5-103977-3 Fiches technique(HTML) 4 Page - Tyco Electronics |
4 / 32 page 226 Catalog 1307819 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 8-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 MTE Interconnection System (Continued) AMPMODU Interconnection System 5 Receptacle Assemblies with Guide Ribs (See pages 232 & 233) Receptacle Assemblies Polarized/Latching (See pages 230 & 231) Double-Row Coupling Shroud (See page 241) AMPMODU Shrouded Headers, Double-Row, Straight or Right Angle Post1 (See pages 119-121, 124, 125, 127, 128, 131-133 & 149) Receptacle Assemblies with Guide Ribs (See pages 232 & 233) Receptacle Contact, Insulation Displacement (Used in all Receptacle Assemblies) AMPMODU Breakaway Headers, Single- or Double-Row, Straight or Right–Angle Post, with or without Board Retention Feature (See pages 102-105) Receptacle Assemblies Plain (See pages 228 and 229) High Pressure Receptacle Assemblies, Plain (See page 234) Receptacle Assemblies, Polarized/Latching (See pages 230 & 231) High-Temp Headers, Polarized/Latching, Straight and Right Angle Post, with or without Holddown (See pages 249 & 250) 2 Headers, Polarized/Latching, Straight Post, with or without Swaged Tail (See pages 244 & 245) 2 Headers, Polarized/Latching, Right Angle Post, with or without Holddown (See pages 246 & 247) 1 Mating AMPMODU Double-Row Shrouded Header Assemblies must have .318 [8.08] mating post length and .150 [3.81] dimension from centerline of last 1 post to inside of end shroud wall. 2 Surface Mount Right-Angle and Vertical Headers are also available (see pages 251 and 252) Wire-to-Board Single-Row Coupling Shroud (See page 240) |
Numéro de pièce similaire - 5-103977-3 |
|
Description similaire - 5-103977-3 |