Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMAJ300CA Fiches technique(PDF) 5 Page - Formosa MS

No de pièce SMAJ300CA
Description  SMD Transient Voltage Suppressor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FORMOSA [Formosa MS]
Site Internet  http://www.formosams.com
Logo FORMOSA - Formosa MS

SMAJ300CA Fiches technique(HTML) 5 Page - Formosa MS

  SMAJ300CA Datasheet HTML 1Page - Formosa MS SMAJ300CA Datasheet HTML 2Page - Formosa MS SMAJ300CA Datasheet HTML 3Page - Formosa MS SMAJ300CA Datasheet HTML 4Page - Formosa MS SMAJ300CA Datasheet HTML 5Page - Formosa MS SMAJ300CA Datasheet HTML 6Page - Formosa MS SMAJ300CA Datasheet HTML 7Page - Formosa MS SMAJ300CA Datasheet HTML 8Page - Formosa MS SMAJ300CA Datasheet HTML 9Page - Formosa MS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image



 
!
! "#8$%&'(()'*(''+
,
^_`a_bcef
ghiklmnop
qnrstu
r
mvqgwxxlqootl
yz{|y~
€
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
SMAJ85
SMAJ85C
RU
WU
85
94.0
119.2
1.0
151
2.6
5.0
SMAJ85A
SMAJ85CA
RV
WV
85
94.0
108.2
1.0
137
2.9
5.0
SMAJ90
SMAJ90C
RW
WW
90
100
126.5
1.0
160
2.5
5.0
SMAJ90A
SMAJ90CA
RX
WX
90
100
115.5
1.0
146
2.7
5.0
SMAJ100
SMAJ100C
RY
WY
100
111
141.0
1.0
179
2.2
5.0
SMAJ100A SMAJ100CA
RZ
WZ
100
111
128.0
1.0
162
2.5
5.0
SMAJ110
SMAJ110C
SD
XD
110
122
154.5
1.0
196
2.0
5.0
SMAJ110A
SMAJ110CA
SE
XE
110
122
140.5
1.0
177
2.3
5.0
SMAJ120
SMAJ120C
SF
XF
120
133
169.0
1.0
214
1.9
5.0
SMAJ120A SMAJ120CA
SG
XG
120
133
153.0
1.0
193
2.1
5.0
SMAJ130
SMAJ130C
SH
XH
130
144
182.5
1.0
231
1.7
5.0
SMAJ130A SMAJ130CA
SK
XK
130
144
165.5
1.0
209
1.9
5.0
SMAJ150
SMAJ150C
SL
XL
150
167
211.5
1.0
268
1.5
5.0
SMAJ150A SMAJ150CA
SM
XM
150
167
192.5
1.0
243
1.6
5.0
SMAJ160
SMAJ160C
SN
XN
160
178
226.0
1.0
287
1.4
5.0
SMAJ160A SMAJ160CA
SP
XP
160
178
205.0
1.0
259
1.5
5.0
SMAJ170
SMAJ170C
SQ
XQ
170
189
239.5
1.0
304
1.3
5.0
SMAJ170A SMAJ170CA
SR
XR
170
189
217.5
1.0
275
1.5
5.0
SMAJ180
SMAJ180C
SS
XS
180
200
253.8
1.0
321
1.2
5.0
SMAJ180A SMAJ180CA
ST
XT
180
200
230.4
1.0
290
1.4
5.0
SMAJ190
SMAJ190C
SU
XU
190
211
267.9
1.0
339
1.2
5.0
SMAJ190A SMAJ190CA
SV
XV
190
211
243.2
1.0
306
1.3
5.0
SMAJ200
SMAJ200C
SW
XW
200
222
282.0
1.0
356
1.1
5.0
SMAJ200A SMAJ200CA
SX
XX
200
222
256.0
1.0
322
1.2
5.0
SMAJ210
SMAJ210C
SY
XY
210
233
296.1
1.0
375
1.1
5.0
SMAJ210A SMAJ210CA
SZ
XZ
210
233
268.8
1.0
339
1.2
5.0
SMAJ220
SMAJ220C
ZD
YD
220
244
310.2
1.0
392
1.0
5.0
SMAJ220A SMAJ220CA
ZE
YE
220
244
281.6
1.0
355
1.1
5.0
SMAJ250
SMAJ250C
ZF
YF
250
278
342.5
1.0
447
0.9
5.0
SMAJ250A SMAJ250CA
ZG
YG
250
278
309.0
1.0
403
1.0
5.0
SMAJ300
SMAJ300C
ZH
YH
300
333
411.0
1.0
535
0.7
5.0
SMAJ300A SMAJ300CA
ZK
YK
300
333
371.0
1.0
484
0.8
5.0
SMAJ350
SMAJ350C
ZL
YL
350
389
479.5
1.0
624
0.6
5.0
SMAJ350A SMAJ350CA
ZM
YM
350
389
432.0
1.0
565
0.7
5.0
SMAJ400
SMAJ400C
ZN
YN
400
444
548.0
1.0
687
0.6
5.0
SMAJ400A SMAJ400CA
ZP
YP
400
444
494.0
1.0
645
0.6
5.0
SMAJ440
SMAJ440C
ZQ
YQ
440
489
602.8
1.0
786
0.5
5.0
SMAJ440A SMAJ440CA
ZR
YR
440
489
543.0
1.0
710
0.6
5.0
※ For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
Page 5
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121837
2010/06/10
2012/11/21
F
10
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141


Numéro de pièce similaire - SMAJ300CA

FabricantNo de pièceFiches techniqueDescription
logo
Socay Electornics Co., ...
SMAJ300CA SOCAY-SMAJ300CA Datasheet
1Mb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Littelfuse
SMAJ300CA LITTELFUSE-SMAJ300CA Datasheet
174Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
logo
StarHope
SMAJ300CA SPSEMI-SMAJ300CA Datasheet
458Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
logo
Guangdong Juxing Electr...
SMAJ300CA JUXING-SMAJ300CA Datasheet
1Mb / 4P
   Surface Mount Transient Voltage Suppressor Power 400W
logo
AiT Semiconductor Inc.
SMAJ300CA AITSEMI-SMAJ300CA Datasheet
322Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR 400 WATT PEAK POWER
REV1.0
More results

Description similaire - SMAJ300CA

FabricantNo de pièceFiches techniqueDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com