Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2733YMF-NOPB Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce LM2733YMF-NOPB
Description  LM2733 0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM2733YMF-NOPB Fiches technique(HTML) 3 Page - Texas Instruments

  LM2733YMF-NOPB Datasheet HTML 1Page - Texas Instruments LM2733YMF-NOPB Datasheet HTML 2Page - Texas Instruments LM2733YMF-NOPB Datasheet HTML 3Page - Texas Instruments LM2733YMF-NOPB Datasheet HTML 4Page - Texas Instruments LM2733YMF-NOPB Datasheet HTML 5Page - Texas Instruments LM2733YMF-NOPB Datasheet HTML 6Page - Texas Instruments LM2733YMF-NOPB Datasheet HTML 7Page - Texas Instruments LM2733YMF-NOPB Datasheet HTML 8Page - Texas Instruments LM2733YMF-NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
formula:
If power dissipation exceeds the maximum specified above, the internal thermal protection
LM2733
www.ti.com
SNVS209E – NOVEMBER 2002 – REVISED APRIL 2013
Absolute Maximum Ratings
(1) (2)
Storage Temperature Range
−65°C to +150°C
Operating Junction Temperature Range
−40°C to +125°C
Lead Temp. (Soldering, 5 sec.)
300°C
Power Dissipation(3)
Internally Limited
FB Pin Voltage
−0.4V to +6V
SW Pin Voltage
−0.4V to +40V
Input Supply Voltage
−0.4V to +14.5V
SHDN Pin Voltage
−0.4V to VIN + 0.3V
θJ-A (SOT-23)
265°C/W
ESD Rating(4)
Human Body Model
2 kV
Machine Model
200V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply
when operating the device outside of the limits set forth under the operating ratings which specify the intended range of operating
conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
The maximum power dissipation which can be safely dissipated for any application is a function of the maximum junction temperature,
TJ(MAX) = 125°C, the junction-to-ambient thermal resistance for the SOT-23 package, θJ-A = 265°C/W, and the ambient temperature,
TA. The maximum allowable power dissipation at any ambient temperature for designs using this device can be calculated using the
circuitry will protect the device by reducing the output voltage as required to maintain a safe junction temperature.
(4)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF
capacitor discharged directly into each pin.
Electrical Characteristics
Limits in standard typeface are for TJ = 25°C, and limits in boldface type apply over the full operating temperature range
(
−40°C ≤ TJ ≤ +125°C). Unless otherwise specified: VIN = 5V, VSHDN = 5V, IL = 0A.
Symbol
Parameter
Conditions
Min(1)
Typical(2)
Max(1)
Units
VIN
Input Voltage
2.7
14
V
ISW
Switch Current Limit
See(3)
1.0
1.5
A
RDS(ON)
Switch ON Resistance
ISW = 100 mA
500
650
m
SHDNTH
Shutdown Threshold
Device ON
1.5
V
Device OFF
0.50
ISHDN
Shutdown Pin Bias Current
VSHDN = 0
0
µA
VSHDN = 5V
0
2
VFB
Feedback Pin Reference Voltage
VIN = 3V
1.205
1.230
1.255
V
IFB
Feedback Pin Bias Current
VFB = 1.23V
60
nA
IQ
Quiescent Current
VSHDN = 5V, Switching "X"
2.1
3.0
mA
VSHDN = 5V, Switching "Y"
1.1
2
VSHDN = 5V, Not Switching
400
500
µA
VSHDN = 0
0.024
1
Δ VFBΔVIN
FB Voltage Line Regulation
2.7V
≤ VIN ≤ 14V
0.02
%/V
FSW
Switching Frequency
“X” Option
1.15
1.6
1.85
MHz
“Y” Option
0.40
0.60
0.8
DMAX
Maximum Duty Cycle
“X” Option
87
93
%
“Y” Option
93
96
IL
Switch Leakage
Not Switching VSW = 5V
1
µA
(1)
Limits are specified by testing, statistical correlation, or design.
(2)
Typical values are derived from the mean value of a large quantity of samples tested during characterization and represent the most
likely expected value of the parameter at room temperature.
(3)
Switch current limit is dependent on duty cycle (see Typical Performance Characteristics). Limits shown are for duty cycles
≤ 50%.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2733


Numéro de pièce similaire - LM2733YMF-NOPB

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2733YMF NSC-LM2733YMF Datasheet
507Kb / 13P
   0.6/1.6 MHz Boost Converters With 40V Internal FET
LM2733YMF NSC-LM2733YMF Datasheet
406Kb / 16P
   0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
logo
Texas Instruments
LM2733YMF TI-LM2733YMF Datasheet
1Mb / 26P
[Old version datasheet]    0.6 and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23
LM2733YMF/NOPB TI-LM2733YMF/NOPB Datasheet
1Mb / 26P
[Old version datasheet]    0.6 and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23
logo
National Semiconductor ...
LM2733YMFX NSC-LM2733YMFX Datasheet
507Kb / 13P
   0.6/1.6 MHz Boost Converters With 40V Internal FET
More results

Description similaire - LM2733YMF-NOPB

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2733 NSC-LM2733_07 Datasheet
406Kb / 16P
   0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
LM2731 NSC-LM2731 Datasheet
528Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 NSC-LM2731_07 Datasheet
432Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
logo
Texas Instruments
LM2731 TI1-LM2731_14 Datasheet
1Mb / 22P
[Old version datasheet]   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731XMF_NOPB TI1-LM2731XMF_NOPB Datasheet
667Kb / 16P
[Old version datasheet]   LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 TI-LM2731_15 Datasheet
1Mb / 29P
[Old version datasheet]    0.6/1.6-MHz Boost Converters With 22-V Internal FET Switch in SOT-23
LM2731YMFX TI-LM2731YMFX Datasheet
629Kb / 16P
[Old version datasheet]   LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
logo
National Semiconductor ...
LM2733 NSC-LM2733 Datasheet
507Kb / 13P
   0.6/1.6 MHz Boost Converters With 40V Internal FET
logo
Texas Instruments
LM2733 TI-LM2733_15 Datasheet
1Mb / 26P
[Old version datasheet]    0.6 and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23
logo
National Semiconductor ...
LM27313 NSC-LM27313_07 Datasheet
337Kb / 12P
   1.6 MHz Boost Converter With 30V Internal FET Switch in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com