Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-090J-500E Fiches technique(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HCPL-090J-500E
Description  High Speed Digital Isolators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-090J-500E Fiches technique(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-090J-500E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-090J-500E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-090J-500E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-090J-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-090J-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-090J-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-090J-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-090J-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-090J-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
HCPL-9000/-0900, -9030/-0930,
HCPL-9031/-0931, -900J/-090J,
HCPL-901J/-091J, -902J/-092J
High Speed Digital Isolators
Data Sheet
Description
The HCPL-90xx and HCPL-09xx CMOS digital isolators
feature high speed performance and excellent transient
immunity specifications. The symmetric magnetic
coupling barrier gives these devices a typical pulse width
distortion of 2 ns, a typical propagation delay skew of
4 ns and 100 Mbaud data rate, making them the indus-
try’s fastest digital isolators.
The single channel digital isolators (HCPL-9000/
-0900) features an active-low logic output enable.
The dual channel digital isolators are configured as
unidirectional (HCPL-9030/-0930) and bi-directional
(HCPL-9031/-0931), operating in full duplex mode making
it ideal for digital fieldbus applications.
The quad channel digital isolators are configured as
unidirectional (HCPL-900J/-090J), two channels in one
direction and two channels in opposite direction (HCPL-
901J/-091J), and one channel in one direction and
three channels in opposite direction (HCPL-902J/-092J).
These high channel density make them ideally suited
to isolating data conversion devices, parallel buses and
peripheral interfaces.
They are available in 8-pin PDIP, 8-pin Gull Wing, 8-pin
SOIC packages, and 16–pin SOIC narrow-body and
wide-body packages. They are specified over the tem-
perature range of -40°C to +100°C.
Features
• +3.3V and +5V TTL/CMOS compatible
• 3 ns max. pulse width distortion
• 6 ns max. propagation delay skew
• 15 ns max. propagation delay
• High speed: 100 MBd
• 15 kV/µs min. common mode rejection
• Tri-state output (HCPL-9000/-0900)
• 2500V RMS isolation
• UL1577 and IEC 61010-1 approved
Applications
• Digital fieldbus isolation
• Multiplexed data transmission
• Computer peripheral interface
• High speed digital systems
• Isolated data interfaces
• Logic level shifting
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.


Numéro de pièce similaire - HCPL-090J-500E

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-090J-000E AVAGO-HCPL-090J-000E Datasheet
357Kb / 14P
   High Speed Digital Isolators
More results

Description similaire - HCPL-090J-500E

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0931-500E AVAGO-HCPL-0931-500E Datasheet
357Kb / 14P
   High Speed Digital Isolators
logo
Agilent(Hewlett-Packard...
HCPL9000 HP-HCPL9000 Datasheet
449Kb / 12P
   High Speed Digital Isolators
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-090J-000E AVAGO-HCPL-090J-000E Datasheet
357Kb / 14P
   High Speed Digital Isolators
logo
Texas Instruments
ISO7231C-Q1 TI1-ISO7231C-Q1 Datasheet
804Kb / 23P
[Old version datasheet]   HIGH SPEED, TRIPLE DIGITAL ISOLATORS
ISO7240CF TI1-ISO7240CF_12 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7230C TI-ISO7230C_09 Datasheet
691Kb / 25P
[Old version datasheet]   HIGH SPEED, TRIPLE DIGITAL ISOLATORS
ISO7230C-Q1 TI-ISO7230C-Q1_15 Datasheet
968Kb / 24P
[Old version datasheet]   HIGH SPEED, TRIPLE DIGITAL ISOLATORS
ISO7240C TI-ISO7240C_08 Datasheet
868Kb / 25P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7240CF-Q1 TI1-ISO7240CF-Q1 Datasheet
826Kb / 27P
[Old version datasheet]   HIGH-SPEED QUAD DIGITAL ISOLATORS
ISO7230C TI-ISO7230C Datasheet
744Kb / 23P
[Old version datasheet]   HIGH SPEED, TRIPLE DIGITAL ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com