Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMBTH34 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce MMBTH34
Description  MMBTH34 Surface Mount NPN RF-IF Amp
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MMBTH34 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  MMBTH34 Datasheet HTML 1Page - Fairchild Semiconductor MMBTH34 Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Physical Dimensions inches (millimeters)
SOT-23 3-Lead Molded Dual-In-Line (M)
Order Number MMBTH34 or MMBTH34-HIGH
NS Package Number M03
LIFE SUPPORT POLICY
NATIONAL’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF NATIONAL
SEMICONDUCTOR CORPORATION As used herein
1 Life support devices or systems are devices or
2 A critical component is any component of a life
systems which (a) are intended for surgical implant
support device or system whose failure to perform can
into the body or (b) support or sustain life and whose
be reasonably expected to cause the failure of the life
failure to perform when properly used in accordance
support device or system or to affect its safety or
with instructions for use provided in the labeling can
effectiveness
be reasonably expected to result in a significant injury
to the user
National Semiconductor
National Semiconductor
National Semiconductor
National Semiconductor
Corporation
Europe
Hong Kong Ltd
Japan Ltd
1111 West Bardin Road
Fax (a49) 0-180-530 85 86
13th Floor Straight Block
Tel 81-043-299-2309
Arlington TX 76017
Email cnjwge tevm2nsccom
Ocean Centre 5 Canton Rd
Fax 81-043-299-2408
Tel 1(800) 272-9959
Deutsch Tel (a49) 0-180-530 85 85
Tsimshatsui Kowloon
Fax 1(800) 737-7018
English
Tel (a49) 0-180-532 78 32
Hong Kong
Fran ais Tel (a49) 0-180-532 93 58
Tel (852) 2737-1600
Italiano
Tel (a49) 0-180-534 16 80
Fax (852) 2736-9960
National does not assume any responsibility for use of any circuitry described no circuit patent licenses are implied and National reserves the right at any time without notice to change said circuitry and specifications


Numéro de pièce similaire - MMBTH34

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
MMBTH10 FAIRCHILD-MMBTH10 Datasheet
71Kb / 6P
   NPN RF Transistor
logo
Micro Commercial Compon...
MMBTH10 MCC-MMBTH10 Datasheet
179Kb / 2P
   NPN VHF/UHF Transistors
logo
SHIKUES Electronics
MMBTH10 SKTECHNOLGY-MMBTH10 Datasheet
234Kb / 2P
   NPN-General use transistor 225mW 50mA 20V
logo
Diodes Incorporated
MMBTH10 DIODES-MMBTH10 Datasheet
55Kb / 2P
   NPN SURFACE MOUNT VHF/UHF TRANSISTOR
DS31031 Rev. 4 - 2
logo
Shenzhen Jin Yu Semicon...
MMBTH10 HTSEMI-MMBTH10 Datasheet
302Kb / 1P
   TRANSISTOR(NPN)
More results

Description similaire - MMBTH34

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KSC839 SAMSUNG-KSC839 Datasheet
69Kb / 2P
   NPN (FM/AM RADIO RF AMP, CONV, OSC, IF AMP)
KSC2669 SAMSUNG-KSC2669 Datasheet
68Kb / 2P
   NPN (FM RADIO RF AMP, MIX, CONV, OSC, IF AMP)
KSC838 SAMSUNG-KSC838 Datasheet
71Kb / 2P
   NPN (FM RADIO RF AMP, MIX, CONV, OSC, IF AMP)
KSC2787 SAMSUNG-KSC2787 Datasheet
75Kb / 2P
   NPN (FM/AM RF AMP, MIX, CONV, OSC, IF)
KSC1675 SAMSUNG-KSC1675 Datasheet
78Kb / 2P
   NPN (FM/AM RF AMP, MIC, CONY,OSC,IF)
logo
NTE Electronics
NTE744 NTE-NTE744 Datasheet
23Kb / 3P
   Integrated Circuit RF/IF Amp
NTE1491 NTE-NTE1491 Datasheet
22Kb / 2P
   Integrated Circuit AM RF/IF Amp
logo
Central Semiconductor C...
CMUT5179 CENTRAL-CMUT5179_15 Datasheet
348Kb / 2P
   SURFACE MOUNT NPN SILICON RF TRANSISTOR
CMPT5179 CENTRAL-CMPT5179_15 Datasheet
329Kb / 2P
   SURFACE MOUNT NPN SILICON RF TRANSISTOR
logo
Leshan Radio Company
MSC2295-BT1 LRC-MSC2295-BT1 Datasheet
38Kb / 1P
   NPN RF Amplifier Transistors Surface Mount
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com