Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-5121 Fiches technique(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HCPL-5121
Description  2.0 Amp Output Current IGBT Gate Drive Hermetically Sealed Optocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-5121 Fiches technique(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-5121 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-5121 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-5121 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-5121 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-5121 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-5121 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-5121 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-5121 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCPL-5121 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
0.1 µF
V CC = 15
to 30 V
10
Ω
1
3
IF = 10 to 18 mA
VO
+
+
2
4
8
6
7
5
10 KHz
50% DUTY
CYCLE
500
Ω
10 nF
IF
V OUT
tPHL
tPLH
tf
tr
10%
50%
90%
Tr = Tf < 10 ns
_
_
_
0.1 µF
V CC = 30 V
1
3
IF
V O
+
+
2
4
8
6
7
5
A
+
B
V CM = 1000 V
5 V
V CM
Δt
0 V
V O
SWITCH AT B: IF = 0 mA
V O
SWITCH AT A: IF = 10 mA
V OL
V OH
Δt
V CM
δV
δt
=
_
_
_
Figure 23. t
PLH, tPHL, and tf Test Circuit and Waveforms
Figure 24. CMR Test Circuit and Waveforms


Numéro de pièce similaire - HCPL-5121

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-5121 HP-HCPL-5121 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
logo
Broadcom Corporation.
HCPL-5121 BOARDCOM-HCPL-5121 Datasheet
1Mb / 19P
   2.0 Amp Output Current IGBT Gate Drive Hermetically Sealed Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-5121-100 HP-HCPL-5121-100 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5121-200 HP-HCPL-5121-200 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5121-300 HP-HCPL-5121-300 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
More results

Description similaire - HCPL-5121

FabricantNo de pièceFiches techniqueDescription
logo
Broadcom Corporation.
HCPL-5120 BOARDCOM-HCPL-5120 Datasheet
1Mb / 19P
   2.0 Amp Output Current IGBT Gate Drive Hermetically Sealed Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-5120 HP-HCPL-5120 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL3120 HP-HCPL3120 Datasheet
490Kb / 18P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120 HP-HCPL-3120 Datasheet
253Kb / 15P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com