Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-3760 Fiches technique(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HCPL-3760
Description  Isolated Voltage/Current Detectors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-3760 Fiches technique(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-3760 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-3760 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-3760 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-3760 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-3760 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-3760 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-3760 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-3760 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-3760 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Note
Supply Voltage
V
CC
2
18
V
Operating Temperature
T
A
0
70
°C
Operating Frequency
f
0
4
kHz
8
Absolute Maximum Ratings (No derating required up to 70°C)
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
T
S
-55
125
°C
Operating Temperature
T
A
-40
85
°C
Lead Soldering Cycle
Temperature
260
°C
1
Time
10
s
Input Current
Average
50
2
Surge
I
IN
140
mA
2, 3
Transient
500
Input Voltage (Pins 2-3)
V
IN
-0.5
V
Input Power Dissipation
HCPL-3700/3760
P
IN
230
mW
4
HCPL-0370
172
Total Package Power Dissipation
HCPL-3700/3760
P
T
305
mW
5
HCPL-0370
275
Output Power Dissipation
HCPL-3700/3760
P
O
210
mW
6
HCPL-0370
103
Output Current
Average
I
O
30
mA
7
Supply Voltage (Pins 8-5)
V
CC
-0.5
20
V
Output Voltage (Pins 6-5)
V
O
-0.5
20
V
Solder Reflow Temperature Profile
See Package Outline Drawings section


Numéro de pièce similaire - HCPL-3760

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-3760 HP-HCPL-3760 Datasheet
230Kb / 13P
   AC/DC to Logic Interface Optocouplers
HCPL-3760 HP-HCPL-3760 Datasheet
119Kb / 13P
   AC/DC to Logic Interface Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3760 AVAGO-HCPL-3760 Datasheet
374Kb / 14P
   Isolated Voltage/Current Detectors
HCPL-3760 AVAGO-HCPL-3760 Datasheet
477Kb / 14P
   Isolated Voltage/Current Detectors
HCPL-3760 AVAGO-HCPL-3760 Datasheet
477Kb / 14P
   Isolated Voltage/Current Detectors
More results

Description similaire - HCPL-3760

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3760-300E AVAGO-HCPL-3760-300E Datasheet
477Kb / 14P
   Isolated Voltage/Current Detectors
HCPL-3760 AVAGO-HCPL-3760 Datasheet
374Kb / 14P
   Isolated Voltage/Current Detectors
HCPL-3760-500E AVAGO-HCPL-3760-500E Datasheet
477Kb / 14P
   Isolated Voltage/Current Detectors
HCPL-0370-500E AVAGO-HCPL-0370-500E Datasheet
520Kb / 14P
   Isolated Voltage/Current Detectors
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
   VOLTAGE DETECTORS
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
[Old version datasheet]   VOLTAGE DETECTORS
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
914Kb / 9P
   Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
   VOLTAGE DETECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com