Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-0370 Fiches technique(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HCPL-0370
Description  Isolated Voltage/Current Detectors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0370 Fiches technique(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-0370 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-0370 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0370 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0370 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-0370 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-0370 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-0370 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-0370 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-0370 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
Notes:
1. Measured at a point 1.6 mm below seating plane.
2. Current into/out of any single lead.
3. Surge input current duration is 3 ms at 120 Hz pulse repetition rate. Transient input current duration is 10 µs at 120 Hz pulse repetition rate.
Note that maximum input power, P
IN, must be observed.
4. Derate linearly above 70°C free-air temperature at a rate of 4.1 mW/°C (HCPL-3700/3760) and 3.1 mW/°C (HCPL-0370). Maximum input power
dissipation of 230 mW (HCPL-3700/3760) and 172 mW (HCPL-0370) allows an input IC junction temperature of 125°C at an ambient tempera-
ture of T
A = 70°C. Excessive PIN and TJ may result in IC chip degradation.
5. Derate linearly above 70°C free-air temperature at a rate of 5.4 mW/°C (HCPL-3700/3760) and 5 mW/°C (HCPL-0370).
6. Derate linearly above 70°C free-air temperature at a rate of 3.9 mW/°C (HCPL-3700/3760) and 1.9 mW/°C (HCPL-0370). Maximum output
power dissipation of 210 mW (HCPL-3700/3760) and 103 mW (HCPL-0370) allows an output IC junction temperature of 125°C at an ambient
temperature of T
A = 70°C.
7. Derate linearly above 70°C free-air temperature at a rate of 0.6 mA/°C.
8. Maximum operating frequency is defined when output waveform Pin 6 obtains only 90% of V
CC with RL = 4.7 kW, CL = 30 pF using a 5 V square
wave input signal.
9. All typical values are at T
A = 25°C, VCC = 5.0 V unless otherwise stated.
10. The t
PHL propagation delay is measured from the 2.5 V level of the leading edge of a 5.0 V input pulse (1 µs rise time) to the 1.5 V level on the
leading edge of the output pulse (see Figure 10).
11. The t
PLH propagation delay is measured from the 2.5 V level of the trailing edge of a 5.0 V input pulse (1 µs fall time) to the 1.5 V level on the
trailing edge of the output pulse (see Figure 10).
12. Common mode transient immunity in Logic High level is the maximum tolerable (positive) dV
CM/dt on the leading edge of the common
mode pulse, V
CM, to insure that the output will remain in a Logic High state (i.e., VO > 2.0 V). Common mode transient immunity in Logic Low
level is the maximum tolerable (negative) dV
CM/dt on the trailing edge of the common mode pulse signal, VCM, to insure that the output will
remain in a Logic Low state (i.e., V
O < 0.8 V). See Figure 11.
13. In applications where dV
CM/dt may exceed 50,000 V/µs (such as static discharge), a series resistor, RCC, should be included to protect the de-
tector IC from destructively high surge currents. The recommended value for R
CC is 240 ý per volt of allowable drop in VCC (between Pin 8 and
V
CC) with a minimum value of 240 ý.
14. Logic low output level at Pin 6 occurs under the conditions of V
IN ž VTH+ as well as the range of VIN > VTH– once VIN has exceeded VTH+. Logic high
output level at Pin 6 occurs under the conditions of V
IN VTH- as well as the range of VIN < VTH+ once VIN has decreased below VTH-.
15. AC voltage is instantaneous voltage.
16. Device considered a two terminal device: Pins 1, 2, 3, 4 connected together, and Pins 5, 6, 7, 8 connected together.
17. In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage ≥ 4500 V rms for 1 second (leakage
detection current limit, I
i-o ≤ 5 µA).
18. In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage ≥ 6000 V rms for 1 second (leakage
detection current limit, I
i-o ≤ 5 µA). This test is performed before the 100% production test for partial discharge (Method b) shown in the IEC/
EN/DIN EN 60747-5-5 Insulation Characteristics Table.
Figure 1. Typical input characteristics, I
IN vs. VIN
(AC voltage is instantaneous value).
Figure 2. Typical transfer characteristics.
Input Signal
Device
TH+
TH–
Input Connection
I
TH
HCPL-0370/3700
2.5 mA
1.3 mA
PINS 2, 3 OR 1, 4
HCPL-3760
1.2 mA
0.6 mA
V
TH(DC)
ALL
3.7 V
2.6 V
PINS 2, 3
V
TH(AC)
ALL
4.9 V
3.7 V
PINS 1, 4


Numéro de pièce similaire - HCPL-0370

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-0370 HP-HCPL-0370 Datasheet
119Kb / 13P
   AC/DC to Logic Interface Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0370 AVAGO-HCPL-0370 Datasheet
477Kb / 14P
   Isolated Voltage/Current Detectors
HCPL-0370 AVAGO-HCPL-0370 Datasheet
477Kb / 14P
   Isolated Voltage/Current Detectors
logo
Agilent(Hewlett-Packard...
HCPL-0370-500 HP-HCPL-0370-500 Datasheet
119Kb / 13P
   AC/DC to Logic Interface Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0370-500E AVAGO-HCPL-0370-500E Datasheet
520Kb / 14P
   Isolated Voltage/Current Detectors
More results

Description similaire - HCPL-0370

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3760-300E AVAGO-HCPL-3760-300E Datasheet
477Kb / 14P
   Isolated Voltage/Current Detectors
HCPL-3760 AVAGO-HCPL-3760 Datasheet
374Kb / 14P
   Isolated Voltage/Current Detectors
HCPL-3760-500E AVAGO-HCPL-3760-500E Datasheet
477Kb / 14P
   Isolated Voltage/Current Detectors
HCPL-0370-500E AVAGO-HCPL-0370-500E Datasheet
520Kb / 14P
   Isolated Voltage/Current Detectors
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
   VOLTAGE DETECTORS
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
[Old version datasheet]   VOLTAGE DETECTORS
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
914Kb / 9P
   Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
   VOLTAGE DETECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com