Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI5330F-A00214-GM Fiches technique(PDF) 1 Page - Silicon Laboratories

No de pièce SI5330F-A00214-GM
Description  Supports single-ended or differential input clock singnals Generates four differential (LVPECL, LVDS, HCSL) or eight single-ended (CMOS, SSTL, HSTL) outputs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5330F-A00214-GM Fiches technique(HTML) 1 Page - Silicon Laboratories

  SI5330F-A00214-GM Datasheet HTML 1Page - Silicon Laboratories SI5330F-A00214-GM Datasheet HTML 2Page - Silicon Laboratories SI5330F-A00214-GM Datasheet HTML 3Page - Silicon Laboratories SI5330F-A00214-GM Datasheet HTML 4Page - Silicon Laboratories SI5330F-A00214-GM Datasheet HTML 5Page - Silicon Laboratories SI5330F-A00214-GM Datasheet HTML 6Page - Silicon Laboratories SI5330F-A00214-GM Datasheet HTML 7Page - Silicon Laboratories SI5330F-A00214-GM Datasheet HTML 8Page - Silicon Laboratories SI5330F-A00214-GM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Rev. 1.0 4/12
Copyright © 2012 by Silicon Laboratories
Si5330
Si5330
1.8/2.5/3.3 V L OW-J ITTER, L OW-S KEW
C LOCK B UFFER/L EVEL TRANSLATOR
Features
Applications
Functional Block Diagram
Supports single-ended or
differential input clock signals
Generates four differential
(LVPECL, LVDS, HCSL) or eight
single-ended (CMOS, SSTL,
HSTL) outputs
Provides signal level translation

Differential to single-ended

Single-ended to differential

Differential to differential

Single-ended to single-ended
Wide frequency range

LVPECL, LVDS: 5 to 710 MHz

HCSL: 5 to 250 MHz

SSTL, HSTL: 5 to 350 MHz

CMOS: 5 to 200 MHz
Additive jitter: 150 fs RMS typ
Output-output skew: 100 ps
Propagation delay: 2.5 ns typ
Single core supply with excellent
PSRR: 1.8, 2.5, or 3.3 V
Output driver supply voltage
independent of core supply: 1.5,
1.8, 2.5, or 3.3 V
Loss of Signal (LOS) indicator
allows system clock monitoring
Output Enable (OEB) pin allows
glitchless control of output clocks
Low power: 10 mA typical core
current
Industrial temperature range:
–40 to +85 °C
Small size: 24-lead, 4 x 4 mm
QFN
High Speed Clock Distribution
Ethernet Switch/Router
SONET / SDH
PCI Express 2.0/3.0
Fibre Channel
MSAN/DSLAM/PON
Telecom Line Cards
Single-ended
or
Differential
Single-ended
or
Differential
Si5330
OEB
Control
LOS
IN
VDD
VDDO0
CLK0
VDDO1
CLK1
VDDO2
CLK2
VDDO3
CLK3
Ordering Information:
See page 14.
Pin Assignments
IN3
IN2
IN1
CLK2B
CLK2A
VDDO2
VDDO1
CLK1B
CLK1A
RSVD_GND
GND
GND
RSVD_GND
RSVD_GND
24
23
22
21
20
19
7
8
9
10
11
12


Numéro de pièce similaire - SI5330F-A00214-GM

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI5330F-A00214-GM SILABS-SI5330F-A00214-GM Datasheet
158Kb / 20P
   1.8/2.5/3.3 V LOW-JITTER, LOW-SKEW CLOCK BUFFER/LEVEL TRANSLATOR
Si5330F-A00214-GM SILABS-Si5330F-A00214-GM Datasheet
41Kb / 1P
   The Si5330 Clock Buffer datasheet v1.0 is now available
More results

Description similaire - SI5330F-A00214-GM

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX9830AEVKIT MAXIM-MAX9830AEVKIT Datasheet
905Kb / 4P
   Differential or Single-Ended Input
Rev 0; 8/09
logo
Texas Instruments
DEM-ADS807E TI1-DEM-ADS807E_14 Datasheet
328Kb / 9P
[Old version datasheet]   SINGLE-ENDED OR DIFFERENTIAL INPUT CONFIGURATION
logo
Maxim Integrated Produc...
MAX1181EVKIT MAXIM-MAX1181EVKIT Datasheet
497Kb / 9P
   Single-Ended or Fully Differential Signal Input Configuration
Rev 2; 7/02
MAX1211EVKIT MAXIM-MAX1211EVKIT Datasheet
544Kb / 13P
   Fully Differential or Single-Ended Signal Input Configuration
Rev 1; 6/05
MAX1448EVKIT MAXIM-MAX1448EVKIT Datasheet
342Kb / 6P
   Single-Ended or Fully Differential Signal Input Configuration
Rev 2; 11/03
logo
Integrated Device Techn...
ICS849S625I IDT-ICS849S625I Datasheet
639Kb / 24P
   Ten selectable differential LVPECL or LVDS outputs
ICS859S0424I IDT-ICS859S0424I Datasheet
909Kb / 24P
   Four programmable differential LVPECL or LVDS output pairs
logo
Analog Devices
AD7266BSUZ-REEL AD-AD7266BSUZ-REEL Datasheet
644Kb / 28P
   Differential/Single-Ended Input, Dual
REV. B
logo
Integrated Device Techn...
ICS8S89833I IDT-ICS8S89833I Datasheet
722Kb / 16P
   Four differential LVDS outputs
logo
Unisonic Technologies
PA3138G-P14-R UTC-PA3138G-P14-R Datasheet
166Kb / 6P
   Differential Input and Single-Ended Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com