Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI5330C-A00208-GM Fiches technique(PDF) 8 Page - Silicon Laboratories

No de pièce SI5330C-A00208-GM
Description  Supports single-ended or differential input clock singnals Generates four differential (LVPECL, LVDS, HCSL) or eight single-ended (CMOS, SSTL, HSTL) outputs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5330C-A00208-GM Fiches technique(HTML) 8 Page - Silicon Laboratories

Back Button SI5330C-A00208-GM Datasheet HTML 4Page - Silicon Laboratories SI5330C-A00208-GM Datasheet HTML 5Page - Silicon Laboratories SI5330C-A00208-GM Datasheet HTML 6Page - Silicon Laboratories SI5330C-A00208-GM Datasheet HTML 7Page - Silicon Laboratories SI5330C-A00208-GM Datasheet HTML 8Page - Silicon Laboratories SI5330C-A00208-GM Datasheet HTML 9Page - Silicon Laboratories SI5330C-A00208-GM Datasheet HTML 10Page - Silicon Laboratories SI5330C-A00208-GM Datasheet HTML 11Page - Silicon Laboratories SI5330C-A00208-GM Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Si5330
8
Rev. 1.0
Table 9. Absolute Maximum Ratings1,2,3,4,5
Parameter
Symbol
Test Condition
Value
Unit
DC Supply Voltage
VDD
–0.5 to 3.8
V
Storage Temperature Range
TSTG
–55 to 150
°C
ESD Tolerance
HBM
(100 pF, 1.5 k
)
2.5
kV
ESD Tolerance
CDM
550
V
ESD Tolerance
MM
175
V
Latch-up Tolerance
JESD78 Compliant
Junction Temperature
TJ
150
°C
Soldering Temperature
(Pb-free profile)5
TPEAK
260
°C
Soldering Temperature Time at TPEAK
(Pb-free profile)5
TP
20–40
sec
Notes:
1. Permanent device damage may occur if the Absolute Maximum Ratings are exceeded. Functional operation should be
restricted to the conditions as specified in the operational sections of this data sheet. Exposure to maximum rating
conditions for extended periods may affect device reliability.
2. 24-QFN package is RoHS compliant.
3. For more packaging information, go to www.silabs.com/support/quality/pages/RoHSInformation.aspx.
4. Moisture sensitivity level is MSL3.
5. Recommended card reflow profile is per the JEDEC/IPC J-STD-020 specification for Small Body Components.


Numéro de pièce similaire - SI5330C-A00208-GM

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI5330C-A00208-GM SILABS-SI5330C-A00208-GM Datasheet
158Kb / 20P
   1.8/2.5/3.3 V LOW-JITTER, LOW-SKEW CLOCK BUFFER/LEVEL TRANSLATOR
Si5330C-A00208-GM SILABS-Si5330C-A00208-GM Datasheet
41Kb / 1P
   The Si5330 Clock Buffer datasheet v1.0 is now available
More results

Description similaire - SI5330C-A00208-GM

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX9830AEVKIT MAXIM-MAX9830AEVKIT Datasheet
905Kb / 4P
   Differential or Single-Ended Input
Rev 0; 8/09
logo
Texas Instruments
DEM-ADS807E TI1-DEM-ADS807E_14 Datasheet
328Kb / 9P
[Old version datasheet]   SINGLE-ENDED OR DIFFERENTIAL INPUT CONFIGURATION
logo
Maxim Integrated Produc...
MAX1181EVKIT MAXIM-MAX1181EVKIT Datasheet
497Kb / 9P
   Single-Ended or Fully Differential Signal Input Configuration
Rev 2; 7/02
MAX1211EVKIT MAXIM-MAX1211EVKIT Datasheet
544Kb / 13P
   Fully Differential or Single-Ended Signal Input Configuration
Rev 1; 6/05
MAX1448EVKIT MAXIM-MAX1448EVKIT Datasheet
342Kb / 6P
   Single-Ended or Fully Differential Signal Input Configuration
Rev 2; 11/03
logo
Integrated Device Techn...
ICS849S625I IDT-ICS849S625I Datasheet
639Kb / 24P
   Ten selectable differential LVPECL or LVDS outputs
ICS859S0424I IDT-ICS859S0424I Datasheet
909Kb / 24P
   Four programmable differential LVPECL or LVDS output pairs
logo
Analog Devices
AD7266BSUZ-REEL AD-AD7266BSUZ-REEL Datasheet
644Kb / 28P
   Differential/Single-Ended Input, Dual
REV. B
logo
Integrated Device Techn...
ICS8S89833I IDT-ICS8S89833I Datasheet
722Kb / 16P
   Four differential LVDS outputs
logo
Unisonic Technologies
PA3138G-P14-R UTC-PA3138G-P14-R Datasheet
166Kb / 6P
   Differential Input and Single-Ended Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com