Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CB052E0564 Fiches technique(PDF) 2 Page - AVX Corporation

No de pièce CB052E0564
Description  Film Chip Capacitors PET-HT DIELECTRIC ??CB Series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVX [AVX Corporation]
Site Internet  http://www.avx.com
Logo AVX - AVX Corporation

CB052E0564 Fiches technique(HTML) 2 Page - AVX Corporation

  CB052E0564 Datasheet HTML 1Page - AVX Corporation CB052E0564 Datasheet HTML 2Page - AVX Corporation CB052E0564 Datasheet HTML 3Page - AVX Corporation CB052E0564 Datasheet HTML 4Page - AVX Corporation CB052E0564 Datasheet HTML 5Page - AVX Corporation CB052E0564 Datasheet HTML 6Page - AVX Corporation CB052E0564 Datasheet HTML 7Page - AVX Corporation CB052E0564 Datasheet HTML 8Page - AVX Corporation CB052E0564 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
11
Film Chip Capacitors
PET-HT DIELECTRIC – CB Series
CAPACITANCE VALUES (CR) AND NOMINAL VOLTAGES (VR)
VOLTAGE Vdc: 63V Vac: 40V
Capacitance
Chip Dimensions
Reel
Range
Ordering
*Tolerances
Tape Dimensions
Reel Dimensions
Packaging Unit
Pkg
(CR)
Code
(page 6)
Code
L
W
H max
T
W
P1
K0
A
W1
W2 max
Bulk
Reel
0.270μF
CB042D0274+ --
5.8
5.0
2.8
0.8
12.0
8.0
3.1
330
12.4
18.4
1500
3000
BC
(0.228)
(0.195)
(0.110)
(0.032)
(0.472)
(0.315)
(0.122)
(12.99)
(0.488)
(0.724)
0.330μF
CB042D0334+ --
5.80
5.00
3.30
0.80
12.0
8.00
3.45
330
12.4
18.4
1500
2800
BC
(0.228)
(0.195)
(0.130)
(0.032)
(0.472)
(0.315)
(0.136)
(12.99)
(0.488)
(0.724)
0.390
CB042D0394++ --
5.80
5.00
3.40
0.80
12.0
8.00
3.45
330
12.4
18.4
1500
2800
BC
(0.228)
(0.195)
(0.134)
(0.032)
(0.472)
(0.315)
(0.136)
(12.99)
(0.488)
(0.724)
0.470
CB042D0474+ --
5.80
5.00
3.50
0.80
12.0
8.00
4.10
330
12.4
18.4
1500
2300
BC
(0.228)
(0.195)
(0.138)
(0.032)
(0.472)
(0.315)
(0.162)
(12.99)
(0.488)
(0.724)
0.560
CB042D0564+ --
5.80
5.00
3.50
0.80
12.0
8.00
4.10
330
12.4
18.4
1500
2300
BC
(0.228)
(0.195)
(0.138)
(0.032)
(0.472)
(0.315)
(0.162)
(12.99)
(0.488)
(0.724)
0.680
CB042D0684+ --
5.80
5.00
4.00
0.80
12.0
8.00
4.10
330
12.4
18.4
1500
2300
BC
(0.228)
(0.195)
(0.158)
(0.032)
(0.472)
(0.315)
(0.162)
(12.99)
(0.488)
(0.724)
0.820
CB052D0824+ --
7.2
6.1
3.7
0.8
24.0
12
3.8
330
24.4
30.4
1000
2250
BC
(0.283)
(0.24)
(0.146)
(0.032)
(0.944)
(0.472)
(0.149)
(12.99)
(0.96)
(1.196)
1μF
CB052D0105+ --
7.2
6.1
3.7
0.8
24.0
12
3.8
330
24.4
30.4
1000
2250
BC
(0.283)
(0.24)
(0.146)
(0.032)
(0.944)
(0.472)
(0.149)
(12.99)
(0.96)
(1.196)
1.5
CB052D0155+ --
7.20
6.10
5.30
0.80
16.0
12.0
5.50
330
16.4
22.4
1000
1000
BC
(0.283)
(0.240)
(0.209)
(0.032)
(0.629)
(0.472)
(0.216)
(12.99)
(0.645)
(0.881)
2.2
CB162D0225+ --
10.5
7.6
5.8
0.8
24.0
12
6.19
330
24.4
30.4
500
900
BC
(0.413)
(0.299)
(0.229)
(0.032)
(0.944)
(0.472)
(0.244)
(12.99)
(0.96)
(1.196)
3.3
CB172D0335+ --
12.8
10.2
5.50
0.80
24.0
16.0
5.70
330
24.4
30.4
300
700
BC
(0.503)
(0.401)
(0.216)
(0.032)
(0.944)
(0.629)
(0.224)
(12.99)
(0.961)
(1.196)
4.7μF
CB182D0475+ --
15.3
13.7
4.90
0.80
24.0
24.0
5.50
330
24.4
30.4
300
500
BC
(0.601)
(0.539)
(0.193)
(0.032)
(0.944)
(0.944)
(0.216)
(12.99)
(0.961)
(1.196)
VOLTAGE Vdc: 100V Vac: 63V
0.180μF
CB042E0184+ --
5.8
5.0
2.3
0.8
12.0
8.0
2.43
330
12.4
18.4
1500
3500
BC
(0.228)
(0.195)
(0.091)
(0.032)
(0.472)
(0.315)
(0.096)
(12.99)
(0.488)
(0.724)
0.220μF
CB042E0224+ --
5.80
5.00
3.30
0.80
12.0
8.00
3.45
330
12.4
18.4
1500
3000
BC
(0.228)
(0.195)
(0.130)
(0.032)
(0.472)
(0.315)
(0.136)
(12.99)
(0.488)
(0.724)
0.270μF
CB042E0274 +--
5.8
5.0
3.4
0.8
12.0
8.0
3.45
330
12.4
18.4
1500
2800
BC
(0.228)
(0.195)
(0.134)
(0.032)
(0.472)
(0.315)
(0.136)
(12.99)
(0.488)
(0.724)
0.330
CB042E0334+ --
5.80
5.00
4.00
0.80
12.0
8.00
4.10
330
12.4
18.4
1500
2300
BC
(0.228)
(0.195)
(0.158)
(0.032)
(0.472)
(0.315)
(0.161)
(12.99)
(0.488)
(0.724)
0.390
CB042E0394+ --
5.80
5.00
3.90
0.80
12.0
8.00
4.10
330
12.4
18.4
1500
2300
BC
(0.228)
(0.195)
(0.154)
(0.032)
(0.472)
(0.315)
(0.161)
(12.99)
(0.488)
(0.724)
0.470
CB042E0474+ --
5.80
5.00
4.30
0.80
12.0
8.0
4.50
330
12.4
18.4
1500
1900
BC
(0.228)
(0.195)
(0.169)
(0.032)
(0.472)
(0.315)
(0.177)
(12.99)
(0.488)
(0.724)
0.560
CB052E0564+ --
7.20
6.10
4.20
0.80
16.0
12.0
4.80
330
16.4
22.4
1000
1800
BC
(0.283)
(0.240)
(0.165)
(0.032)
(0.629)
(0.472)
(0.189)
(12.99)
(0.645)
(0.881)
0.680
CB052E0684+ --
7.20
6.10
5.00
0.80
16.0
12.0
5.23
330
16.4
22.4
1000
1100
BC
(0.283)
(0.240)
(0.197)
(0.032)
(0.629)
(0.472)
(0.206)
(12.99)
(0.645)
(0.881)
0.820
CB052E0824+ --
7.20
6.10
4.70
0.80
16.0
12.0
4.80
330
16.4
22.4
1000
1800
BC
(0.283)
(0.240)
(0.185)
(0.032)
(0.629)
(0.472)
(0.189)
(12.99)
(0.645)
(0.881)
1μF
CB052E0105+ --
7.20
6.10
5.70
0.80
16.0
12.0
5.90
330
16.4
22.4
1000
900
BC
(0.283)
(0.240)
(0.224)
(0.032)
(0.629)
(0.472)
(0.232)
(12.99)
(0.645)
(0.881)
1.5
CB162E0155+ --
10.5
7.60
6.10
0.80
24.0
12.0
6.19
330
24.4
30.4
500
900
BC
(0.413)
(0.299)
(0.240)
(0.032)
(0.944)
(0.472)
(0.244)
(12.99)
(0.961)
(1.196)
Replace the + by the tolerance code:
J = 5% or K = 10%
Replace the -- by the packaging suffix: -- = bulk
BC = tape & reel
millimeters (inches)
W
L
H
T


Numéro de pièce similaire - CB052E0564

FabricantNo de pièceFiches techniqueDescription
logo
Marathon Special Produc...
CB0501A MARATHON-CB0501A Datasheet
136Kb / 1P
   COVERS - DOUBLE ROW
DEC 2020
CB0501B MARATHON-CB0501B Datasheet
136Kb / 1P
   COVERS - DOUBLE ROW
DEC 2020
CB0501C MARATHON-CB0501C Datasheet
136Kb / 1P
   COVERS - DOUBLE ROW
DEC 2020
CB0501D MARATHON-CB0501D Datasheet
136Kb / 1P
   COVERS - DOUBLE ROW
DEC 2020
CB0501X MARATHON-CB0501X Datasheet
136Kb / 1P
   COVERS - DOUBLE ROW
DEC 2020
More results

Description similaire - CB052E0564

FabricantNo de pièceFiches techniqueDescription
logo
AVX Corporation
CB017C0102 AVX-CB017C0102 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC CB Series
CB037E0104JBA AVX-CB037E0104JBA Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC ??CB Series
logo
Cornell Dubilier Electr...
225K100RA3-FA CDE-225K100RA3-FA Datasheet
220Kb / 4P
   Radial PET Film Capacitors
logo
Thermtrol Corporation
932A-100 THERMTROL-932A-100 Datasheet
305Kb / 2P
   SURFACE MOUNT FILM PET HIGH CV
logo
FERYSTER Inductive Comp...
ETD39-K-V-16P FERYSTER-ETD39-K-V-16P Datasheet
127Kb / 1P
   PET FR530
logo
World Produts Inc.
PCPW223 WPI-PCPW223 Datasheet
192Kb / 6P
   Low inductive wound cell of metalized(PET) film
logo
List of Unclassifed Man...
FKS2D011001A00JSSD ETC1-FKS2D011001A00JSSD Datasheet
277Kb / 7P
   Polyester (PET) Film and Foil Capacitors for Pulse Applications in PCM 5 mm
logo
FERYSTER Inductive Comp...
ETD29-K-H-5-08 FERYSTER-ETD29-K-H-5-08 Datasheet
141Kb / 1P
   PET FR530
logo
AVX Corporation
CB037D0224JBA AVX-CB037D0224JBA Datasheet
844Kb / 19P
   Film Chip Capacitors
CB018B0102 AVX-CB018B0102 Datasheet
371Kb / 8P
   Film Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com