Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CB042E0334 Fiches technique(PDF) 9 Page - AVX Corporation

No de pièce CB042E0334
Description  Film Chip Capacitors PET-HT DIELECTRIC ??CB Series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVX [AVX Corporation]
Site Internet  http://www.avx.com
Logo AVX - AVX Corporation

CB042E0334 Fiches technique(HTML) 9 Page - AVX Corporation

Back Button CB042E0334 Datasheet HTML 2Page - AVX Corporation CB042E0334 Datasheet HTML 3Page - AVX Corporation CB042E0334 Datasheet HTML 4Page - AVX Corporation CB042E0334 Datasheet HTML 5Page - AVX Corporation CB042E0334 Datasheet HTML 6Page - AVX Corporation CB042E0334 Datasheet HTML 7Page - AVX Corporation CB042E0334 Datasheet HTML 8Page - AVX Corporation CB042E0334 Datasheet HTML 9Page - AVX Corporation CB042E0334 Datasheet HTML 10Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
18
Film Chip Capacitors
PET-HT DIELECTRIC – CB Series
RMS VOLTAGE AND CURRENT VERSUS FREQUENCY
MAXIMUM PULSE RISE TIME (DV/DT)
MAXIMUM VOLTAGE (VRMS) AND CURRENT (IRMS) VS FREQUENCY
Typical curves results from measurement carried out at ambient temperature (25ºC) and sinusoidal wave-forms
(for size CB04 to CB18)
0
20
40
60
80
100
120
140
160
180
200
220
0.1
1
10
100
1000
10000
FREQUENCY (kHz)
0.47µF
0.1µF
0.01µF
0
0.5
1
0.1
1
10
100
1000
10000
FREQUENCY (kHz)
0.47µF
0.1µF
0.01µF
400 Vdc / 200 Vac
400 Vdc / 200 Vac
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
0.1
1
10
100
1000
10000
FREQUENCY (kHz)
0.27µF
0.1µF
0.01µF
0
0.5
1
0.1
1
10
100
1000
10000
FREQUENCY (kHz)
0.27µF
0.1µF
0.01µF
630 Vdc / 250 Vac
630 Vdc / 250 Vac
Voltage Range
63
100
250
400
630
Dv/dt max.
40
50
150
200
250
(V/µsec)


Numéro de pièce similaire - CB042E0334

FabricantNo de pièceFiches techniqueDescription
logo
AVX Corporation
CB047D0334 AVX-CB047D0334 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC ??CB Series
CB047D0474 AVX-CB047D0474 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC ??CB Series
CB047D0564 AVX-CB047D0564 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC ??CB Series
CB047D0684 AVX-CB047D0684 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC ??CB Series
CB047E0124 AVX-CB047E0124 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC ??CB Series
More results

Description similaire - CB042E0334

FabricantNo de pièceFiches techniqueDescription
logo
AVX Corporation
CB017C0102 AVX-CB017C0102 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC CB Series
CB037E0104JBA AVX-CB037E0104JBA Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC ??CB Series
logo
Cornell Dubilier Electr...
225K100RA3-FA CDE-225K100RA3-FA Datasheet
220Kb / 4P
   Radial PET Film Capacitors
logo
Thermtrol Corporation
932A-100 THERMTROL-932A-100 Datasheet
305Kb / 2P
   SURFACE MOUNT FILM PET HIGH CV
logo
FERYSTER Inductive Comp...
ETD39-K-V-16P FERYSTER-ETD39-K-V-16P Datasheet
127Kb / 1P
   PET FR530
logo
World Produts Inc.
PCPW223 WPI-PCPW223 Datasheet
192Kb / 6P
   Low inductive wound cell of metalized(PET) film
logo
List of Unclassifed Man...
FKS2D011001A00JSSD ETC1-FKS2D011001A00JSSD Datasheet
277Kb / 7P
   Polyester (PET) Film and Foil Capacitors for Pulse Applications in PCM 5 mm
logo
FERYSTER Inductive Comp...
ETD29-K-H-5-08 FERYSTER-ETD29-K-H-5-08 Datasheet
141Kb / 1P
   PET FR530
logo
AVX Corporation
CB037D0224JBA AVX-CB037D0224JBA Datasheet
844Kb / 19P
   Film Chip Capacitors
CB018B0102 AVX-CB018B0102 Datasheet
371Kb / 8P
   Film Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com