Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI3050-E-GSR Fiches technique(PDF) 8 Page - Silicon Laboratories

No de pièce SI3050-E-GSR
Description  PCM highway data interface law A-law companding SPI control interface GCl interface
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3050-E-GSR Fiches technique(HTML) 8 Page - Silicon Laboratories

Back Button SI3050-E-GSR Datasheet HTML 4Page - Silicon Laboratories SI3050-E-GSR Datasheet HTML 5Page - Silicon Laboratories SI3050-E-GSR Datasheet HTML 6Page - Silicon Laboratories SI3050-E-GSR Datasheet HTML 7Page - Silicon Laboratories SI3050-E-GSR Datasheet HTML 8Page - Silicon Laboratories SI3050-E-GSR Datasheet HTML 9Page - Silicon Laboratories SI3050-E-GSR Datasheet HTML 10Page - Silicon Laboratories SI3050-E-GSR Datasheet HTML 11Page - Silicon Laboratories SI3050-E-GSR Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 112 page
background image
Si3050 + Si3018/19
8
Rev. 1.31
Table 4. AC Characteristics
(VD = 3.0 to 3.6 V, TA = 0 to 70 °C for F/K-Grade, Fs = 8000 Hz, see "2. Typical Application Schematic" on page 17)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Sample Rate
Fs
8
16
kHz
PCLK Input Frequency
PCLK
256
8192
kHz
Receive Frequency Response
Low –3 dBFS Corner, FILT = 0
5
Hz
Receive Frequency Response
Low –3 dBFS Corner, FILT = 1
200
Hz
Transmit Full-Scale Level1
VFS
FULL = 0 (0 dBm)
1.1
VPEAK
FULL = 1 (+3.2 dBm)2
—1.58
VPEAK
FULL2=1(+6.0 dBm)2
—2.16
VPEAK
Receive Full-Scale Level1,3
VFS
FULL = 0 (0 dBm)
1.1
VPEAK
FULL = 1 (+3.2 dBm)2
—1.58
VPEAK
FULL2=1(+6.0 dBm)2
—2.16
VPEAK
Dynamic Range4,5,6
DR
ILIM = 0, DCV = 11, MINI=00
DCR = 0, IL =100 mA
—80
dB
Dynamic Range4,5,6
DR
ILIM = 0, DCV = 00, MINI=11
DCR = 0, IL =20mA
—80
dB
Dynamic Range4,5,6
DR
ILIM = 1, DCV = 11, MINI=00
DCR = 0, IL =50mA
—80
dB
Transmit Total Harmonic
Distortion6,7
THD
ILIM = 0, DCV = 11, MINI=00
DCR = 0, IL =100 mA
—–72
dB
Transmit Total Harmonic
Distortion6,7
THD
ILIM = 0, DCV = 00, MINI=11
DCR = 0, IL =20mA
—–78
dB
Receive Total Harmonic
Distortion6,7
THD
ILIM = 0, DCV = 00, MINI=11
DCR = 0, IL =20mA
—–78
dB
Receive Total Harmonic
Distortion6,7
THD
ILIM = 1,DCV = 11, MINI=00
DCR = 0, IL =50mA
—–78
dB
Notes:
1. Measured at TIP and RING with 600
termination at 1 kHz, as shown in Figure 1 on page 6.
2. With FULL = 1, the transmit and receive full-scale level of +3.2 dBm can be achieved with a 600
 ac termination. While
the transmit and receive level in dBm varies with reference impedance, the DAA will transmit and receive 1 dBV into all
reference impedances. With FULL2 = 1, the transmit and receive full-scale level of +6.0 dBm can be achieved with a
600
 termination. In this mode, the DAA will transmit and receive +1.5 dBV into all reference impedances.
3. Receive full-scale level produces –0.9 dBFS at DTX.
4. DR = 20 x log (RMS VFS/RMS Vin) + 20 x log (RMS Vin/RMS noise). The RMS noise measurement excludes harmonics.
Here, VFS is the 0 dBm full-scale level per Note 1 above.
5. Measurement is 300 to 3400 Hz. Applies to both transmit and receive paths.
6. Vin=1kHz, –3 dBFS.
7. THD = 20 x log (RMS distortion/RMS signal).
8. DRCID = 20 x log (RMS VCID/RMS VIN) + 20 x log (RMS VIN/RMS noise). VCID is the 1.5 V full-scale level with the
enhanced caller ID circuit. With the typical CID circuit, the VCID full-scale level is 6 V peak, and the DRCID decreases to
50 dB.
9. Refer to Tables 10–11 for relative gain accuracy characteristics (passband ripple).
10. Analog hybrid only. ZACIM controlled by ACIM in Register 30.


Numéro de pièce similaire - SI3050-E-GSR

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI3050-E-GSR SILABS-SI3050-E-GSR Datasheet
1Mb / 112P
   GLOBAL VOICE DAA
More results

Description similaire - SI3050-E-GSR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCM2911A TI-TCM2911A Datasheet
165Kb / 2P
[Old version datasheet]   PCM A-law codec
TMS320F28379S TI1-TMS320F28379S_16 Datasheet
2Mb / 213P
[Old version datasheet]   Programmable Control Law Accelerator
PCM5100 TI1-PCM5100_15 Datasheet
1Mb / 35P
[Old version datasheet]   384kHz PCM Interface
logo
ams AG
AS3693C-9 AMSCO-AS3693C-9 Datasheet
1Mb / 30P
   SPI interface
logo
Device Engineering Inco...
DEI1090 DEIAZ-DEI1090 Datasheet
321Kb / 13P
   LED Driver with Square-Law Dimming Control
logo
Exar Corporation
XRT5683A EXAR-XRT5683A Datasheet
110Kb / 12P
   PCM Line Interface Chip
XR-T5683A EXAR-XR-T5683A Datasheet
110Kb / 12P
   PCM Line Interface Chip
XRT5683AIP-F EXAR-XRT5683AIP-F Datasheet
93Kb / 12P
   PCM Line Interface Chip
logo
Rohm
BA6138 ROHM-BA6138 Datasheet
106Kb / 4P
   Square-law compression amplifiers
logo
List of Unclassifed Man...
S3506I ETC1-S3506I Datasheet
1Mb / 16P
   CMOS Single Chip u-Law / A-Law Synchronous Combo Codecs With Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com