Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI8600AD-B-IS Fiches technique(PDF) 7 Page - Silicon Laboratories

No de pièce SI8600AD-B-IS
Description  Independent, bidirectional SDA and SCL isolation channels Open drain outputs with 35 mA sink current
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8600AD-B-IS Fiches technique(HTML) 7 Page - Silicon Laboratories

Back Button SI8600AD-B-IS Datasheet HTML 3Page - Silicon Laboratories SI8600AD-B-IS Datasheet HTML 4Page - Silicon Laboratories SI8600AD-B-IS Datasheet HTML 5Page - Silicon Laboratories SI8600AD-B-IS Datasheet HTML 6Page - Silicon Laboratories SI8600AD-B-IS Datasheet HTML 7Page - Silicon Laboratories SI8600AD-B-IS Datasheet HTML 8Page - Silicon Laboratories SI8600AD-B-IS Datasheet HTML 9Page - Silicon Laboratories SI8600AD-B-IS Datasheet HTML 10Page - Silicon Laboratories SI8600AD-B-IS Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
Rev. 1.2
7
Si860x
Table 4. Electrical Characteristics for Unidirectional Non-I2C Digital Channels (Si8602/05/06)
3.0 V < VDD < 5.5 V. TA = –40 to +125 °C. Typical specs at 25 °C
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Positive-Going Input
Threshold
VT+
All inputs rising
1.4
1.67
1.9
V
Negative-Going Input
Threshold
VT–
All inputs falling
1.0
1.23
1.4
V
Input Hysteresis
VHYS
0.38
0.44
0.50
V
High Level Input Voltage
VIH
2.0
V
Low Level Input Voltage
VIL
——
0.8
V
High Level Output Voltage
VOH
loh = –4 mA
AVDD, BVDD
–0.4
4.8
V
Low Level Output Voltage
VOL
lol = 4 mA
0.2
0.4
V
Input Leakage Current
IL
——
±10
µA
Output Impedance1
ZO
—50
Timing Characteristics
Maximum Data Rate
0
10
Mbps
Minimum Pulse Width
40
ns
Propagation Delay
tPHL, tPLH
See Figure 1
20
ns
Pulse Width Distortion
|tPLH – tPHL|
PWD
See Figure 1
12
ns
Propagation Delay Skew2
tPSK(P-P)
20
ns
Channel-Channel Skew
tPSK
10
ns
Output Rise Time
tr
C3 =15pF
See Figure 1 and
Figure 2
—2.5
4.0
ns
Output Fall Time
tf
C3 =15pF
See Figure 1 and
Figure 2
—2.5
4.0
ns
Peak Eye Diagram Jitter
tJIT(PK)
350
ps
Notes:
1. The nominal output impedance of a non-I2C isolator driver channel is approximately 50
, ±40%, which is a
combination of the value of the on-chip series termination resistor and channel resistance of the output driver FET.
When driving loads where transmission line effects will be a factor, output pins should be appropriately terminated with
controlled impedance PCB traces.
2. tPSK(P-P) is the magnitude of the difference in propagation delay times measured between different units operating at
the same supply voltages, load, and ambient temperature.


Numéro de pièce similaire - SI8600AD-B-IS

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI8600AD-B-IS SKYWORKS-SI8600AD-B-IS Datasheet
718Kb / 39P
   Bidirectional I2C Isolators with Unidirectional Digital Channels
December 14, 2021
More results

Description similaire - SI8600AD-B-IS

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC2G07 PHILIPS-74LVC2G07 Datasheet
82Kb / 13P
   Buffers with open-drain outputs
2004 Sep 08
74HC3G07 PHILIPS-74HC3G07 Datasheet
80Kb / 14P
   Buffer with open-drain outputs
2003 Oct 15
74LVC2G06 NXP-74LVC2G06 Datasheet
88Kb / 15P
   Inverters with open-drain outputs
Rev. 03-21 May 2007
logo
Unisonic Technologies
U74LVC2G07 UTC-U74LVC2G07_15 Datasheet
194Kb / 5P
   BUFFERS WITH OPEN-DRAIN OUTPUTS
U74LVC2G06 UTC-U74LVC2G06 Datasheet
173Kb / 5P
   INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Nexperia B.V. All right...
74LVC2G06 NEXPERIA-74LVC2G06 Datasheet
256Kb / 17P
   Inverters with open-drain outputs
Rev. 9 - 24 January 2022
logo
NXP Semiconductors
74LVC2G07GM PHILIPS-74LVC2G07GM Datasheet
200Kb / 18P
   Buffers with open-drain outputs
Rev. 7-4 July 2012
logo
Unisonic Technologies
U74LVC2G06 UTC-U74LVC2G06_15 Datasheet
173Kb / 5P
   INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
NXP Semiconductors
74LVC2G07 NXP-74LVC2G07 Datasheet
88Kb / 15P
   Buffers with open-drain outputs
Rev. 04-21 May 2007
logo
Nexperia B.V. All right...
74LVC2G06-Q100 NEXPERIA-74LVC2G06-Q100 Datasheet
779Kb / 13P
   Inverters with open-drain outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com