Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI1000-C Fiches technique(PDF) 1 Page - Silicon Laboratories

No de pièce SI1000-C
Description  Typical sleep mode current 0.1 A retains state and RAM contents over full supply range fast wakeup of 2 s
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI1000-C Fiches technique(HTML) 1 Page - Silicon Laboratories

  SI1000-C Datasheet HTML 1Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Wireless MCU
Copyright © 2010 by Silicon Laboratories
1.15.10
CIP-51 8051
Controller Core
64k Byte ISP Flash
Program Memory
256 Byte SRAM
SFR
Bus
4096 Byte XRAM
VDD
XTAL1
SYSCLK
System Clock
Configuration
External
Oscillator
Circuit
Precision
24.5 MHz
Oscillator
Debug /
Programming
Hardware
Power On
Reset/PMU
Reset
C2D
C2CK/RST
Wake
XTAL2
Low Power
20 MHz
Oscillator
smaRTClock
Oscillator
XTAL3
XTAL4
GND
VREG
CRC
Engine
RXp
RXn
TX
XIN
XOUT
Analog Peripherals
Comparators
+
-
10-bit
300ksps
ADC
A
M
U
X
Temp
Sensor
External
VREF
Internal
VREF
VDD
6-bit
IREF
VREF
GND
IREF0
CP0, CP0A
+
-
CP1, CP1A
XCVR
(240-960 MHz)
OSC
PA
LNA
AGC
Digital
Modem
Delta
Sigma
Modulator
Digital
Logic
Mixer
PGA
ADC
Port I/O
Config
Digital Peripherals
UART
Timers 0,
1, 2, 3
PCA/
WDT
SMBus
Priority
Crossbar
Decoder
Transceiver Control Interface
SPI 0
22
ANALOG &
DIGITAL I/O
Si1000-C
Ultra-Low Power 64 kB, 10-bit ADC
MCU with Integrated 240–960 MHz Transceiver
Supply Voltage: 1.8 to 3.6 V
- Typical sleep mode current < 0.1 µA; retains state and RAM
contents over full supply range; fast wakeup of < 2 µs
- Two built-in brown-out detectors cover sleep and active modes
10-Bit Analog to Digital Converter
- Up to 300 ksps
- Up to 18 external inputs
- External pin or internal VREF (no external capacitor required)
- Built-in temperature sensor (±3 °C); no calibration required
- External conversion start input option
- Autonomous burst mode with 16-bit automatic averaging 
accumulator
Dual Comparators
- Programmable hysteresis and response time
- Configurable as interrupt or reset source
- Low current (< 0.5 µA)
Memory
- 64 kB bytes Flash; in-system programmable in 1024-byte 
sectors; full read/write/erase functionality over the entire
supply range
- 4352 bytes internal data RAM (256 + 4K)
On-Chip Debug
- On-chip debug circuitry facilitates full speed, non-intrusive in-
system debug (no emulator required)
High-Speed 8051 µC Core
- Pipe-lined instruction architecture; executes 70% of instructions
in 1 or 2 system clocks
- 25 MIPS peak throughput with 25 MHz clock
Development Kit: Si1000DK
Transceiver Features
- Frequency range = 240–960 MHz
- Sensitivity = –121 dBm
- FSK, GFSK, and OOK modulation
- Max output power = +20 dBm
- RF power consumption
- 18.5 mA receive
- 85 mA @ +20 dBm transmit
- Data rate = 0.123 to 256 kbps
- Auto-frequency calibration (AFC)
- Antenna diversity and transmit/receive switch control
- Programmable packet handler
- TX and RX 64 byte FIFOs
- Frequency hopping capability
- On-chip crystal tuning
Digital Peripherals
- 22 port I/O
- Hardware enhanced UART, SPI and I2C serial ports available
concurrently
- Low power 32-bit smaRTClock
- Four general purpose 16-bit counter/timers; six channel 
programmable counter array (PCA)
Clock Sources
- Precision internal oscillators: 24.5 MHz with ±2% accuracy sup-
ports UART operation; spread-spectrum mode for reduced EMI
- Low power 20 MHz internal oscillator
- External oscillator: crystal, RC, C, CMOS clock
- smaRTClock oscillator: 32.768 kHz crystal or self-oscillate
Ordering Part Number
-
Si1000-C-GM, 42-pin QFN 5 x 7 mm2


Numéro de pièce similaire - SI1000-C

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI1000-C-GM SILABS-SI1000-C-GM Datasheet
2Mb / 376P
   Ultra Low Power, 64/32 kB, 10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
More results

Description similaire - SI1000-C

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
ATA6629 ATMEL-ATA6629 Datasheet
829Kb / 26P
   Typically 10 關A Supply Current During Sleep Mode
ATA6622 ATMEL-ATA6622_10 Datasheet
1,007Kb / 31P
   Typically 10 關A Supply Current During Sleep Mode
logo
Texas Instruments
TPA6017A2 TI-TPA6017A2_13 Datasheet
3Mb / 81P
[Old version datasheet]   Introduction and Table of Contents
logo
Infineon Technologies A...
T1601N INFINEON-T1601N Datasheet
251Kb / 11P
   Full blocking 50/60Hz over a wide range temperature range
2011-05-02 Revision: 7.0
T1800N INFINEON-T1800N Datasheet
419Kb / 11P
   Full blocking 50/60Hz over a wide range temperature range
2012-11-15 Revision: 3.1
T2851N INFINEON-T2851N Datasheet
352Kb / 11P
   Full blocking 50/60Hz over a wide range temperature range
2017-03-17 Revision: 9.2
T1901N INFINEON-T1901N Datasheet
256Kb / 11P
   Full blocking 50/60Hz over a wide range temperature range
2011-05-02 Revision: 9.0
T3801N INFINEON-T3801N Datasheet
255Kb / 11P
   Full blocking 50/60Hz over a wide range temperature range
2011-05-02 Revision: 6.0
T501N INFINEON-T501N Datasheet
251Kb / 11P
   Full blocking 50/60Hz over a wide range temperature range
2011-05-02 Revision: 11.0
T1401N INFINEON-T1401N Datasheet
252Kb / 11P
   Full blocking 50/60Hz over a wide range temperature range
2011-05-02 Revision: 6.0
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com