Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AHCT123APW-Q100 Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce 74AHCT123APW-Q100
Description  Dual retriggerable monostable multivibrator with reset
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT123APW-Q100 Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button 74AHCT123APW-Q100 Datasheet HTML 7Page - NXP Semiconductors 74AHCT123APW-Q100 Datasheet HTML 8Page - NXP Semiconductors 74AHCT123APW-Q100 Datasheet HTML 9Page - NXP Semiconductors 74AHCT123APW-Q100 Datasheet HTML 10Page - NXP Semiconductors 74AHCT123APW-Q100 Datasheet HTML 11Page - NXP Semiconductors 74AHCT123APW-Q100 Datasheet HTML 12Page - NXP Semiconductors 74AHCT123APW-Q100 Datasheet HTML 13Page - NXP Semiconductors 74AHCT123APW-Q100 Datasheet HTML 14Page - NXP Semiconductors 74AHCT123APW-Q100 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
74AHC_AHCT123A_Q100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 23 May 2013
11 of 22
NXP Semiconductors
74AHC123A-Q100; 74AHCT123A-Q100
Dual retriggerable monostable multivibrator with reset
74AHCT123A-Q100
tpd
propagation
delay
nA and nB to nQ and nQ;
see Figure 7
[2]
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
5.0
12.0
1.0
14.0
1.0
15.5
ns
CL = 50 pF
-
7.1
14.0
1.0
16.0
1.0
17.5
ns
nRD to nQ and nQ;
see Figure 7
[2]
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
5.2
12.9
1.0
15.0
1.0
16.5
ns
CL = 50 pF
-
7.5
14.9
1.0
17.0
1.0
18.5
ns
nRD to nQ and nQ (reset);
see Figure 7
[2]
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
4.7
9.4
1.0
11.0
1.0
12.0
ns
CL = 50 pF
-
6.7
11.4
1.0
13.0
1.0
14.5
ns
tW
pulse width
inputs; nA = LOW;
CL = 50 pF; see Figure 7
VCC = 4.5 V to 5.5 V
5.0
-
-
5.0
-
5.0
-
ns
inputs; nB = HIGH;
CL = 50 pF; see Figure 7
VCC = 4.5 V to 5.5 V
5.0
-
-
5.0
-
5.0
-
ns
inputs; nRD = LOW;
CL = 50 pF; see Figure 7
VCC = 4.5 V to 5.5 V
5.0
-
-
5.0
-
5.0
-
ns
outputs; nQ = LOW and
nQ = HIGH; CL =50 pF;
Cext = 28 pF; Rext =2 k;
see Figure 7, Figure 8,
Figure 9 and Figure 10
[3]
VCC = 4.5 V to 5.5 V
-
100
200
-
240
-
240
ns
Cext = 0.01 F;
Rext =10k
VCC = 4.5 V to 5.5 V
90
100
110
90
110
85
115
s
Cext = 0.1 F; Rext =10k
VCC = 4.5 V to 5.5 V
0.9
1
1.1
0.9
1.1
0.85
1.15
ms
Table 7.
Dynamic characteristics …continued
GND = 0 V; For test circuit see Figure 12.
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ[1] Max
Min
Max
Min
Max


Numéro de pièce similaire - 74AHCT123APW-Q100

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AHCT123APW-Q100 NEXPERIA-74AHCT123APW-Q100 Datasheet
303Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
More results

Description similaire - 74AHCT123APW-Q100

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LV123 NXP-74LV123 Datasheet
134Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74AHC123A PHILIPS-74AHC123A Datasheet
111Kb / 24P
   Dual retriggerable monostable multivibrator with reset
2000 Mar 15
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
logo
Nexperia B.V. All right...
74LV123 NEXPERIA-74LV123 Datasheet
310Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 9 - 13 September 2021
74AHC123A-Q100 NEXPERIA-74AHC123A-Q100 Datasheet
303Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
logo
NXP Semiconductors
74LV423 PHILIPS-74LV423 Datasheet
156Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1997 Feb 04
74AHC_AHCT123A PHILIPS-74AHC_AHCT123A_15 Datasheet
315Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 4-8 November 2011
logo
Nexperia B.V. All right...
74AHCT123A NEXPERIA-74AHCT123A Datasheet
302Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 5 - 17 June 2020
logo
NXP Semiconductors
74LV123 PHILIPS-74LV123 Datasheet
145Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1998 Apr 20
74HC423D.653 NXP-74HC423D.653 Datasheet
295Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 6-19 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com