Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

80-68012-3H Fiches technique(PDF) 11 Page - Amphenol Corporation

No de pièce 80-68012-3H
Description  Type Standard Cylindrical Connectors
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMPHENOL [Amphenol Corporation]
Site Internet  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

80-68012-3H Fiches technique(HTML) 11 Page - Amphenol Corporation

Back Button 80-68012-3H Datasheet HTML 7Page - Amphenol Corporation 80-68012-3H Datasheet HTML 8Page - Amphenol Corporation 80-68012-3H Datasheet HTML 9Page - Amphenol Corporation 80-68012-3H Datasheet HTML 10Page - Amphenol Corporation 80-68012-3H Datasheet HTML 11Page - Amphenol Corporation 80-68012-3H Datasheet HTML 12Page - Amphenol Corporation 80-68012-3H Datasheet HTML 13Page - Amphenol Corporation 80-68012-3H Datasheet HTML 14Page - Amphenol Corporation 80-68012-3H Datasheet HTML 15Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 73 page
background image
10
MS/Standard
MS-E/F
MS-E & F
MS Class F connectors satisfy all the performance
requirements of MIL-DTL-5015. Class E, environmental
is also produced, but is no longer listed on the qualified
products listing (QPL). These connectors are recom-
mended for conditions where vibration, moisture, pres-
sure and/or temperature are extreme. Strain relief is
supplied on most shell sizes.
Shells:
Shell components are fabricated from high grade alumi-
num alloy. The standard hardware plating is electrically
conductive cadmium plated finish with an olive drab chro-
mate after-treatment for corrosion resistance. Consult
Amphenol, Sidney, NY for other plating options.
Contacts:
Contacts are silver plated copper alloy for maximum cor-
rosion resistance, maximum current carrying capacity
and low millivolt drop. Size 16 and 12 socket contacts
incorporate a closed entry design. Crimp and solder ver-
sions are available. Refer to pages 49, 67 and 68 for
additional contact information.
Inserts:
Resilient neoprene inserts provide an outstanding mois-
ture barrier, high dielectric strength, and resistance to
vibration. Either pin or socket insert can be pressurized.
Strain Relief Clamp:
Strain relief clamps minimize tension at the solder well
connection and provide a positive mechanical moisture
seal. Complete field serviceability is possible with the
strain relief clamp.
wall mounting receptacle
cable connecting plug
box mounting receptacle
straight plug
90 degree plug


Numéro de pièce similaire - 80-68012-3H

FabricantNo de pièceFiches techniqueDescription
logo
Amphenol Corporation
80-68012-3H AMPHENOL-80-68012-3H Datasheet
2Mb / 73P
   MS/Standard MS3106E/F straight plug
More results

Description similaire - 80-68012-3H

FabricantNo de pièceFiches techniqueDescription
logo
Amphenol Corporation
MS3102A14S-7S AMPHENOL-MS3102A14S-7S Datasheet
1Mb / 54P
   MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
MS3102E18-1S AMPHENOL-MS3102E18-1S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R28-21P AMPHENOL-MS3102R28-21P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3101A24-10S AMPHENOL-MS3101A24-10S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 ahd MIL-5015 Type Standard Cylindrical Connectors
MS3102A14S-6S AMPHENOL-MS3102A14S-6S Datasheet
2Mb / 73P
   AMPHENOL MIL-DTL-5015 AND MIL-5015 TYPE STANDARD CYLINDRICAL CONNECTORS
MS3106E14S-2S AMPHENOL-MS3106E14S-2S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102A12S-3S AMPHENOL-MS3102A12S-3S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R20-27S AMPHENOL-MS3102R20-27S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3106A22-6S AMPHENOL-MS3106A22-6S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com