Moteur de recherche de fiches techniques de composants électroniques |
|
CS3100A18-3SW Fiches technique(PDF) 3 Page - Amphenol Corporation |
|
CS3100A18-3SW Fiches technique(HTML) 3 Page - Amphenol Corporation |
3 / 73 page 2 This catalog covers Amphenol® MIL-DTL-5015 connectors and MIL-5015 type connectors. MIL-C-5015 has been replaced as follows: Environmental Classes F and R are updated to and produced in strict accordance to MIL-DTL-5015. Classes A, C and E are still produced, but are no longer listed on the qualified products listing (QPL). Amphenol gives the user the largest selection of MS/Standard cylindrical connectors available in the market place. This catalog is divided into three sections; the first section by service class, a second section by contacts and insert arrangements, and a third section for accessories. Each section is prefixed with an overview to assist the user in determining selections. Should more information be required concerning the connectors covered in this publication, or if special application needs arise, please contact: Amphenol Corporation Amphenol Industrial Operations 40-60 Delaware Avenue Sidney, New York 13838-1395 Telephone 607-563-5011 Fax: 607-563-5157 www.amphenol-industrial.com Now, also offered within the broad family of Amphenol interconnection products is the Amphenol®/Matrix® MIL-DTL-5015* connector series which incorporates rear release crimp contacts. See page 71 for further description and for complete details ask for catalog 12-026. Also ask for these additional product catalogs: • Amphenol Industrial Connector Brochure, SL-381, for an overview of the industrial family of connectors. • Amphenol Catalog SL-100, which provides an overview of all prod- ucts, military and industrial, offered through Amphenol Aerospace. • Amphenol Amphe-Power® Brochure SL-391, for AC 5015 type con- nectors with RADSOK® high amperage contacts. See reference on page 72. * Note: MIL-C-5015 is superceded to MIL-DTL-5015 for all Amphenol/Matrix rear release crimp type connectors. Amphenol Aerospace operates Quality Systems that are Certified to ISO-9001 and AS-9100 by third party Registrars. |
Numéro de pièce similaire - CS3100A18-3SW |
|
Description similaire - CS3100A18-3SW |