Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD-405-200 Fiches technique(PDF) 4 Page - Roithner LaserTechnik GmbH

No de pièce LD-405-200
Description  Peak Wavelength: 405nm Optical Ouput Power: 200mW Multi Transverse Mode Package:5.6 mm, without Photodiode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROITHNER [Roithner LaserTechnik GmbH]
Site Internet  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LD-405-200 Fiches technique(HTML) 4 Page - Roithner LaserTechnik GmbH

  LD-405-200 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LD-405-200 Datasheet HTML 2Page - Roithner LaserTechnik GmbH LD-405-200 Datasheet HTML 3Page - Roithner LaserTechnik GmbH LD-405-200 Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
21.09.2011
LD-405-200
4 of 4
Safety of Laser light
• Laser Light can damage the human eyes and skin. Do not expose the
eye or skin directly to any laser light and/or through optical lens. When
handling the LDs, wear appropriate safety glasses to prevent laser
light, even any reflections from entering to the eye. Focused laser
beam through optical instruments will increase the chance of eye
hazard.
• These LDs are classified in Class 4 of IEC60825-1 and 21 CFR Part 1040.10 Safety
Standards. It is absolutely necessery to take overall safety measures against User’s modules,
equipment and systems into which this LDs are incorporated and/or integrated.
Cautions
1. Operating methode
• This LD shall change its forward voltage requirement and optical ouput power according to
temperature change. Also, the LD will require more operation current to maintain same ouput
power as it degrades. In order to maintain output power, use of APC (Automatic Power
Control) is recommended. Which use monitor feedback to adjust the operation current.
• Confirm that electrical spike current generated by switching on and off does not exceed the
maximum operating current level specified herein above as absolute maximum rating. Also,
employ appropriat countermeasures to reduce chattering and/or overshooting in the circuit.
2. Static Electricity
• Static electricity or electrical surges will reduce and degrade the reliability of the LDs. It is
recommended to use a wrist trap or anti-electrostatic glove when handeling the Product.
3. Absolute Maximum Rating
• Active layer of LDs shall have high current density and generate high electric field during its
operation. In order to prevent excessive damage, the LD must be operated striclty below
absolute maximum rating.


Numéro de pièce similaire - LD-405-200

FabricantNo de pièceFiches techniqueDescription
logo
Axiomtek Co., Ltd.
LD-420 AXIOMTEK-LD-420 Datasheet
126Kb / 1P
   42 Industrial Open Frame LCD Monitor
logo
Roithner LaserTechnik G...
LD-445-1000MG ROITHNER-LD-445-1000MG Datasheet
372Kb / 3P
   Multi Transverse Mode Peak Wavelength: 445 nm Optical Ouput Power: 1W Package:5.6 mm, dismounted
LD-450-100SG ROITHNER-LD-450-100SG Datasheet
731Kb / 3P
   Royal Blue Laser Diode 450 nm, 100mW sihgle Transverse Mode Structure: GaN
LD-450-1400MG ROITHNER-LD-450-1400MG Datasheet
814Kb / 4P
   blue laser diode
LD-450-1600MG ROITHNER-LD-450-1600MG Datasheet
977Kb / 4P
   blue laser diode
More results

Description similaire - LD-405-200

FabricantNo de pièceFiches techniqueDescription
logo
Roithner LaserTechnik G...
LD-445-1000MG ROITHNER-LD-445-1000MG Datasheet
372Kb / 3P
   Multi Transverse Mode Peak Wavelength: 445 nm Optical Ouput Power: 1W Package:5.6 mm, dismounted
LDM-0980-002W-35 ROITHNER-LDM-0980-002W-35 Datasheet
155Kb / 4P
   Lasing Mode Structure: multi mode Peak Wavelength : typ. 980 nm Optical Ouput Power: 2 W Package: TO-3, without Photodiode
ADL-63302TL ROITHNER-ADL-63302TL Datasheet
344Kb / 3P
   AlGaAlP laser diode Peak Wavelength 638nm Single Transverse/Longitudinal Mode Optical Ouput Power 30mW
LD1430-C003 ROITHNER-LD1430-C003 Datasheet
332Kb / 4P
   Lasing Mode Structure: single mode Peak Wavelength : typ. 1430 nm Optical Ouput Power: 3 mW, CW Package: 5.6 mm, flat window
LD1490-C010 ROITHNER-LD1490-C010 Datasheet
403Kb / 3P
   Lasing Mode: single longitudinal mode Peak Wavelength : typ. 1490 nm Optiacl Ouput Power: 10 mW, CW Package: 5.6 mm, flat window
LD1550-C500 ROITHNER-LD1550-C500 Datasheet
372Kb / 3P
   Lasing Mode Structure: multi mode Peak Wavelength : typ. 1560 nm Optical Ouput Power: 500 mW, CW Package: 9.0 mm, flat window MPD available on request
LD690-C350 ROITHNER-LD690-C350 Datasheet
156Kb / 2P
   Lasing Mode Structure: multi mode Peck Wavelength : typ. 690nm Optical Ouput Power: 350 mW, CW Package: 9.0 mm, flat window
LD635-C220 ROITHNER-LD635-C220 Datasheet
156Kb / 2P
   Lasing Mode Structure: multi mode Peack Wavelength: typ. 633 nm Optical Ouput Power: 220 mW, CW Package: 9.0 mm, flat window
DL-4146-301S ROITHNER-DL-4146-301S Datasheet
141Kb / 2P
   Shot wavelength: 405nm Low threshold current lth 26mA Package 5.6mm
logo
Sharp Corporation
LT031MD SHARP-LT031MD Datasheet
85Kb / 2P
   HIGH POWER(MAXIMUM OPTICAL POWER OUTPUT:10MW) / SINGLE TRANSVERSE MODE
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com