Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FGB30N6S2D Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FGB30N6S2D
Description  600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGB30N6S2D Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FGB30N6S2D Datasheet HTML 1Page - Fairchild Semiconductor FGB30N6S2D Datasheet HTML 2Page - Fairchild Semiconductor FGB30N6S2D Datasheet HTML 3Page - Fairchild Semiconductor FGB30N6S2D Datasheet HTML 4Page - Fairchild Semiconductor FGB30N6S2D Datasheet HTML 5Page - Fairchild Semiconductor FGB30N6S2D Datasheet HTML 6Page - Fairchild Semiconductor FGB30N6S2D Datasheet HTML 7Page - Fairchild Semiconductor FGB30N6S2D Datasheet HTML 8Page - Fairchild Semiconductor FGB30N6S2D Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
©2001 Fairchild Semiconductor Corporation
FGH30N6S2D / FGP30N6S2D / FGB30NS2D Rev. A
Figure 7. Turn-On Energy Loss vs Collector to
Emitter Current
Figure 8. Turn-Off Energy Loss vs Collector to
Emitter Current
Figure 9. Turn-On Delay Time vs Collector to
Emitter Current
Figure 10. Turn-On Rise Time vs Collector to
Emitter Current
Figure 11. Turn-Off Delay Time vs Collector to
Emitter Current
Figure 12. Fall Time vs Collector to Emitter
Current
Typical Performance Curves (Continued)
200
ICE, COLLECTOR TO EMITTER CURRENT (A)
100
250
0
5
10152025
0
350
300
50
400
TJ = 125
oC, V
GE = 10V, VGE = 15V
TJ = 25
oC, V
GE = 10V, VGE = 15V
150
RG = 10Ω, L = 500mH, VCE = 390V
ICE, COLLECTOR TO EMITTER CURRENT (A)
100
300
0
600
5
10
152025
0
500
400
200
RG = 10Ω, L = 500mH, VCE = 390V
TJ = 125
oC, V
GE = 10V, VGE = 15V
TJ = 25
oC, V
GE = 10V, VGE = 15V
ICE, COLLECTOR TO EMITTER CURRENT (A)
0
6
8
12
14
5
10152025
0
16
4
2
10
RG = 10Ω, L = 500µH, VCE = 390V
TJ = 25
oC, T
J = 125
oC, V
GE = 10V
TJ = 25
oC, T
J = 125
oC, V
GE = 15V
ICE, COLLECTOR TO EMITTER CURRENT (A)
0
20
10
30
25
510
15
20
25
0
15
TJ = 25
oC, V
GE = 10V, VGE =15V
TJ = 125
oC, V
GE = 15V, VGE = 10V
RG = 10Ω, L = 500mH, VCE = 390V
5
20
30
40
50
60
70
80
90
0
5
10
15
20
25
ICE, COLLECTOR TO EMITTER CURRENT (A)
RG = 10Ω, L = 500µH, VCE = 390V
ICE, COLLECTOR TO EMITTER CURRENT (A)
40
60
80
100
10
5
152025
0
120
RG = 10Ω, L = 500µH, VCE = 390V
TJ = 125
oC, V
GE = 10V OR 15V
TJ = 25
oC, V
GE = 10V OR 15V


Numéro de pièce similaire - FGB30N6S2D

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FGB30N6S2D FAIRCHILD-FGB30N6S2D Datasheet
281Kb / 12P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
More results

Description similaire - FGB30N6S2D

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FGK60N6S2D FAIRCHILD-FGK60N6S2D Datasheet
185Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGH40N6S2D FAIRCHILD-FGH40N6S2D Datasheet
208Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGH20N6S2D FAIRCHILD-FGH20N6S2D Datasheet
232Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGH30N6S2D FAIRCHILD-FGH30N6S2D Datasheet
281Kb / 12P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGH50N6S2D FAIRCHILD-FGH50N6S2D Datasheet
195Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGP20N6S2D FAIRCHILD-FGP20N6S2D Datasheet
231Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel Stealth Diode
logo
Intersil Corporation
HGT5A40N60A4D INTERSIL-HGT5A40N60A4D Datasheet
100Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
February 2000
HGT1S3N60A4DS INTERSIL-HGT1S3N60A4DS Datasheet
130Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG20N60A4D INTERSIL-HGTG20N60A4D Datasheet
351Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
October 1999
logo
Fairchild Semiconductor
HGTG20N60A4D FAIRCHILD-HGTG20N60A4D Datasheet
204Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com