Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML4823 Fiches technique(PDF) 6 Page - Fairchild Semiconductor

No de pièce ML4823
Description  High Frequency Power Supply Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4823 Fiches technique(HTML) 6 Page - Fairchild Semiconductor

  ML4823 Datasheet HTML 1Page - Fairchild Semiconductor ML4823 Datasheet HTML 2Page - Fairchild Semiconductor ML4823 Datasheet HTML 3Page - Fairchild Semiconductor ML4823 Datasheet HTML 4Page - Fairchild Semiconductor ML4823 Datasheet HTML 5Page - Fairchild Semiconductor ML4823 Datasheet HTML 6Page - Fairchild Semiconductor ML4823 Datasheet HTML 7Page - Fairchild Semiconductor ML4823 Datasheet HTML 8Page - Fairchild Semiconductor ML4823 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ML4823
6
REV. 1.0 10/12/2000
ERROR AMPLIFIER
The ML4823 error amplifier is a 5.5MHz bandwidth 12V/µs
slew rate op-amp with provision for limiting the positive
output voltage swing (Output Inhibit line) for ease in
implementing the soft start function.
5
4
3
2
1
0
0.2
0.4
0.6
0.8
1.0
TIME (
µs)
VIN
VOUT
100
80
60
40
20
0
–20
100
1K
10K 100K
1M
10M
FREQ (Hz)
100M
0
0
–90
–180
GAIN
φ
Figure 5. Unity Gain Slew Rate
Figure 6. Open Loop Frequency Response
OUTPUT DRIVER STAGE
The ML4823 Output Driver is a 2A peak output high speed
totem pole circuit designed to quickly switch the gates of
capacitive loads, such as power MOSFET transistors.
Figure 8. Saturation Curves
3
2
1
0
0
0.5
1.0
1.5
IOUT (A)
SOURCE
SINK
Figure 7. Simplified Schematic
POWER
GND
Q1
Q2
OUT
VCC
POWER
VC
15
10
5
0
0
40
80
120
160
200
TIME (ns)
0.2
IL (A)
0
–0.2
15
10
5
0
0
100
200
300
400
500
TIME (ns)
2
IL (A)
0
–2
Figure 10 Rise/Fall Time (CL = 10,000pF)
Figure 9. Rise/Fall Time (CL = 1000pF)


Numéro de pièce similaire - ML4823

FabricantNo de pièceFiches techniqueDescription
logo
Micro Linear Corporatio...
ML4823 MICRO-LINEAR-ML4823 Datasheet
578Kb / 9P
   High Frequency Power Supply Controller
ML4823CP MICRO-LINEAR-ML4823CP Datasheet
578Kb / 9P
   High Frequency Power Supply Controller
ML4823CQ MICRO-LINEAR-ML4823CQ Datasheet
578Kb / 9P
   High Frequency Power Supply Controller
ML4823CS MICRO-LINEAR-ML4823CS Datasheet
578Kb / 9P
   High Frequency Power Supply Controller
ML4823IP MICRO-LINEAR-ML4823IP Datasheet
578Kb / 9P
   High Frequency Power Supply Controller
More results

Description similaire - ML4823

FabricantNo de pièceFiches techniqueDescription
logo
Micro Linear Corporatio...
ML4825 MICRO-LINEAR-ML4825 Datasheet
172Kb / 9P
   High Frequency Power Supply Controller
ML4823 MICRO-LINEAR-ML4823 Datasheet
578Kb / 9P
   High Frequency Power Supply Controller
ML4810 MICRO-LINEAR-ML4810 Datasheet
165Kb / 12P
   High Frequency Power Supply Controller
logo
JILIN SINO-MICROELECTRO...
HBR20S45 JSMC-HBR20S45 Datasheet
290Kb / 6P
   High frequency switch power supply
HBR20S45S JSMC-HBR20S45S Datasheet
293Kb / 6P
   High frequency switch power supply
logo
Shenzhen hui lida elect...
BU406 HUILIDA-BU406 Datasheet
935Kb / 4P
   High frequency switching power supply
logo
JILIN SINO-MICROELECTRO...
HBR4060 JSMC-HBR4060 Datasheet
315Kb / 8P
   High frequency switch power supply
BDW93C JSMC-BDW93C Datasheet
220Kb / 5P
   High frequency switching power supply
3CG5401 JSMC-3CG5401 Datasheet
187Kb / 6P
   High frequency switching power supply
3DG9013 JSMC-3DG9013 Datasheet
179Kb / 5P
   High frequency switching power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com