Moteur de recherche de fiches techniques de composants électroniques |
|
CD214B-T33A Fiches technique(PDF) 2 Page - Bourns Electronic Solutions |
|
CD214B-T33A Fiches technique(HTML) 2 Page - Bourns Electronic Solutions |
2 / 5 page Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. CD214B Transient Voltage Suppressor Diode Series Electrical Characteristics (@TA = 25 °C unless otherwise noted) Maximum Maximum Maximum Unidirectional Device Bidirectional Device Working Peak Reverse Reverse Reverse Breakdown Voltage Reverse Leakage Voltage Surge Part Part Part Part VBR (Volts) Voltage @ VRWM @IRSM Current Number Marking Number Marking Min. Max. @ IT (mA) VRWM (Volts) IR (uA) VRSM (Volts) IRSM (Amps) CD214B-T5.0A KE CD214B-T5.0CA AE 6.40 7.25 10 5.0 800 9.2 65.2 CD214B-T6.0A KG CD214B-T6.0CA AG 6.67 7.67 10 6.0 800 10.3 58.3 CD214B-T6.5A KK CD214B-T6.5CA AK 7.22 8.30 10 6.5 500 11.2 53.6 CD214B-T7.0A KM CD214B-T7.0CA AM 7.78 8.95 10 7.0 200 12.0 50.0 CD214B-T7.5A KP CD214B-T7.5CA AP 8.33 9.58 1.0 7.5 100 12.9 46.5 CD214B-T8.0A KR CD214B-T8.0CA AR 8.89 10.2 1.0 8.0 50 13.6 44.1 CD214B-T8.5A KT CD214B-T8.5CA AT 9.44 10.8 1.0 8.5 20 14.4 41.7 CD214B-T9.0A KV CD214B-T9.0CA AV 10.0 11.5 1.0 9.0 10 15.4 39.0 CD214B-T10A KX CD214B-T10CA AX 11.1 12.8 1.0 10 5.0 17.0 35.3 CD214B-T11A KZ CD214B-T11CA AZ 12.2 14.4 1.0 11 5.0 18.2 33.0 CD214B-T12A LE CD214B-T12CA BE 13.3 15.3 1.0 12 5.0 19.9 30.2 CD214B-T13A LG CD214B-T13CA BG 14.4 16.5 1.0 13 5.0 21.5 27.9 CD214B-T14A LK CD214B-T14CA BK 15.6 17.9 1.0 14 5.0 23.2 25.8 CD214B-T15A LM CD214B-T15CA BM 16.7 19.2 1.0 15 5.0 24.4 24.0 CD214B-T16A LP CD214B-T16CA BP 17.8 20.5 1.0 16 5.0 26.0 23.1 CD214B-T17A LR CD214B-T17CA BR 18.9 21.7 1.0 17 5.0 27.6 21.7 CD214B-T18A LT CD214B-T18CA BT 20.0 23.3 1.0 18 5.0 29.2 20.5 CD214B-T20A LV CD214B-T20CA BV 22.2 25.5 1.0 20 5.0 32.4 18.5 CD214B-T22A LX CD214B-T22CA BX 24.4 28.0 1.0 22 5.0 35.5 16.9 CD214B-T24A LZ CD214B-T24CA BZ 26.7 30.7 1.0 24 5.0 38.9 15.4 CD214B-T26A ME CD214B-T26CA CE 28.9 32.2 1.0 26 5.0 42.1 14.2 CD214B-T28A MG CD214B-T28CA CG 31.1 35.8 1.0 28 5.0 45.4 13.2 CD214B-T30A MK CD214B-T30CA CK 33.3 38.3 1.0 30 5.0 48.4 12.4 CD214B-T33A MM CD214B-T33CA CM 36.7 42.2 1.0 33 5.0 53.3 11.3 CD214B-T36A MP CD214B-T36CA CP 40 46.0 1.0 36 5.0 58.1 10.3 CD214B-T40A MR CD214B-T40CA CR 44.4 51.1 1.0 40 5.0 64.5 9.3 CD214B-T43A MT CD214B-T43CA CT 47.8 54.9 1.0 43 5.0 69.4 8.6 CD214B-T45A MV CD214B-T45CA CV 50 57.5 1.0 45 5.0 72.7 8.3 CD214B-T48A MX CD214B-T48CA CX 53.3 61.3 1.0 48 5.0 77.4 7.7 CD214B-T51A MZ CD214B-T51CA CZ 56.7 65.2 1.0 51 5.0 82.4 7.3 CD214B-T54A NE CD214B-T54CA DE 60 69 1.0 54 5.0 87.1 6.9 CD214B-T58A NG CD214B-T58CA DG 64.4 74.6 1.0 58 5.0 93.6 6.4 CD214B-T60A NK CD214B-T60CA DK 66.7 76.7 1.0 60 5.0 96.8 6.2 CD214B-T64A NM CD214B-T64CA DM 71.1 81.8 1.0 64 5.0 103 5.8 CD214B-T70A NP CD214B-T70CA DP 77.8 89.5 1.0 70 5.0 113 5.3 CD214B-T75A NR CD214B-T75CA DR 83.3 95.8 1.0 75 5.0 121 4.9 CD214B-T78A NT CD214B-T78CA DT 86.7 99.7 1.0 78 5.0 126 4.7 CD214B-T85A NV CD214B-T85CA DV 94.4 109 1.0 85 5.0 137 4.4 CD214B-T90A NX CD214B-T90CA DX 100 116 1.0 90 5.0 146 4.1 CD214B-T100A NZ CD214B-T100CA DZ 111 128 1.0 100 5.0 162 3.7 CD214B-T110A PE CD214B-T110CA EE 122 140 1.0 110 5.0 177 3.4 CD214B-T120A PG CD214B-T120CA EG 133 153 1.0 120 5.0 193 3.1 CD214B-T130A PK CD214B-T130CA EK 144 165 1.0 130 5.0 209 2.9 CD214B-T150A PM CD214B-T150CA EM 167 192 1.0 150 5.0 243 2.5 CD214B-T160A PP CD214B-T160CA EP 178 205 1.0 160 5.0 259 2.3 CD214B-T170A PR CD214B-T170CA ER 189 218 1.0 170 5.0 275 2.2 Notes: 1. Suffix ‘A’ denotes a 5 % tolerance device. 3. For bidirectional devices with a VR of 10 volts or less, the IR limit is double. 2. Suffix ‘CA’ denotes a 5 % tolerance bidirectional device. 4. For unidirectional devices with a VF max. of 3.5 V at an IF of 35 A, 0.5 Sine Wave of 8.3 ms Pulse Width. Compliance ■ IEC 61000-4-2 ESD (Min. Level 4) ■ IEC 61000-4-4 EFT ■ IEC 61000-4-5 Surge |
Numéro de pièce similaire - CD214B-T33A |
|
Description similaire - CD214B-T33A |