Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML4819 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce ML4819
Description  Power Factor and PWM Controller ?쏞ombo?
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4819 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  ML4819 Datasheet HTML 1Page - Fairchild Semiconductor ML4819 Datasheet HTML 2Page - Fairchild Semiconductor ML4819 Datasheet HTML 3Page - Fairchild Semiconductor ML4819 Datasheet HTML 4Page - Fairchild Semiconductor ML4819 Datasheet HTML 5Page - Fairchild Semiconductor ML4819 Datasheet HTML 6Page - Fairchild Semiconductor ML4819 Datasheet HTML 7Page - Fairchild Semiconductor ML4819 Datasheet HTML 8Page - Fairchild Semiconductor ML4819 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
+
RT
ISENSE B
ISENSE A
INV A
OVP
EA OUT A
ISINE
RAMP COMP
CT
ERROR
AMP
+
5V
IEA
IMULT
OSC
SLOPE
COMPENSATION
UNDER
VOLTAGE
LOCKOUT
S
R
Q
S
R
Q
DUTY CYCLE
ILIM
PWM B
OUT B
PGND B
PGND A
VREF
VCC
VCC
VCC
GND
OUT A
GM OUT
5V
5V
0.7V
1V
10
20
12
7
11
9
8
14
18
17
16
15
13
1
3
2
5
4
6
19
GAIN MODULATOR
PWM
CONTROLLER
POWER FACTOR
CONTROLLER
+
May 1997
ML4819
Power Factor and PWM Controller “Combo”
GENERAL DESCRIPTION
The ML4819 is a complete boost mode Power factor
Controller (PFC) which also contains a PWM controller.
The PFC circuit is similar to the ML4812 while the PWM
controller can be used for current or voltage mode control
for a second stage converter. Since the PWM and PFC
circuits share the same oscillator, synchronization of the
two stages is inherent. The outputs of the controller IC
provide high current (>1A peak) and high slew rate to
quickly charge and discharge MOSFET gates. Special care
has been taken in the design of the ML4819 to increase
system noise immunity.
The PFC section is of the peak current sensing boost type,
using a current sense transformer or current sensing
MOSFETs to non-dissipatively sense switch current. This
gives the system overall efficiency over average current
sensing control method.
The PWM section includes cycle by cycle current limiting,
precise duty cycle limiting for single ended converters,
and slope compensation.
BLOCK DIAGRAM
FEATURES
s
Two 1A peak current totem-pole output drivers
s
Precision buffered 5V reference (
±1%)
s
Large oscillator amplitude for better noise immunity
s
Precision duty cycle limit for PWM section
s
Current input gain modulator improves noise immunity
s
Programmable Ramp Compensation circuit
s
Over-Voltage comparator helps prevent output
“runaway”
s
Wide common mode range in current sense
compensators for better noise immunity
s
Under-Voltage Lockout circuit with 6V hysteresis
REV. 1.0 10/10/2000


Numéro de pièce similaire - ML4819

FabricantNo de pièceFiches techniqueDescription
logo
Micro Linear Corporatio...
ML4819 MICRO-LINEAR-ML4819 Datasheet
290Kb / 15P
   Power Factor and PWM Controller Combo
ML4819CP MICRO-LINEAR-ML4819CP Datasheet
290Kb / 15P
   Power Factor and PWM Controller Combo
ML4819CS MICRO-LINEAR-ML4819CS Datasheet
290Kb / 15P
   Power Factor and PWM Controller Combo
More results

Description similaire - ML4819

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LT1509 LINER-LT1509_15 Datasheet
301Kb / 16P
   Power Factor and PWM Controller
LT1508 LINER-LT1508_15 Datasheet
311Kb / 16P
   Power Factor and PWM Controller
LT1509 LINER-LT1509 Datasheet
348Kb / 16P
   Power Factor and PWM Controller
logo
Micro Linear Corporatio...
ML4819 MICRO-LINEAR-ML4819 Datasheet
290Kb / 15P
   Power Factor and PWM Controller Combo
logo
Linear Technology
LT1508 LINER-LT1508 Datasheet
337Kb / 16P
   Power Factor and PWM Controller(Voltage Mode)
logo
Fairchild Semiconductor
ML4824 FAIRCHILD-ML4824_03 Datasheet
105Kb / 15P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4824 MICRO-LINEAR-ML4824 Datasheet
262Kb / 16P
   Power Factor Correction and PWM Controller Combo
logo
Fairchild Semiconductor
ML4800 FAIRCHILD-ML4800 Datasheet
154Kb / 14P
   Power Factor Correction and PWM Controller Combo
ML4800_0109 FAIRCHILD-ML4800_0109 Datasheet
119Kb / 14P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4804 MICRO-LINEAR-ML4804 Datasheet
246Kb / 14P
   Power Factor Correction and PWM Controller Combo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com