Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML4819 Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce ML4819
Description  Power Factor and PWM Controller ?쏞ombo?
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4819 Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  ML4819 Datasheet HTML 1Page - Fairchild Semiconductor ML4819 Datasheet HTML 2Page - Fairchild Semiconductor ML4819 Datasheet HTML 3Page - Fairchild Semiconductor ML4819 Datasheet HTML 4Page - Fairchild Semiconductor ML4819 Datasheet HTML 5Page - Fairchild Semiconductor ML4819 Datasheet HTML 6Page - Fairchild Semiconductor ML4819 Datasheet HTML 7Page - Fairchild Semiconductor ML4819 Datasheet HTML 8Page - Fairchild Semiconductor ML4819 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ML4819
REV. 1.0 10/10/2000
3
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, RT = 14kΩ, CT = 1000pF, TA = Operating Temperature Range, VCC = 15V (Notes 1, 2).
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
OSCILLATOR
Initial Accuracy
TJ = 25°C
90
97
104
kHz
Voltage Stability
12V < VCC < 18V
0.2
%
Temperature Stability
2%
Total Variation
Line, temp.
88
106
kHz
Ramp Valley
0.9
V
Ramp Peak
4.3
V
RT Voltage
4.8
5.0
5.2
V
Discharge Current (PWM B open)
TJ = 25°C, VOUT A = 2V
7.5
8.4
9.3
mA
VOUT A = 2V
7.2
8.4
9.5
mA
DUTY CYCLE LIMIT COMPARATOR
Input Offset Voltage
–15
15
mV
Input Bias Current
–2
–10
µA
Duty Cycle
VDUTY CYCLE = VREF/2
43
45
49
%
REFERENCE
Output Voltage
TJ = 25°C, IO = 1mA
4.95
5.00
5.05
V
Line Regulation
12V < VCC < 25V
2
20
mV
Load Regulation
1mA < IO < 20mA
8
25
mV
Temperature Stability
0.4
%
Total Variation
Line, load, temperature
4.9
5.1
V
Output Noise Voltage
10Hz to 10kHz
50
µV
Long Term Stability
TJ = 125°C, 1000 hours, (Note 1)
5
25
mV
Short Circuit Current
VREF = 0V
–30
–85
–180
mA
ERROR AMPLIFIER
Input Offset Voltage
–15
15
mV
Input Bias Current
–0.1
–1.0
µA
Open Loop Gain
1 < VEA OUT A < 5V
60
75
dB
PSRR
12V < VCC < 25V
60
90
dB
Output Sink Current
VEA OUT A = 1.1V, VINV A = 5.2V
2
12
mA
Output Source Current
VEA OUT A = 5.0V, VINV A = 4.8V
–0.5
–1.0
mA
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
Supply Voltage (VCC) ................................................. 35V
Output Current, Source or Sink (RAMP COMP)
DC ....................................................................... 1.0A
Output Energy (capacitive load per cycle) ................... 5
µJ
Multiplier ISINE Input (ISINE) ................................... 1.2mA
Error Amp Sink Current (GM OUT) ........................ 10mA
Oscillator Charge Current ........................................ 2mA
Analog Inputs (ISENSE A, EA OUT A, INV A)
............................................................... –0.3V to 5.5V
Junction Temperature ............................................. 150
°C
Storage Temperature Range ..................... –65
°C to 150°C
Lead Temperature (soldering 10 sec.) ..................... 260
°C
Thermal Resistance (
θJA)
Plastic DIP or SOIC ......................................... 60
°C/W
OPERATING CONDITIONS
Temperature Range
ML4819C .................................................. 0
°C to 70°C


Numéro de pièce similaire - ML4819

FabricantNo de pièceFiches techniqueDescription
logo
Micro Linear Corporatio...
ML4819 MICRO-LINEAR-ML4819 Datasheet
290Kb / 15P
   Power Factor and PWM Controller Combo
ML4819CP MICRO-LINEAR-ML4819CP Datasheet
290Kb / 15P
   Power Factor and PWM Controller Combo
ML4819CS MICRO-LINEAR-ML4819CS Datasheet
290Kb / 15P
   Power Factor and PWM Controller Combo
More results

Description similaire - ML4819

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LT1509 LINER-LT1509_15 Datasheet
301Kb / 16P
   Power Factor and PWM Controller
LT1508 LINER-LT1508_15 Datasheet
311Kb / 16P
   Power Factor and PWM Controller
LT1509 LINER-LT1509 Datasheet
348Kb / 16P
   Power Factor and PWM Controller
logo
Micro Linear Corporatio...
ML4819 MICRO-LINEAR-ML4819 Datasheet
290Kb / 15P
   Power Factor and PWM Controller Combo
logo
Linear Technology
LT1508 LINER-LT1508 Datasheet
337Kb / 16P
   Power Factor and PWM Controller(Voltage Mode)
logo
Fairchild Semiconductor
ML4824 FAIRCHILD-ML4824_03 Datasheet
105Kb / 15P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4824 MICRO-LINEAR-ML4824 Datasheet
262Kb / 16P
   Power Factor Correction and PWM Controller Combo
logo
Fairchild Semiconductor
ML4800 FAIRCHILD-ML4800 Datasheet
154Kb / 14P
   Power Factor Correction and PWM Controller Combo
ML4800_0109 FAIRCHILD-ML4800_0109 Datasheet
119Kb / 14P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4804 MICRO-LINEAR-ML4804 Datasheet
246Kb / 14P
   Power Factor Correction and PWM Controller Combo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com