Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML4804IS Fiches technique(PDF) 10 Page - Fairchild Semiconductor

No de pièce ML4804IS
Description  Power Factor Correction and PWM Controller Combo
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4804IS Fiches technique(HTML) 10 Page - Fairchild Semiconductor

Back Button ML4804IS Datasheet HTML 6Page - Fairchild Semiconductor ML4804IS Datasheet HTML 7Page - Fairchild Semiconductor ML4804IS Datasheet HTML 8Page - Fairchild Semiconductor ML4804IS Datasheet HTML 9Page - Fairchild Semiconductor ML4804IS Datasheet HTML 10Page - Fairchild Semiconductor ML4804IS Datasheet HTML 11Page - Fairchild Semiconductor ML4804IS Datasheet HTML 12Page - Fairchild Semiconductor ML4804IS Datasheet HTML 13Page - Fairchild Semiconductor ML4804IS Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
ML4804
10
REV. 1.0.2 3/9/2001
voltage loop error amplifier; stability and transient
response. Optimizing interaction between transient
response and stability requires that the error amplifier’s
open-loop crossover frequency should be 1/2 that of the
line frequency, or 23Hz for a 47Hz line (lowest
anticipated international power frequency). The gain vs.
input voltage of the ML4804’s voltage error amplifier has
a specially shaped nonlinearity such that under steady-
state operating conditions the transconductance of the
error amplifier is at a local minimum. Rapid perturbations
in line or load conditions will cause the input to the
voltage error amplifier (VFB) to deviate from its 2.5V
(nominal) value. If this happens, the transconductance of
the voltage error amplifier will increase significantly, as
shown in the Typical Performance Characteristics. This
raises the gain-bandwidth product of the voltage loop,
resulting in a much more rapid voltage loop response to
such perturbations than would occur with a conventional
linear gain characteristic.
The current amplifier compensation is similar to that of
the voltage error amplifier with the exception of the
choice of crossover frequency. The crossover frequency of
the current amplifier should be at least 10 times that of
the voltage amplifier, to prevent interaction with the
voltage loop. It should also be limited to less than 1/6th
that of the switching frequency, e.g. 16.7kHz for a
100kHz switching frequency.
There is a modest degree of gain contouring applied to the
transfer characteristic of the current error amplifier, to
increase its speed of response to current-loop
perturbations. However, the boost inductor will usually be
the dominant factor in overall current loop response.
Therefore, this contouring is significantly less marked than
that of the voltage error amplifier. This is illustrated in the
Typical Performance Characteristics.
For more information on compensating the current and
voltage control loops, see Application Notes 33 and 34.
Application Note 16 also contains valuable information
for the design of this class of PFC.
Oscillator (RAMP 1)
The oscillator frequency is determined by the values of RT
and CT, which determine the ramp and off-time of the
oscillator output clock:
(2)
The deadtime of the oscillator is derived from the
following equation:
(3)
at VREF = 7.5V:
The deadtime of the oscillator may be determined using:
(4)
The deadtime is so small (tRAMP >> tDEADTIME) that the
operating frequency can typically be approximated by:
(5)
EXAMPLE:
For the application circuit shown in the data sheet, with
the oscillator running at:
Solving for RT x CT yields 1.96 x 10-4. Selecting standard
components values, CT = 390pF, and RT = 51.1kΩ.
The deadtime of the oscillator adds to the Maximum
PWM Duty Cycle (it is an input to the Duty Cycle
Limiter). With zero oscillator deadtime, the Maximum
PWM Duty Cycle is typically 45%. In many applications,
care should be taken that CT not be made so large as to
extend the Maximum Duty Cycle beyond 50%. This can
be accomplished by using a stable 390pF capacitor for CT.
PWM SECTION
Pulse Width Modulator
The PWM section of the ML4804 is straightforward, but
there are several points which should be noted. Foremost
among these is its inherent synchronization to the PFC
section of the device, from which it also derives its basic
timing. The PWM is capable of current-mode or voltage
mode operation. In current-mode applications, the PWM
ramp (RAMP 2) is usually derived directly from a current
sensing resistor or current transformer in the primary of the
output stage, and is thereby representative of the current
flowing in the converter’s output stage. DC ILIMIT, which
provides cycle-by-cycle current limiting, is typically
connected to RAMP 2 in such applications. For voltage-
mode operation or certain specialized applications,
RAMP 2 can be connected to a separate RC timing
network to generate a voltage ramp against which VDC
will be compared. Under these conditions, the use of
voltage feedforward from the PFC buss can assist in line
regulation accuracy and response. As in current mode
operation, the DC ILIMIT input would is used for output
stage overcurrent protection.
FUNCTIONAL DESCRIPTION (Continued)
f
tt
OSC
RAMP
DEADTIME
=
+
1
tC
R
In
V
V
RAMP
T
T
REF
REF
×
F
HG
I
KJ
125
375
.
.
tC
R
RAMP
T
T
× 051
.
t
V
mA
CC
DEADTIME
T
T
=
×
25
55
450
.
.
f
t
OSC
RAMP
=
1
fkHz
t
OSC
RAMP
==
100
1


Numéro de pièce similaire - ML4804IS

FabricantNo de pièceFiches techniqueDescription
logo
Micro Linear Corporatio...
ML4804IS MICRO-LINEAR-ML4804IS Datasheet
246Kb / 14P
   Power Factor Correction and PWM Controller Combo
More results

Description similaire - ML4804IS

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
ML4824 FAIRCHILD-ML4824_03 Datasheet
105Kb / 15P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4824 MICRO-LINEAR-ML4824 Datasheet
262Kb / 16P
   Power Factor Correction and PWM Controller Combo
logo
Fairchild Semiconductor
ML4800 FAIRCHILD-ML4800 Datasheet
154Kb / 14P
   Power Factor Correction and PWM Controller Combo
ML4800_0109 FAIRCHILD-ML4800_0109 Datasheet
119Kb / 14P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4804 MICRO-LINEAR-ML4804 Datasheet
246Kb / 14P
   Power Factor Correction and PWM Controller Combo
logo
Fairchild Semiconductor
ML4824 FAIRCHILD-ML4824 Datasheet
150Kb / 16P
   Power Factor Correction and PWM Controller Combo
ML4824CS2X FAIRCHILD-ML4824CS2X Datasheet
109Kb / 15P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4819 MICRO-LINEAR-ML4819 Datasheet
290Kb / 15P
   Power Factor and PWM Controller Combo
logo
Linear Technology
LT1509 LINER-LT1509_15 Datasheet
301Kb / 16P
   Power Factor and PWM Controller
LT1508 LINER-LT1508_15 Datasheet
311Kb / 16P
   Power Factor and PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com