Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC7448VU867N Fiches technique(PDF) 7 Page - Freescale Semiconductor, Inc

No de pièce MC7448VU867N
Description  MPC7448 Hardware Specifications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC7448VU867N Fiches technique(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC7448VU867N Datasheet HTML 3Page - Freescale Semiconductor, Inc MC7448VU867N Datasheet HTML 4Page - Freescale Semiconductor, Inc MC7448VU867N Datasheet HTML 5Page - Freescale Semiconductor, Inc MC7448VU867N Datasheet HTML 6Page - Freescale Semiconductor, Inc MC7448VU867N Datasheet HTML 7Page - Freescale Semiconductor, Inc MC7448VU867N Datasheet HTML 8Page - Freescale Semiconductor, Inc MC7448VU867N Datasheet HTML 9Page - Freescale Semiconductor, Inc MC7448VU867N Datasheet HTML 10Page - Freescale Semiconductor, Inc MC7448VU867N Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MPC7448 Hardware Specifications Addendum for the MC7448xxnnnnNx Series, Rev. 6
Freescale Semiconductor
7
General Parameters
5.2.1 Clock AC Specifications
Table 8 provides the clock AC timing specifications for the MPC7448 part numbers discussed here.
NOTE
The core frequency information in this table applies when the device
operates at the nominal core voltage indicated in Table 4. For core
frequency specifications at derated core voltage conditions, see Section 5.3,
“Voltage and Frequency Derating.”
Table 8. Clock AC Timing Specifications
At recommended operating conditions. See Table 4.
Characteristic
Symbol
Maximum Processor Core Frequency (MHz)
Unit Notes
600
667
800
867
1000
1250
1267
1400
Min Max Min Max Min Max Min Max Min
Max Min
Max Min Max Min Max
Processor
frequency
DFS mode
disabled
fcore
500 600
500
667
500
800
500
867
500 1000 500 1250 500 1267 500 1400 MHz
1, 8, 9
Processor
frequency
DFS mode
enabled
fcore_DFS 250 300 250 333 250 400 250 433 250 500 250 625 250 633 250 700 MHz
10
VCO
frequency
fVCO
500 600
500
667
500
800
500
867
500 1000 500 1250 500 1267 500 1400 MHz
1, 9
Notes:
1. Caution: The SYSCLK frequency and PLL_CFG[0:5] settings must be chosen such that the resulting SYSCLK (bus) frequency,
processor core frequency, and PLL (VCO) frequency do not exceed their respective maximum or minimum operating frequencies.
Refer to the PLL_CFG[0:5] signal description in Section 9.1.1, “PLL Configuration,” in the hardware specifications for valid
PLL_CFG[0:5] settings.
8. This reflects the maximum and minimum core frequencies when the dynamic frequency switching feature (DFS) is disabled.
fcore_DFS provides the maximum and minimum core frequencies in a DFS mode.
9. Caution: These values specify the maximum processor core and VCO frequencies when the device is operated at the nominal
core voltage. If operating the device at the derated core voltage, the processor core and VCO frequencies must be reduced. See
Section 5.3, “Voltage and Frequency Derating,” for more information.
10.This specification supports the Dynamic Frequency Switching (DFS) feature and is applicable only when one of the DFS modes
(divide-by-2 or divide-by-4) is enabled. When DFS is disabled, the core frequency must conform to the maximum and minimum
frequencies stated for fcore.


Numéro de pièce similaire - MC7448VU867N

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
MC7448VU867NC NXP-MC7448VU867NC Datasheet
165Kb / 12P
   MPC7448 Hardware Specifications Addendum for the MC7448xxnnnnNx Series
MC7448VU867ND NXP-MC7448VU867ND Datasheet
165Kb / 12P
   MPC7448 Hardware Specifications Addendum for the MC7448xxnnnnNx Series
MC7448VU867NX NXP-MC7448VU867NX Datasheet
165Kb / 12P
   MPC7448 Hardware Specifications Addendum for the MC7448xxnnnnNx Series
More results

Description similaire - MC7448VU867N

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
MPC7448ECS02AD NXP-MPC7448ECS02AD Datasheet
513Kb / 8P
   MPC7448 Hardware Specifications Addendum for the MC7448Txxnnnnmx Series
Rev. 2, 04/2007
MPC7448ECS01AD NXP-MPC7448ECS01AD Datasheet
165Kb / 12P
   MPC7448 Hardware Specifications Addendum for the MC7448xxnnnnNx Series
logo
Freescale Semiconductor...
MPC859T FREESCALE-MPC859T Datasheet
1Mb / 92P
   Hardware Specifications
MPC885 FREESCALE-MPC885 Datasheet
1Mb / 92P
   Hardware Specifications
MPC5200 FREESCALE-MPC5200 Datasheet
6Mb / 80P
   Hardware Specifications
KMPC8250ACZUMHBC FREESCALE-KMPC8250ACZUMHBC Datasheet
951Kb / 62P
   Hardware Specifications
MPC8250 FREESCALE-MPC8250_05 Datasheet
1Mb / 60P
   Hardware Specifications
MPC852T FREESCALE-MPC852T Datasheet
3Mb / 80P
   Hardware Specifications
MPC860 FREESCALE-MPC860 Datasheet
1Mb / 80P
   Hardware Specifications
MPC875 FREESCALE-MPC875 Datasheet
1Mb / 84P
   Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com