Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML4818 Fiches technique(PDF) 10 Page - Fairchild Semiconductor

No de pièce ML4818
Description  Phase Modulation/Soft Switching Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4818 Fiches technique(HTML) 10 Page - Fairchild Semiconductor

Back Button ML4818 Datasheet HTML 5Page - Fairchild Semiconductor ML4818 Datasheet HTML 6Page - Fairchild Semiconductor ML4818 Datasheet HTML 7Page - Fairchild Semiconductor ML4818 Datasheet HTML 8Page - Fairchild Semiconductor ML4818 Datasheet HTML 9Page - Fairchild Semiconductor ML4818 Datasheet HTML 10Page - Fairchild Semiconductor ML4818 Datasheet HTML 11Page - Fairchild Semiconductor ML4818 Datasheet HTML 12Page - Fairchild Semiconductor ML4818 Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
ML4818
PRODUCT SPECIFICATION
10
REV. 1.0.3 6/21/01
Thermal Information
The ML4818 is offered in a Power DIP package. This pack-
age features improved thermal conduction through the lead-
frame. Much of the heat is conducted through the center 4
grounded leads. Thermal dissipation can be improved with
this package by using copper area on the board to function as
a heat sink. Increasing this area can reduce the
θ
JA (see fig-
ures 14 and 15), increasing the power handling capability of
the package. Additional improvement may be obtained by
using an external heat sink (available from Staver).
Applications
The application circuit shown in Figure 16 features the
ML4818 in a primary-side controlled voltage mode
application with voltage feed-forward. Input voltage is
rectified 120VAC (nominal). Feed-forward is provided by
the RAMP pin via the resistor connected to the high voltage
input. Current is sensed through sense transformer T4.
Figure 14. PC Board Copper Area Used as a Heat Sink
Figure 15.
θ
JA as a Function of I (see figure 15)
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
0.555"
I
I
I
I
50
30
20
02
I : HEAT SINK DIMENSION (INCHES)
40
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8


Numéro de pièce similaire - ML4818

FabricantNo de pièceFiches techniqueDescription
logo
Micro Linear Corporatio...
ML4818 MICRO-LINEAR-ML4818 Datasheet
230Kb / 12P
   Phase Modulation/Soft Switching Controller
ML4818CP MICRO-LINEAR-ML4818CP Datasheet
230Kb / 12P
   Phase Modulation/Soft Switching Controller
ML4818CS MICRO-LINEAR-ML4818CS Datasheet
230Kb / 12P
   Phase Modulation/Soft Switching Controller
More results

Description similaire - ML4818

FabricantNo de pièceFiches techniqueDescription
logo
Micro Linear Corporatio...
ML4818 MICRO-LINEAR-ML4818 Datasheet
230Kb / 12P
   Phase Modulation/Soft Switching Controller
ML4828 MICRO-LINEAR-ML4828 Datasheet
187Kb / 11P
   BiCMOS Phase Modulation/Soft Switching Controller
logo
Linear Technology
LT3742 LINER-LT3742_1 Datasheet
312Kb / 26P
   Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
logo
List of Unclassifed Man...
ATLD201V1 ETC2-ATLD201V1 Datasheet
41Kb / 5P
   Dual Mode 30MHz Modulation Laser Controller
logo
Mitel Networks Corporat...
SA866AE MITEL-SA866AE Datasheet
1Mb / 24P
   3-PHASE PULSE WIDTH MODULATION ENGINE
logo
KODENSHI_AUK CORP.
PS117E-1 KODENSHI-PS117E-1 Datasheet
146Kb / 2P
   Exterior light endure by phase-modulation
PS119E-1 KODENSHI-PS119E-1 Datasheet
138Kb / 2P
   Exterior light endure by phase-modulation
PS122GD4-A KODENSHI-PS122GD4-A Datasheet
155Kb / 2P
   Exterior light endure by phase-modulation
PS133GD1 KODENSHI-PS133GD1 Datasheet
160Kb / 2P
   Exterior light endure by phase-modulation
PS181EL1-S KODENSHI-PS181EL1-S Datasheet
178Kb / 2P
   Exterior light endure by phase-modulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com