Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML4804CS Fiches technique(PDF) 9 Page - Fairchild Semiconductor

No de pièce ML4804CS
Description  Power Factor Correction and PWM Controller Combo
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4804CS Fiches technique(HTML) 9 Page - Fairchild Semiconductor

Back Button ML4804CS Datasheet HTML 5Page - Fairchild Semiconductor ML4804CS Datasheet HTML 6Page - Fairchild Semiconductor ML4804CS Datasheet HTML 7Page - Fairchild Semiconductor ML4804CS Datasheet HTML 8Page - Fairchild Semiconductor ML4804CS Datasheet HTML 9Page - Fairchild Semiconductor ML4804CS Datasheet HTML 10Page - Fairchild Semiconductor ML4804CS Datasheet HTML 11Page - Fairchild Semiconductor ML4804CS Datasheet HTML 12Page - Fairchild Semiconductor ML4804CS Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
ML4804
REV. 1.0.2 3/9/2001
9
Overvoltage Protection
The OVP comparator serves to protect the power circuit
from being subjected to excessive voltages if the load
should suddenly change. A resistor divider from the high
voltage DC output of the PFC is fed to VFB. When the
voltage on VFB exceeds 2.75V, the PFC output driver is
shut down. The PWM section will continue to operate. The
OVP comparator has 250mV of hysteresis, and the PFC
will not restart until the voltage at VFB drops below 2.50V.
The VFB should be set at a level where the active and
passive external power components and the ML4804 are
within their safe operating voltages, but not so low as to
interfere with the boost voltage regulation loop.
VCCOVP
The VCCOVP feature of the ML4804 works along with the
TriFaultTM Detect as a redundant PFC buss voltage limiter,
to prevent a damaged and broken connection or
component from causing an unsafe fault condition.
VCCOVP assumes that VCC is generated from a bootstrap
winding on the PFC boost inductor, or by some other
means whereby VCC is proportional to VBUSS. If the
proportionality is exact, then a nominal VBUSS of 385V at
VCC = 15.0V will cause the VCCOVP comparator to shut
the PFC down when VBUSS = [(16.4/15.0) x 385V] = 444V.
The PFC will then remain in the shutdown state until VCC
declines to 13.0V, at which time the PFC will restart. If
the PFC VCC again encounters an over voltage condition,
the protection cycle will repeat. Note that the PWM stage
of the ML4804 remains operational even when the PFC
goes into VCCOVP shutdown.
For a real-world example, assume that the bootstrap
supply is derived from a conventional boost inductor
winding and rectified using Shottky diodes. Then it follows
that the voltage from the bootstrap winding must equal
15.8V during regular circuit operation, and will increase
to 17.2V at the point of VCCOVP shutdown. Then the
output voltage from the PFC will have increased from a
noninal VBUSS of 385VDC to (17.2/15.8) x 385V =
419VDC. When VBUSS reaches 419V, the PFC will shut
off, thereby protecting the output (BUSS) capacitor and
the semiconductors in both the PFC and PWM stages.
To assure reasonable headroom in which to operate this
device, VCCOVP tracks with UVLO. The VCCOVP
threshold is always at least 2V above that of the UVLO.
To assure reliable operation of the ML4804, VCC must be
operated from a bootstrap winding on the PFC’s inductor,
or from an external power supply whose output is
regulated to 15.0V (nominal). In the case of a regulated
power supply powering the ML4804, the VCCOVP function
will be rendered non-operational.
Error Amplifier Compensation
The PWM loading of the PFC can be modeled as a
negative resistor; an increase in input voltage to the PWM
causes a decrease in the input current. This response
dictates the proper compensation of the PFC's two
transconductance error amplifiers. Figure 2 shows the
types of compensation networks most commonly used for
the voltage and current error amplifiers, along with their
respective return points. The current loop compensation is
returned to VREF to produce a soft-start characteristic on
the PFC: as the reference voltage comes up from zero
volts, it creates a differentiated voltage on IEAO which
prevents the PFC from immediately demanding a full duty
cycle on its boost converter.
There are two major concerns when compensating the
Figure 2. Compensation Network Connections for the
Voltage and Current Error Amplifiers
Figure 3. External Component Connections to VCC
FUNCTIONAL DESCRIPTION (Continued)
15
VEAO
IEAO
VFB
IAC
VRMS
ISENSE
2.5V
+
16
2
4
3
VEA
+
IEA
+
VREF
1
PFC
OUTPUT
GAIN
MODULATOR
ML4804
VCC
GND
VBIAS
0.22µF
CERAMIC
15V
ZENER
RBIAS


Numéro de pièce similaire - ML4804CS

FabricantNo de pièceFiches techniqueDescription
logo
Micro Linear Corporatio...
ML4804CS MICRO-LINEAR-ML4804CS Datasheet
246Kb / 14P
   Power Factor Correction and PWM Controller Combo
More results

Description similaire - ML4804CS

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
ML4824 FAIRCHILD-ML4824_03 Datasheet
105Kb / 15P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4824 MICRO-LINEAR-ML4824 Datasheet
262Kb / 16P
   Power Factor Correction and PWM Controller Combo
logo
Fairchild Semiconductor
ML4800 FAIRCHILD-ML4800 Datasheet
154Kb / 14P
   Power Factor Correction and PWM Controller Combo
ML4800_0109 FAIRCHILD-ML4800_0109 Datasheet
119Kb / 14P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4804 MICRO-LINEAR-ML4804 Datasheet
246Kb / 14P
   Power Factor Correction and PWM Controller Combo
logo
Fairchild Semiconductor
ML4824 FAIRCHILD-ML4824 Datasheet
150Kb / 16P
   Power Factor Correction and PWM Controller Combo
ML4824CS2X FAIRCHILD-ML4824CS2X Datasheet
109Kb / 15P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4819 MICRO-LINEAR-ML4819 Datasheet
290Kb / 15P
   Power Factor and PWM Controller Combo
logo
Linear Technology
LT1509 LINER-LT1509_15 Datasheet
301Kb / 16P
   Power Factor and PWM Controller
LT1508 LINER-LT1508_15 Datasheet
311Kb / 16P
   Power Factor and PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com