Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML4801IP Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce ML4801IP
Description  Variable Feedforward PFC/PWM Controller Combo
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4801IP Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  ML4801IP Datasheet HTML 1Page - Fairchild Semiconductor ML4801IP Datasheet HTML 2Page - Fairchild Semiconductor ML4801IP Datasheet HTML 3Page - Fairchild Semiconductor ML4801IP Datasheet HTML 4Page - Fairchild Semiconductor ML4801IP Datasheet HTML 5Page - Fairchild Semiconductor ML4801IP Datasheet HTML 6Page - Fairchild Semiconductor ML4801IP Datasheet HTML 7Page - Fairchild Semiconductor ML4801IP Datasheet HTML 8Page - Fairchild Semiconductor ML4801IP Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ML4801
2
REV. 1.1 3/9/2001
PIN CONFIGURATION
PIN DESCRIPTION
PIN
NAME
FUNCTION
9
RAMP 2
PWM ramp current sense input
10
GND
Ground
11
PWM OUT PWM driver output
12
PFC OUT
PFC driver output
13
VCC
Positive supply (connected to an
internal shunt regulator).
14
VREF
Buffered output for the internal 7.5V
reference
15
VFB
PFC transconductance voltage error
amplifier input
16
VEAO
PFC transconductance voltage error
amplifier output
PIN
NAME
FUNCTION
1
IEAO
PFC transconductance current error
amplifier output
2IAC
PFC gain control reference input
3ISENSE
Current sense input to the PFC current
limit comparator
4VRMS
Input for PFC RMS line voltage
compensation
5
SS
Connection point for the PWM soft start
capacitor
6VDC
PWM voltage feedback input
7RTCT
Connection for oscillator frequency
setting components
8
RAMP 1
PFC ramp input
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IEAO
IAC
ISENSE
VRMS
SS
VDC
RTCT
RAMP 1
VEAO
VFB
VREF
VCC
PFC OUT
PWM OUT
GND
RAMP 2
TOP VIEW
ML4801
16-Pin PDIP (P16)
16-Pin Narrow SOIC (S16N)


Numéro de pièce similaire - ML4801IP

FabricantNo de pièceFiches techniqueDescription
logo
Micro Linear Corporatio...
ML4801IP MICRO-LINEAR-ML4801IP Datasheet
248Kb / 14P
   Variable Feedforward PFC/PWM Controller Combo
More results

Description similaire - ML4801IP

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
ML4805 FAIRCHILD-ML4805 Datasheet
125Kb / 13P
   Variable Feedforward PFC/PWM Controller Combo
logo
Micro Linear Corporatio...
ML4805 MICRO-LINEAR-ML4805 Datasheet
152Kb / 13P
   Variable Feedforward PFC/PWM Controller Combo
ML4841 MICRO-LINEAR-ML4841 Datasheet
282Kb / 15P
   Variable Feedforward PFC/PWM Controller Combo
ML4801 MICRO-LINEAR-ML4801 Datasheet
248Kb / 14P
   Variable Feedforward PFC/PWM Controller Combo
logo
Fairchild Semiconductor
ML4841 FAIRCHILD-ML4841 Datasheet
129Kb / 15P
   Variable Feedforward PFC/PWM Controller Combo
logo
Champion Microelectroni...
CM6800T CHAMP-CM6800T Datasheet
852Kb / 27P
   EPA/85 PFCPWM COMBO CONTROLLER
CM6903 CHAMP-CM6903 Datasheet
257Kb / 14P
   Low Pin Count PFC/PWM Controller Combo
logo
Fairchild Semiconductor
FAN4803CP2 FAIRCHILD-FAN4803CP2 Datasheet
116Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CP1 FAIRCHILD-FAN4803CP1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
ML4802 FAIRCHILD-ML4802 Datasheet
285Kb / 15P
   PFC/PWM Controller Combo with Green Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com