Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML2004 Fiches technique(PDF) 6 Page - Fairchild Semiconductor

No de pièce ML2004
Description  Logarithmic Gain/Attenuator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML2004 Fiches technique(HTML) 6 Page - Fairchild Semiconductor

Back Button ML2004 Datasheet HTML 2Page - Fairchild Semiconductor ML2004 Datasheet HTML 3Page - Fairchild Semiconductor ML2004 Datasheet HTML 4Page - Fairchild Semiconductor ML2004 Datasheet HTML 5Page - Fairchild Semiconductor ML2004 Datasheet HTML 6Page - Fairchild Semiconductor ML2004 Datasheet HTML 7Page - Fairchild Semiconductor ML2004 Datasheet HTML 8Page - Fairchild Semiconductor ML2004 Datasheet HTML 9Page - Fairchild Semiconductor ML2004 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ML2003, ML2004
PRODUCT SPECIFICATION
6
REV. 1.1.1 3/19/01
Figure 6. CMSG S/N vs Gain Setting
Figure 7. Gain Error vs Gain Setting
GAIN SETTING (dB)
40
50
60
70
80
90
100
-24
-18
-12
-6
-0
6
12
18
24
GAIN SETTING (dB)
0
0.02
-0.02
-0.04
-0.06
-0.08
-1.0
0.04
0.06
0.08
0.1
-24
-18
-12
-6
-0
6
12
18
24
ATTEN: VIN = 8dBm
GAIN: VIN = 8dBm/GAIN SETTING
1KHz
Figure 8. S/N + D vs Gain Setting (VIN/VOUT = 2VRMS)
Figure 9. S/N + D vs Gain Setting (VIN/VOUT = 0.5VRMS)
80
70
60
50
40
30
20
10
-24
-18
-12
-6
0
GAIN SETTING (dB)
612
18
24
VIN = 1kHz
VIN = 20kHz
VIN = 50kHz
ATTEN: VIN = 2VRMS
GAIN: VIN = 2VRMS/GAIN SETTING
GAIN SETTING (dB)
80
70
60
50
40
30
20
-24
-18
-12
-6
0
6
12
18
24
VIN = 1kHz
VIN = 20kHz
VIN = 50kHz
ATTEN: VIN = 0.5VRMS
GAIN: VIN = 0.5VRMS/GAIN SETTING
Typical Performance Curves (continued)
Figure 4. Output Noise Voltage vs Frequency
Figure 5. CMSG Output Noise vs Gain Settings
2.0
1.8
FREQUENCY (Hz)
GAIN SETTING (dB)
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
10
-10
-9
-8
-7
-6
-5
-4
-3
-2
-24
-18
-12
-6
-0
6
12
18
24
100
1K
10K
GAIN = +24dB
VIN = 6
GAIN = -24dB
GAIN = +12dB


Numéro de pièce similaire - ML2004

FabricantNo de pièceFiches techniqueDescription
logo
Micro Linear Corporatio...
ML2004CP MICRO-LINEAR-ML2004CP Datasheet
2Mb / 12P
   Logarithmic Gain/Attenuator
ML2004IP MICRO-LINEAR-ML2004IP Datasheet
2Mb / 12P
   Logarithmic Gain/Attenuator
More results

Description similaire - ML2004

FabricantNo de pièceFiches techniqueDescription
logo
Micro Linear Corporatio...
ML2003 MICRO-LINEAR-ML2003 Datasheet
2Mb / 12P
   Logarithmic Gain/Attenuator
ML2008 MICRO-LINEAR-ML2008 Datasheet
155Kb / 11P
   關P Compatible Logarithmic Gain/Attenuator
logo
Intersil Corporation
AN49.0 INTERSIL-AN49.0 Datasheet
155Kb / 2P
   Digital Audio Amplifier Gain Control using Logarithmic
logo
Dallas Semiconductor
DS1800 DALLAS-DS1800 Datasheet
428Kb / 14P
   Dual Inverting Log Gain/Attenuator
logo
Burr-Brown (TI)
4127 BURR-BROWN-4127 Datasheet
510Kb / 8P
   LOGARITHMIC AMPLIFIER
logo
Texas Instruments
TL441AM TI-TL441AM_06 Datasheet
246Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441CN TI-TL441CN Datasheet
563Kb / 20P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
logo
Analog Devices
HMC948LP3E AD-HMC948LP3E Datasheet
654Kb / 8P
   LOGARITHMIC DETECTOR
logo
Texas Instruments
TL441-EP TI1-TL441-EP Datasheet
576Kb / 18P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
logo
Analog Devices
HMC1094 AD-HMC1094 Datasheet
563Kb / 14P
   Logarithmic Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com