Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA1552Q-N4112 Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce TDA1552Q-N4112
Description  2 x 22 W BTL stereo car radio power amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1552Q-N4112 Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button TDA1552Q-N4112 Datasheet HTML 2Page - NXP Semiconductors TDA1552Q-N4112 Datasheet HTML 3Page - NXP Semiconductors TDA1552Q-N4112 Datasheet HTML 4Page - NXP Semiconductors TDA1552Q-N4112 Datasheet HTML 5Page - NXP Semiconductors TDA1552Q-N4112 Datasheet HTML 6Page - NXP Semiconductors TDA1552Q-N4112 Datasheet HTML 7Page - NXP Semiconductors TDA1552Q-N4112 Datasheet HTML 8Page - NXP Semiconductors TDA1552Q-N4112 Datasheet HTML 9Page - NXP Semiconductors TDA1552Q-N4112 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
July 1994
8
Philips Semiconductors
Product specification
2 x 22 W BTL stereo car radio power
amplifier
TDA1552Q
APPLICATION INFORMATION
Fig.3 Application circuit diagram.
handbook, full pagewidth
MLB951
100
nF
mute/stand-by switch
12
11
3
10
220 nF
1
4
6
220 nF
13
9
7
58
VP
TDA1552Q
2200
µF
14.4 V
not connected
R = 4
L
R = 4
L
60
k
60
k
reference
voltage
2
ground (signal)
input 2
input 1
power ground (substrate)


Numéro de pièce similaire - TDA1552Q-N4112

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
More results

Description similaire - TDA1552Q-N4112

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
   22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
TDA1557Q NXP-TDA1557Q Datasheet
67Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier with speaker protection
May 1992
TDA1553Q PHILIPS-TDA1553Q Datasheet
89Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier with loudspeaker protection
July 1994
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
TDA1515BQ PHILIPS-TDA1515BQ Datasheet
80Kb / 10P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
July 1994
TDA1510AQ PHILIPS-TDA1510AQ Datasheet
96Kb / 11P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
January 1992
TDA1551Q PHILIPS-TDA1551Q Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA1518BQ PHILIPS-TDA1518BQ Datasheet
80Kb / 11P
   24 W BTL or 2 x 12 watt stereo car radio power amplifier
July 1994
TDA1516BQ PHILIPS-TDA1516BQ Datasheet
95Kb / 11P
   24 W BTL or 2 x 12 watt stereo car radio power amplifier
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com