Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC74N Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce 74HC74N
Description  Dual D-type flip-flop with set and reset; positive edge-trigger
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC74N Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button 74HC74N Datasheet HTML 3Page - NXP Semiconductors 74HC74N Datasheet HTML 4Page - NXP Semiconductors 74HC74N Datasheet HTML 5Page - NXP Semiconductors 74HC74N Datasheet HTML 6Page - NXP Semiconductors 74HC74N Datasheet HTML 7Page - NXP Semiconductors 74HC74N Datasheet HTML 8Page - NXP Semiconductors 74HC74N Datasheet HTML 9Page - NXP Semiconductors 74HC74N Datasheet HTML 10Page - NXP Semiconductors 74HC74N Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
74HC_HCT74
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 27 August 2012
7 of 21
NXP Semiconductors
74HC74; 74HCT74
Dual D-type flip-flop with set and reset; positive edge-trigger
10. Dynamic characteristics
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit see Figure 9.
Symbol Parameter
Conditions
Tamb = 40 C to +85 C
Tamb = 40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
74HC74
tpd
propagation
delay
nCP to nQ, nQ; see
Figure 7
[2]
VCC = 2.0 V
-
47
220
-
265
ns
VCC = 4.5 V
-
17
44
-
53
ns
VCC =5V; CL =15pF
-
14
-
-
-
ns
VCC = 6.0 V
-
14
37
-
45
ns
nSD to nQ, nQ; see
Figure 8
[2]
VCC = 2.0 V
-
50
250
-
300
ns
VCC = 4.5 V
-
18
50
-
60
ns
VCC =5V; CL =15pF
-
15
-
-
-
ns
VCC = 6.0 V
-
14
43
-
51
ns
nRD to nQ, nQ; see
Figure 8
[2]
VCC = 2.0 V
-
52
250
-
300
ns
VCC = 4.5 V
-
19
50
-
60
ns
VCC =5V; CL =15pF
-
16
-
-
-
ns
VCC = 6.0 V
-
15
43
-
51
ns
tt
transition
time
nQ, nQ; see Figure 7
[3]
VCC = 2.0 V
-
19
95
-
110
ns
VCC = 4.5 V
-
7
19
-
22
ns
VCC = 6.0 V
-
6
16
-
19
ns
tW
pulse width
nCP HIGH or LOW;
see Figure 7
VCC = 2.0 V
100
19
-
120
-
ns
VCC = 4.5 V
20
7
-
24
-
ns
VCC = 6.0 V
17
6
-
20
-
ns
nSD, nRD LOW;
see Figure 8
VCC = 2.0 V
100
19
-
120
-
ns
VCC = 4.5 V
20
7
-
24
-
ns
VCC = 6.0 V
17
6
-
20
-
ns
trec
recovery
time
nSD, nRD; see Figure 8
VCC = 2.0 V
40
3
-
45
-
ns
VCC = 4.5 V
8
1
-
9
-
ns
VCC = 6.0 V
7
1
-
8
-
ns


Numéro de pièce similaire - 74HC74N

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC74N PHILIPS-74HC74N Datasheet
120Kb / 22P
   Dual D-type flip-flop with set and reset; positive-edge trigger
2003 Jul 10
74HC74N NXP-74HC74N Datasheet
175Kb / 21P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HC74N PHILIPS-74HC74N Datasheet
175Kb / 21P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HC74N NXP-74HC74N Datasheet
175Kb / 21P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
More results

Description similaire - 74HC74N

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC74A PHILIPS-74LVC74A Datasheet
99Kb / 10P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Jun 17
logo
Integral Corp.
IN74LV74 INTEGRAL-IN74LV74 Datasheet
161Kb / 7P
   Dual D-type flip-flop with set and reset; positive-edge trigger
logo
Nexperia B.V. All right...
74HC74-Q100 NEXPERIA-74HC74-Q100 Datasheet
798Kb / 19P
   Dual D-type flip-flop with set and reset; positive edge-trigger
74LVC74A-Q100 NEXPERIA-74LVC74A-Q100 Datasheet
722Kb / 18P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74LV74 NEXPERIA-74LV74 Datasheet
251Kb / 15P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 5 - 24 March 2021
74LV74-Q100 NEXPERIA-74LV74-Q100 Datasheet
1Mb / 17P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74AHC74-Q100 NEXPERIA-74AHC74-Q100 Datasheet
752Kb / 19P
   Dual D-type flip-flop with set and reset positive-edge trigger
74ABT74 NEXPERIA-74ABT74 Datasheet
227Kb / 13P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 3 - 12 October 2020
74LVC74A NEXPERIA-74LVC74A Datasheet
266Kb / 16P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 9 - 20 August 2021
logo
NXP Semiconductors
74LV74 PHILIPS-74LV74 Datasheet
125Kb / 12P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Apr 20
74HC74D-T NXP-74HC74D-T Datasheet
125Kb / 22P
   Dual D-type flip-flop with set and reset; positive-edge trigger
2003 Jul 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com