Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRL3705NSL Fiches technique(PDF) 1 Page - International Rectifier

No de pièce IRL3705NSL
Description  Logic-Level Gate Drive
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRL3705NSL Fiches technique(HTML) 1 Page - International Rectifier

  IRL3705NSL Datasheet HTML 1Page - International Rectifier IRL3705NSL Datasheet HTML 2Page - International Rectifier IRL3705NSL Datasheet HTML 3Page - International Rectifier IRL3705NSL Datasheet HTML 4Page - International Rectifier IRL3705NSL Datasheet HTML 5Page - International Rectifier IRL3705NSL Datasheet HTML 6Page - International Rectifier IRL3705NSL Datasheet HTML 7Page - International Rectifier IRL3705NSL Datasheet HTML 8Page - International Rectifier IRL3705NSL Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
IRL3705NS/L
HEXFET® Power MOSFET
PD - 91502C
l Advanced Process Technology
l Surface Mount (IRL3705NS)
l Low-profile through-hole (IRL3705NL)
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
Absolute Maximum Ratings
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low
on-resistance per silicon area.
This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power MOSFETs
are well known for, provides the designer with an extremely
efficient and reliable device for use in a wide variety of
applications.
The D2Pak is a surface mount power package capable of
accommodating die sizes up to HEX-4. It provides the
highest power capability and the lowest possible on-
resistance in any existing surface mount package. The
D2Pak is suitable for high current applications because of
its low internal connection resistance and can dissipate
up to 2.0W in a typical surface mount application.
The through-hole version (IRL3705NL) is available for low-
profile applications.
Description
VDSS = 55V
RDS(on) = 0.01Ω
ID = 89A
†
2
D
P ak
TO-26 2
S
D
G
5/12/98
l Logic-Level Gate Drive
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.90
RθJA
Junction-to-Ambient ( PCB Mounted,steady-state)**
–––
40
Thermal Resistance
°C/W
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V…
89
†
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V…
63
A
IDM
Pulsed Drain Current
…
310
PD @TA = 25°C
Power Dissipation
3.8
W
PD @TC = 25°C
Power Dissipation
170
W
Linear Derating Factor
1.1
W/°C
VGS
Gate-to-Source Voltage
± 16
V
EAS
Single Pulse Avalanche Energy
‚…
340
mJ
IAR
Avalanche Current

46
A
EAR
Repetitive Avalanche Energy

1.7
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ…
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C


Numéro de pièce similaire - IRL3705NSL

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRL3705NS IRF-IRL3705NS Datasheet
188Kb / 10P
   HEXFET Power MOSFET
logo
Inchange Semiconductor ...
IRL3705NS ISC-IRL3705NS Datasheet
263Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
   HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
303Kb / 11P
   ADVANCED PROCESS TECHNOLOGY
IRL3705NSPBF IRF-IRL3705NSPBF_15 Datasheet
303Kb / 11P
   ADVANCED PROCESS TECHNOLOGY
More results

Description similaire - IRL3705NSL

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRLR3105TRPBF IRF-IRLR3105TRPBF Datasheet
327Kb / 11P
   Logic-Level Gate Drive
IRLZ34NSLPBF IRF-IRLZ34NSLPBF Datasheet
191Kb / 11P
   Logic-Level Gate Drive
IRLR014NTRPBF IRF-IRLR014NTRPBF Datasheet
293Kb / 10P
   Logic-Level Gate Drive
logo
Kersemi Electronic Co.,...
IRLU024N KERSEMI-IRLU024N Datasheet
939Kb / 10P
   Logic-Level Gate Drive
IRLU3410 KERSEMI-IRLU3410 Datasheet
921Kb / 10P
   Logic Level Gate Drive
logo
International Rectifier
IRLZ44NSTRR IRF-IRLZ44NSTRR Datasheet
189Kb / 11P
   Logic-Level Gate Drive
IRL520NPBF IRF-IRL520NPBF Datasheet
313Kb / 9P
   Logic-level Gate Drive
logo
Infineon Technologies A...
AUIRLS8409-7P INFINEON-AUIRLS8409-7P Datasheet
278Kb / 11P
   Logic Level Gate Drive
2016-02-15
logo
International Rectifier
AUIRLZ24NS IRF-AUIRLZ24NS Datasheet
277Kb / 12P
   Logic Level Gate Drive
IRLR2705TRL IRF-IRLR2705TRL Datasheet
202Kb / 11P
   Logic-Level Gate Drive
IRLR2703PBF IRF-IRLR2703PBF_15 Datasheet
319Kb / 11P
   Logic-Level Gate Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com