Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UF1BS Fiches technique(PDF) 2 Page - Yea Shin Technology Co., Ltd

No de pièce UF1BS
Description  SURFACE MOUNT REVERSE VOLTAGE - 50 to 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YEASHIN [Yea Shin Technology Co., Ltd]
Site Internet  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

UF1BS Fiches technique(HTML) 2 Page - Yea Shin Technology Co., Ltd

  UF1BS Datasheet HTML 1Page - Yea Shin Technology Co., Ltd UF1BS Datasheet HTML 2Page - Yea Shin Technology Co., Ltd UF1BS Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING AND CHARACTERISTIC CURVES
UF1AS THRU UF1MS
NOTE:1.Rise Time = 7ns max.
Input Impedance = 1 megohm.
22pF
2.Rise Time = 10ns max.
Source Impedance = 50 Ohms
trr
+0.5A
0
-0.25
-1.0
SET TIME
1cm
BASE FOR
50 ns/cm
Fig. 1-REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
10
1.0
0.1
.01
0
.2
.4
.6
.8
1.0
1.2
1.4
TYPICAL
TJ = 25
UF1AS
UF1GS
UF1KS
100
10
1
0.1
1
10
100
TJ = 25
f = 1.0MHz
Vsig = 50m Vp-p
REVERSE VOLTAGE, VOLTS
Fig. 2-FORWARD CHARACTERISTICS
Fig. 3- TYPICAL JUNCTION CAPACITANCE
2.0
1.0
25
50
75
100 125 150 175
SINGLE PHASE HALF WAVE
RESISTIVE OR INDUCTIVE
P.C.B MOUNTED ON
0.315×0.315"(8.0×8.0mm)
PAD AREAS
LEAD TEMPERATURE,
30
25
20
15
10
5
1
2
5
10
20
50
100
8.3ms SINGLE HALF SINE WAVE
JEDEC METHOD
NUMBER OF CYCLES AT 60Hz
Fig. 4- FORWARD CURRENT DERATING CURVE
Fig. 5-PEAK FORWARD SURGE CURRENT
O C
O C
OC
http://www.yeashin.com
2
REV.02 20110725


Numéro de pièce similaire - UF1BS

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
UF1B PANJIT-UF1B Datasheet
70Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Chongqing Pingwei Enter...
UF1B CHONGQING-UF1B Datasheet
41Kb / 1P
   ULTRAFAST RECTIFIER
logo
Taiwan Semiconductor Co...
UF1B TSC-UF1B Datasheet
381Kb / 4P
   Glass Passivated High Efficient Rectifiers
logo
Surge Components
UF1B SURGE-UF1B Datasheet
75Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 1.0 Ampere???
logo
CHENG-YI ELECTRONIC CO....
UF1B CHENG-YI-UF1B Datasheet
125Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER
More results

Description similaire - UF1BS

FabricantNo de pièceFiches techniqueDescription
logo
PACELEADER INDUSTRIAL
US3AC PACELEADER-US3AC Datasheet
147Kb / 2P
   SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
US1AB PACELEADER-US1AB Datasheet
135Kb / 2P
   SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
US2AB PACELEADER-US2AB Datasheet
137Kb / 2P
   SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
US3AB PACELEADER-US3AB Datasheet
156Kb / 2P
   SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
US1A PACELEADER-US1A Datasheet
129Kb / 2P
   SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
logo
Yea Shin Technology Co....
US2A YEASHIN-US2A Datasheet
192Kb / 2P
   SURFACE MOUNT REVERSE VOLTAGE - 50 to 1000 Volts
U2A YEASHIN-U2A Datasheet
134Kb / 2P
   SURFACE MOUNT REVERSE VOLTAGE - 50 to 1000 Volts
UF1A YEASHIN-UF1A Datasheet
38Kb / 2P
   SURFACE MOUNT REVERSE VOLTAGE - 50 to 1000 Volts
logo
PACELEADER INDUSTRIAL
US2AA PACELEADER-US2AA Datasheet
158Kb / 2P
   SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
logo
Bruckewell Technology L...
DB151S BWTECH-DB151S Datasheet
320Kb / 4P
   REVERSE VOLTAGE - 50 to 1000 Volts
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com