Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

U1K Fiches technique(PDF) 1 Page - Yea Shin Technology Co., Ltd

No de pièce U1K
Description  Surface Mount Ultrafast Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YEASHIN [Yea Shin Technology Co., Ltd]
Site Internet  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

U1K Fiches technique(HTML) 1 Page - Yea Shin Technology Co., Ltd

  U1K Datasheet HTML 1Page - Yea Shin Technology Co., Ltd U1K Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20110725
U1A Thru U1M
SMF Unit: inch ( mm )
Top View
5
5
Z
Cathode Band
Detail
Z
enlarged
0.10 max
0.195 (0.9)typical
(0.189)4.8
(0.173)4.4
(0.052)1.3
(0.043)1.1
0.110(2.8)
0.095(2.4)
1.43
1.38
3.6
3.2
0.22
0.15
Surface Mount Ultrafast Rectifiers
Reverse Voltage 50 to 1000V
Forward Current 1.0A
Features
• Plastic package has Underwriters Laboratories
Flammability Classification 94V-0
• For surface mount applications
• Glass passivated chip junctions
• Low profile package
• Easy pick and place
• Ultrafast recovery times for high efficiency
• Low forward voltage, low power loss
• Built-in strain relief, ideal for automated placement
• High temperature soldering guaranteed:
250°C/10 seconds on terminals
Mechanical Data
Case: JEDEC DO-214AC molded plastic body over
passivated chip
Terminals: Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Weight: 0.002 ounce, 0.064 gram
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbol
U1A
U1B
U1D
U1G
U1J
U1K
U1M
Units
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current at TL = 110°C
IF(AV)
1.0
A
Peak forward surge current 8.3ms single half sine-wave
IFSM
30
A
superimposed on rated load (JEDEC Method)
Maximum thermal resistance(1)
R
θJA
75
°C/W
R
θJL
27
Operating and storage temperature range
TJ, TSTG
–55 to +150
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Maximum instantaneous forward voltage at 1.0A
VF
1.0
1.7
V
Maximum DC reverse current
TA = 25°C
10
at rated DC blocking voltage
TA =100°C
IR
50
µA
Maximum reverse recovery time
at IF = 0.5A, IR = 1.0A, Irr = 0.25A
trr
50
75
ns
Typical junction capacitance at 4.0V, 1MHz
CJ
15
10
pF
Notes: (1) P.C.B. mounted on 0.2 x 0.2” (5.0 x 5.0mm) copper pad area


Numéro de pièce similaire - U1K

FabricantNo de pièceFiches techniqueDescription
logo
SAMYANG ELECTRONICS CO....
U1K SAMYANG-U1K Datasheet
993Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
First Silicon Co., Ltd
U1KUK FS-U1KUK Datasheet
111Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
More results

Description similaire - U1K

FabricantNo de pièceFiches techniqueDescription
logo
EIC discrete Semiconduc...
MURA105 EIC-MURA105 Datasheet
43Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIERS
logo
Vishay Siliconix
UH1B VISHAY-UH1B Datasheet
106Kb / 5P
   Surface Mount Ultrafast Rectifiers
Revision: 12-Jun-08
logo
EIC discrete Semiconduc...
MURA160 EIC-MURA160 Datasheet
43Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIERS
logo
Vishay Siliconix
MUH1PB VISHAY-MUH1PB_V01 Datasheet
94Kb / 4P
   Surface Mount Ultrafast Rectifiers
02-Oct-12
logo
Taiwan Semiconductor Co...
TPUH6D TSC-TPUH6D Datasheet
381Kb / 4P
   Surface Mount Ultrafast Rectifiers
logo
SynSemi, Inc.
MURA105 SYNSEMI-MURA105 Datasheet
39Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIERS
logo
Shenzhen Taychipst Elec...
UH1A TAYCHIPST-UH1A Datasheet
3Mb / 2P
   Surface Mount Ultrafast Rectifiers
US2AA TAYCHIPST-US2AA Datasheet
3Mb / 2P
   Surface Mount Ultrafast Rectifiers
logo
Vishay Siliconix
MUH1PB VISHAY-MUH1PB Datasheet
94Kb / 4P
   Surface Mount Ultrafast Rectifiers
Revision: 19-Apr-11
logo
General Semiconductor
ES07B GE-ES07B Datasheet
30Kb / 1P
   Small Surface Mount Ultrafast Rectifiers
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com