Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF7205TRPBF Fiches technique(PDF) 8 Page - International Rectifier

No de pièce IRF7205TRPBF
Description  Adavanced Process Technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRF7205TRPBF Fiches technique(HTML) 8 Page - International Rectifier

  IRF7205TRPBF Datasheet HTML 1Page - International Rectifier IRF7205TRPBF Datasheet HTML 2Page - International Rectifier IRF7205TRPBF Datasheet HTML 3Page - International Rectifier IRF7205TRPBF Datasheet HTML 4Page - International Rectifier IRF7205TRPBF Datasheet HTML 5Page - International Rectifier IRF7205TRPBF Datasheet HTML 6Page - International Rectifier IRF7205TRPBF Datasheet HTML 7Page - International Rectifier IRF7205TRPBF Datasheet HTML 8Page - International Rectifier IRF7205TRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
IRF7205PbF
SO-8 Package Outline
Dimensions are shown in milimeters (inches)
e1
D
E
y
b
A
A1
H
K
L
.189
.1497
.013
.050 BASIC
.0532
.0040
.2284
.0099
.016
.1968
.1574
.020
.0688
.0098
.2440
.0196
.050
4.80
3.80
0.33
1.35
0.10
5.80
0.25
0.40
1.27 BASIC
5.00
4.00
0.51
1.75
0.25
6.20
0.50
1.27
MIN
MAX
MILLIMETERS
INCHES
MIN
MAX
DIM
e
c
.0075
.0098
0.19
0.25
.025 BASIC
0.635 BAS IC
87
5
65
D
B
E
A
e
6X
H
0.25 [.010]
A
6
7
K x 45°
8X L
8X c
y
0.25 [.010]
CA B
e1
A
A1
8X b
C
0.10 [.004]
4
3
12
FOOTPRINT
8X 0.72 [.028]
6.46 [.255]
3X 1.27 [.050]
4. OUTLINE CONFORMS TO JEDEC OUTLINE MS-012AA.
NOTES:
1. DIMENSIONING & TOLERANCING PER ASME Y14.5M-1994.
2. CONTROLLING DIMENSION: MILLIMETER
3. DIMENSIONS ARE SHOWN IN MILLIMETERS [INCHES].
5 DIMENSION DOES NOT INCLUDE MOLD PROTRUSIONS.
6 DIMENSION DOES NOT INCLUDE MOLD PROTRUSIONS.
MOLD PROTRUSIONS NOT TO EXCEED 0.25 [.010].
7 DIMENSION IS THE LENGTH OF LEAD FOR SOLDERING TO
ASUBSTRATE.
MOLD PROTRUSIONS NOT TO EXCEED 0.15 [.006].
8X 1.78 [.070]
SO-8 Part Marking Information (Lead-Free)
DATE CODE (YWW)
XXXX
INTERNATIONAL
RECTIFIER
LOGO
F7101
Y = LAST DIGIT OF THE YEAR
PART NUMBER
LOT CODE
WW = WEEK
EXAMPLE: THIS IS AN IRF7101 (MOSFET)
P = DES IGNATES LEAD-FREE
PRODUCT (OPTIONAL)
A = AS SEMBLY S ITE CODE


Numéro de pièce similaire - IRF7205TRPBF

FabricantNo de pièceFiches techniqueDescription
logo
VBsemi Electronics Co.,...
IRF7205TRPBF VBSEMI-IRF7205TRPBF Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET
More results

Description similaire - IRF7205TRPBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7204TRPBF IRF-IRF7204TRPBF Datasheet
249Kb / 9P
   Adavanced Process Technology
IRF7103TRPBF IRF-IRF7103TRPBF Datasheet
309Kb / 10P
   adavanced process technology
IRF103IPBF IRF-IRF103IPBF Datasheet
309Kb / 9P
   Adavanced Process Technology
IRL530NPBF IRF-IRL530NPBF Datasheet
466Kb / 11P
   Adavanced Process Technology
IRF7101TRPBF IRF-IRF7101TRPBF Datasheet
281Kb / 9P
   Adavanced Process Technology
logo
Alliance Semiconductor ...
AS6C8016A ALSC-AS6C8016A Datasheet
469Kb / 12P
   Process Technology
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com