Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAN5750 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce MAN5750
Description  0.510-INCH (13MM) SEVEN SEGMENT DISPLAYS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MAN5750 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  MAN5750 Datasheet HTML 1Page - Fairchild Semiconductor MAN5750 Datasheet HTML 2Page - Fairchild Semiconductor MAN5750 Datasheet HTML 3Page - Fairchild Semiconductor MAN5750 Datasheet HTML 4Page - Fairchild Semiconductor MAN5750 Datasheet HTML 5Page - Fairchild Semiconductor MAN5750 Datasheet HTML 6Page - Fairchild Semiconductor MAN5750 Datasheet HTML 7Page - Fairchild Semiconductor MAN5750 Datasheet HTML 8Page - Fairchild Semiconductor MAN5750 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
7/21/03
Page 2 of 10
© 2003 Fairchild Semiconductor Corporation
0.510-INCH (13MM)
SEVEN SEGMENT DISPLAYS
YELLOW MAN5350/5360
RED
MAN5750/5760
GREEN
MAN5450/5460
HER
MAN5950/5960
ELECTRO-OPTICAL CHARACTERISTICS (TA = 25°C Unless Otherwise Specified)
Parameter
Min.
Typ.
Max.
Units
Test Condition
Yellow
MAN5350/MAN5360
Luminous Intensity, digit average
(See Note 1)
820
1200
480
µcd
µcd
IF = 10 mA
IF = 5 mA
Peak emission wavelength
585
nm
IF = 10 mA
Dominant wavelength
582
593
nm
IF = 10 mA
Spectral line half width
40
nm
Forward voltage
2.4
3.0
V
IF = 20 mA
Dynamic resistance
26
IF = 20 mA
Capacitance
35
pF
VR = 0, f = 1MHz
Reverse current
10
µA
VR = 6.0 V
Green
MAN5450/MAN5460
Luminous Intensity, digit average
(See Note 1)
820
3000
1000
µcd
µcd
IF = 10 mA
IF = 5 mA
Peak emission wavelength
562
nm
IF = 10 mA
Dominant wavelength
564
574
nm
IF = 10 mA
Spectral line half width
30
nm
Forward voltage
2.4
3.0
V
IF = 20 mA
Dynamic resistance
12
IF = 20 mA
Capacitance
40
pF
VR = 0, f = 1MHz
Reverse current
10
µA
VR = 6.0 V


Numéro de pièce similaire - MAN5750

FabricantNo de pièceFiches techniqueDescription
logo
QT Optoelectronics
MAN5750 QT-MAN5750 Datasheet
574Kb / 7P
   0.510 INCH (13MM) SEVEN SEGMENT DISPLAYS
More results

Description similaire - MAN5750

FabricantNo de pièceFiches techniqueDescription
logo
QT Optoelectronics
MAN5350 QT-MAN5350 Datasheet
574Kb / 7P
   0.510 INCH (13MM) SEVEN SEGMENT DISPLAYS
MAN6600 QT-MAN6600 Datasheet
527Kb / 5P
   0.560-INCH SEVEN SEGMENT DISPLAYS
5082-7650 QT-5082-7650 Datasheet
526Kb / 5P
   0.43-INCH SEVEN SEGMENT DISPLAYS
MAN8900 QT-MAN8900 Datasheet
453Kb / 4P
   0.800-INCH SEVEN SEGMENT DISPLAYS
logo
Fairchild Semiconductor
MAN6700 FAIRCHILD-MAN6700 Datasheet
505Kb / 5P
   0.560-INCH SEVEN SEGMENT DISPLAYS
MAN8900 FAIRCHILD-MAN8900 Datasheet
493Kb / 5P
   0.800-INCH SEVEN SEGMENT DISPLAYS
MAN6400 FAIRCHILD-MAN6400 Datasheet
452Kb / 6P
   0.560-INCH SEVEN SEGMENT DISPLAYS
MAN6600 FAIRCHILD-MAN6600 Datasheet
551Kb / 6P
   0.560-INCH SEVEN SEGMENT DISPLAYS
MAN8400 FAIRCHILD-MAN8400 Datasheet
478Kb / 5P
   0.800-INCH SEVEN SEGMENT DISPLAYS
logo
QT Optoelectronics
MAN3900A QT-MAN3900A Datasheet
404Kb / 4P
   0.300-INCH SEVEN SEGMENT DISPLAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com