Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD6836CX412H Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce LD6836CX412H
Description  Ultra low dropout regulators, low noise, 300 mA
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

LD6836CX412H Fiches technique(HTML) 3 Page - NXP Semiconductors

  LD6836CX412H Datasheet HTML 1Page - NXP Semiconductors LD6836CX412H Datasheet HTML 2Page - NXP Semiconductors LD6836CX412H Datasheet HTML 3Page - NXP Semiconductors LD6836CX412H Datasheet HTML 4Page - NXP Semiconductors LD6836CX412H Datasheet HTML 5Page - NXP Semiconductors LD6836CX412H Datasheet HTML 6Page - NXP Semiconductors LD6836CX412H Datasheet HTML 7Page - NXP Semiconductors LD6836CX412H Datasheet HTML 8Page - NXP Semiconductors LD6836CX412H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LD6836_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 5 October 2012
3 of 28
NXP Semiconductors
LD6836 series
Ultra low dropout regulators, low noise, 300 mA
3.
Ordering information
[1]
Size 0.76 mm
 0.76 mm.
3.1 Ordering options
Further information on output voltage is available on request; see Section 18 “Contact
information”.
Table 3.
Ordering information
Type number
Package
Name
Description
Version
LD6836CX4
WLCSP4
wafer-level chip-scale package; 4 bumps (2
 2) [1]
-
LD6836CX4/C
WLCSP4
wafer-level chip-scale package with backside
coating; 4 bumps (2
 2) [1]
-
LD6836TD
-
plastic surface-mounted package; 5 leads
SOT753
Table 4.
Type number extension of high-ohmic output in WLCSP4
Type number
Nominal output
voltage
Type number
Nominal output
voltage
LD6836CX4/12H
1.2 V
LD6836CX4/25H
2.5 V
LD6836CX4/13H
1.3 V
LD6836CX4/27H
2.7 V
LD6836CX4/14H
1.4 V
LD6836CX4/28H
2.8 V
LD6836CX4/16H
1.6 V
LD6836CX4/29H
2.9 V
LD6836CX4/18H
1.8 V
LD6836CX4/30H
3.0 V
LD6836CX4/20H
2.0 V
LD6836CX4/33H
3.3 V
LD6836CX4/22H
2.2 V
LD6836CX4/36H
3.6 V
LD6836CX4/23H
2.3 V
-
-
Table 5.
Type number extension of pull-down output in WLCSP4
Type number
Nominal output
voltage
Type number
Nominal output
voltage
LD6836CX4/12P
1.2 V
LD6836CX4/23P
2.3 V
LD6836CX4/13P
1.3 V
LD6836CX4/25P
2.5 V
LD6836CX4/14P
1.4 V
LD6836CX4/27P
2.7 V
LD6836CX4/16P
1.6 V
LD6836CX4/28P
2.8 V
LD6836CX4/18P
1.8 V
LD6836CX4/29P
2.9 V
LD6836CX4/20P
2.0 V
LD6836CX4/30P
3.0 V
LD6836CX4/21P
2.1 V
LD6836CX4/33P
3.3 V
LD6836CX4/22P
2.2 V
LD6836CX4/36P
3.6 V


Numéro de pièce similaire - LD6836CX412H

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
LD6836CX4 NXP-LD6836CX4 Datasheet
13Mb / 24P
   DC/DC SWITCHING REGULATORS, LOW-VOLTAGE LDOS, MID-VOLTAGE LDOS
October 2012
More results

Description similaire - LD6836CX412H

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LP3982 TI1-LP3982_16 Datasheet
1Mb / 28P
[Old version datasheet]   Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
LP3982 TI-LP3982_15 Datasheet
839Kb / 25P
[Old version datasheet]   LP3982 Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
LP3982IMM-1.8 TI-LP3982IMM-1.8 Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3982IMM-ADJ TI-LP3982IMM-ADJ Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3982IMMX-ADJ TI-LP3982IMMX-ADJ Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
logo
ON Semiconductor
NCP2860 ONSEMI-NCP2860_06 Datasheet
117Kb / 9P
   300 mA Very Low Noise, Low Dropout Linear Regulator
April, 2006 ??Rev. 8
NCP2860DMADJR2G ONSEMI-NCP2860DMADJR2G Datasheet
210Kb / 11P
   300 mA Very Low Noise, Low Dropout Linear Regulator
July, 2010 ??Rev. 12
NCP2860 ONSEMI-NCP2860 Datasheet
119Kb / 12P
   300 mA Very Low Noise, Low Dropout Linear Regulator
October, 2002 - Rev. 6
logo
Texas Instruments
TPS76430DBVTG4 TI-TPS76430DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
logo
Rohm
BHXXFB_LB_MA-E ROHM-BHXXFB_LB_MA-E Datasheet
702Kb / 9P
   low dropout CMOS regulators with 150 mA and 300 mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com