Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7824KRZ Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD7824KRZ
Description  LC MOS High Speed 4- and 8-Channel 8-Bit ADCs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7824KRZ Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD7824KRZ Datasheet HTML 2Page - Analog Devices AD7824KRZ Datasheet HTML 3Page - Analog Devices AD7824KRZ Datasheet HTML 4Page - Analog Devices AD7824KRZ Datasheet HTML 5Page - Analog Devices AD7824KRZ Datasheet HTML 6Page - Analog Devices AD7824KRZ Datasheet HTML 7Page - Analog Devices AD7824KRZ Datasheet HTML 8Page - Analog Devices AD7824KRZ Datasheet HTML 9Page - Analog Devices AD7824KRZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD7824/AD7828
–6–
REV. F
OPERATIONAL DIAGRAM
The AD7824 is a 4-channel 8-bit ADC and the AD7828 is an
8-channel 8-bit ADC. Operational diagrams for both of these
devices are shown in Figures 3 and 4. The addition of just a 5 V
reference allows the devices to perform the analog-to-digital function.
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
AD7824
NC = NO CONNECT
AIN4
VDD
AIN3
NC
AIN2
A0
AIN1
A1
NC
DB7
DB0
DB6
DB1
DB5
DB2
DB4
DB3
CS
RD
RDY
INT
VREF (+)
GND
VREF (–)
ANALOG INPUTS
0V TO 5V
P 4LSB
DATA BUS
P CONTROL INPUT
STATUS OUTPUT
P ADDRESS
BUS
P 4MSB
DATA BUS
P CONTROL INPUT
STATUS OUTPUT
5V
5V
Figure 3. AD7824 Operational Diagram
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AD7828
NC = NO CONNECT
AIN6
AIN7
AIN5
AIN8
AIN4
VDD
AIN3
A0
AIN2
A1
AIN1
A2
NC
DB7
DB0
DB6
DB1
DB5
DB2
DB4
DB3
CS
RD
RDY
INT
VREF (+)
GND
VREF (–)
ANALOG INPUTS
0V TO 5V
P 4LSB
DATA BUS
P CONTROL INPUT
STATUS OUTPUT
ANALOG INPUTS
0V TO 5V
P ADDRESS
BUS
P 4MSB
DATA BUS
P CONTROL INPUT
STATUS OUTPUT
5V
5V
Figure 4. AD7828 Operational Diagram
CIRCUIT INFORMATION
BASIC DESCRIPTION
The AD7824/AD7828 uses a half-flash conversion technique
whereby two 4-bit flash ADCs are used to achieve an 8-bit result.
Each 4-bit flash ADC contains 15 comparators that compare
the unknown input to a reference ladder to get a 4-bit result.
For a full 8-bit reading to be realized, the upper 4-bit flash, the
most significant (MS) flash, performs a conversion to provide
the four most significant data bits. An internal DAC, driven by
the four MSBs, then recreates an analog approximation of the
input voltage. This analog result is subtracted from the input,
and the difference is converted by the lower flash ADC, the least
significant (LS) flash, to provide the four least significant bits of
the output data. The most significant flash ADC also has one
additional comparator to detect overrange on the analog input.
APPLYING THE AD7824/AD7828
REFERENCE AND INPUT
The two reference inputs on the AD7824/AD7828 are fully differ-
ential and define the zero to full-scale input range of the ADC.
As a result, the span of the analog input voltage for all channels
can easily be varied. By reducing the reference span, VREF (+) to
VREF (–), to less than 5 V, the sensitivity of the converter can be
increased (e.g., if VREF = 2 V then 1 LSB = 7.8 mV). The input/
reference arrangement also facilitates ratiometric operation.
This reference flexibility also allows the input channel voltage
span to be offset from zero. The voltage at VREF (–) sets the
input level for all channels, which produces a digital output of
all zeroes. Therefore, although the analog inputs are not them-
selves differential, they have nearly differential input capability
in most measurement applications because of the reference
design. Figures 5 to 7 show some of the configurations that are
possible.
AD7824*
AD7828*
AIN1
GND
VDD
VREF (+)
VREF (–)
47 F
0.1 F
VIN (–)
VIN (+)
5V
ADDITIONAL PINS OMITTED FOR CLARITY.
ONLY CHANNEL 1 SHOWN.
*
Figure 5. Power Supply as Reference
AD7824*
AD7828*
AIN1
GND
VDD
VREF (+)
VREF (–)
47 F
0.1 F
VIN (–)
VIN (+)
5V
ADDITIONAL PINS OMITTED FOR CLARITY.
ONLY CHANNEL 1 SHOWN.
*
AD580
0.1 F
10 F
Figure 6. External Reference Using the AD580, Full-Scale
Input is 2.5 V
AD7824*
AD7828*
AIN1
GND
VDD
VREF (+)
VREF (–)
47 F
0.1 F
VIN (+)
5V
ADDITIONAL PINS OMITTED FOR CLARITY.
ONLY CHANNEL 1 SHOWN.
*
DB7
DB0
DATA
V1
V2
DATA =
256 (FOR ALL CHANNELS)
VIN (+)
V1 – V2
Figure 7. Input Not Referenced to GND


Numéro de pièce similaire - AD7824KRZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7824KR AD-AD7824KR Datasheet
270Kb / 16P
   LC2MOS High Speed 4- & 8-Channel 8-Bit ADCs
REV. F
AD7824KR AD-AD7824KR Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824KR AD-AD7824KR Datasheet
215Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824KR-REEL AD-AD7824KR-REEL Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
More results

Description similaire - AD7824KRZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7824 AD-AD7824_15 Datasheet
276Kb / 16P
   LC MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7828 AD-AD7828_15 Datasheet
276Kb / 16P
   LC MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7778 AD-AD7778_15 Datasheet
550Kb / 12P
   LC MOS High Speed 1. 4 and 8 Channel 10 Bit ADCs
REV. A
AD7777 AD-AD7777_15 Datasheet
550Kb / 12P
   LC MOS High Speed 1. 4 and 8 Channel 10 Bit ADCs
REV. A
AD7776 AD-AD7776_15 Datasheet
550Kb / 12P
   LC MOS High Speed 1. 4 nad 8 Channel 10 Bit ADCs
REV. A
AD7824KNZ AD-AD7824KNZ Datasheet
215Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7828KNZ AD-AD7828KNZ Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7828KPZ AD-AD7828KPZ Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824KR-REEL AD-AD7824KR-REEL Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824 AD-AD7824 Datasheet
270Kb / 16P
   LC2MOS High Speed 4- & 8-Channel 8-Bit ADCs
REV. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com