Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMP-P2021 Fiches technique(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HLMP-P2021
Description  Standard SMT and Through Hole Lead Bend Options for Subminiature LED Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-P2021 Fiches technique(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-P2021 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-P2021 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-P2021 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-P2021 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-P2021 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-P2021 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-P2021 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-P2021 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-P2021 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Selection Guide
Package
Option
Outline
Code
Package Configuration
Drawing
11
Gull Wing Leads, 12 mm Tape on 7 in. Dia. Reel,
Surface Mount
A, H, K, L
1500 Parts per Reel[1]
12
Gull Wing Lead, Bulk Packaging, Quantity of 500 Parts[2]
14
Gull Wing Leads, 12 mm Tape on 13 in. Dia. Reel,
6000 Parts per Reel[1]
21
Yoke Leads, 12 mm Tape on 7 in. Dia. Reel
B, I, K, L
1500 Parts per Reel[1]
22
Yoke Leads, Bulk Packaging, Quantity of 500 Parts[2]
24
Yoke Leads, 12 mm Tape on 13 in. Dia. Reel,
6000 Parts per Reel[1]
31
Z-Bend Leads, 12 mm Tape on 7 in. Dia. Reel
C, J, K, L
1500 Parts per Reel[1]
32
Z-Bend Leads, Bulk Packaging, Quantity of 500 Parts[2]
34
Z-Bend Leads, 12 mm Tape on 13 in. Dia. Reel,
6000 Parts per Reel[1]
1L
2.54 mm (0.100 inch)
Long Leads; 10.4 mm (0.410 in.)
Right Angle Lead
D
1S
Short Leads; 3.7 mm (0.145 in.)
E
2L
5.08 mm (0.200 inch)
Long Leads; 9.2 mm (0.364 in.)
F
2S
Short Leads; 3.7 mm (0.145 in.)
G
Notes:
1. SMT lamps are supplied in 12 mm embossed carrier tape. Minimum order is for one full reel, either 7 inch or 13 inch. All other order quantities
must be in reel increments only. Orders for partial reels are not accepted.
2. Vapor barrier bags are used for bulk packaging.
Center Lead Spacing
Center Lead Spacing
Lead
Configurations
Bends for
Through Hole
Mounting


Numéro de pièce similaire - HLMP-P2021

FabricantNo de pièceFiches techniqueDescription
logo
Broadcom Corporation.
HLMP-P202 BOARDCOM-HLMP-P202 Datasheet
706Kb / 16P
   Subminiature LED Lamps
July 13, 2020
logo
Agilent(Hewlett-Packard...
HLMP-P202-F0000 HP-HLMP-P202-F0000 Datasheet
152Kb / 16P
   Subminiature LED Lamps
HLMP-P202-F00XX HP-HLMP-P202-F00XX Datasheet
152Kb / 16P
   Subminiature LED Lamps
More results

Description similaire - HLMP-P2021

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMA-PG00-N0011 AVAGO-HLMA-PG00-N0011 Datasheet
356Kb / 11P
   Standard SMT and Through Hole Lead Bend Options for Subminiature LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-7000 HP-HLMP-7000 Datasheet
220Kb / 12P
   Standard SMT and Through Hole Lead Bend Options for Subminiature LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
AV02-1496EN AVAGO-AV02-1496EN Datasheet
356Kb / 11P
   Standard SMT and Through Hole Lead Bend Options for Subminiature LED Lamps
logo
Siemens Semiconductor G...
ILD1 SIEMENS-ILD1 Datasheet
32Kb / 1P
   SURFACE MOUNT LEAD BEND OPTIONS
logo
Everlight Electronics C...
IR91-21C-TR10 EVERLIGHT-IR91-21C-TR10 Datasheet
190Kb / 10P
   1.9mm Round Subminiature ?쏾-Bend??Lead Infrared LED
IR91-21C-TR10 EVERLIGHT-IR91-21C-TR10_15 Datasheet
206Kb / 9P
   1.9mm Round Subminiature Z-Bend Lead Infrared LED
EAISG2021A2 EVERLIGHT-EAISG2021A2 Datasheet
484Kb / 9P
   1.9mm Round Subminiature??Z-Bend??Lead Infrared LED
SIR91-21C EVERLIGHT-SIR91-21C Datasheet
175Kb / 9P
   .9mm Round Subminiature ?쏾-Bend??Lead Infrared LED
EAISZ2522A0 EVERLIGHT-EAISZ2522A0 Datasheet
531Kb / 9P
   1.9mm Round Subminiature ?쏾-Bend??Lead Infrared LED
EAISZ2120A0 EVERLIGHT-EAISZ2120A0 Datasheet
463Kb / 9P
   1.9mm Round Subminiature??Z-Bend??Lead Infrared LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com