Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMP-K600 Fiches technique(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HLMP-K600
Description  T-1 3mm Diffused LED Lamps
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-K600 Fiches technique(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-K600 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-K600 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-K600 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-K600 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-K600 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-K600 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-K600 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-K600 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-K600 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
Figure 5. Maximum tolerable peak current vs.
pulse duration. (IDC MAX as per MAX ratings)
Figure 3. Relative luminous intensity vs. DC
forward current
Figure 2. Forward current vs. forward voltage
characteristics
Figure 4. Relative efficiency (luminous intensity
per unit current) vs. peak LED current
T-1 High Efficiency Red, Orange Diffused Lamps
Figure 1. Relative intensity vs. wavelength
ORANGE
HIGH EFFICIENCY RED
WAVELENGTH – nm
1.0
0.5
0
500
550
600
650
700
750
YELLOW
EMERALD GREEN
HIGH
PERFORMANCE
GREEN
TA = 25° C
AlGaAs RED
Figure 6. Relative luminous intensity vs. angular displacement


Numéro de pièce similaire - HLMP-K600

FabricantNo de pièceFiches techniqueDescription
logo
QT Optoelectronics
HLMP-K600 QT-HLMP-K600 Datasheet
244Kb / 3P
   T-1 (3mm) SOLID STATE LAMPS
logo
Fairchild Semiconductor
HLMP-K600 FAIRCHILD-HLMP-K600 Datasheet
112Kb / 4P
   T-100 3 mm SOLID STATE LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-K600 HP-HLMP-K600 Datasheet
179Kb / 6P
   T-1 (3 mm) Diffused LED Lamps
HLMP-K600 HP-HLMP-K600 Datasheet
208Kb / 12P
   T-1 (3 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-K600 BOARDCOM-HLMP-K600 Datasheet
1Mb / 12P
   T-1 (3-mm) Diffused LED Lamps
More results

Description similaire - HLMP-K600

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-NS31 AVAGO-HLMP-NS31 Datasheet
219Kb / 6P
   T-1 (3mm) InGaN LED Lamps
logo
Kingbright Corporation
L-424 KINGBRIGHT-L-424 Datasheet
186Kb / 6P
   T-1(3mm) CYLINDRICAL LED LAMPS
L-483 KINGBRIGHT-L-483 Datasheet
793Kb / 5P
   T-1 (3mm) CYLINDRICAL LED LAMPS
L-1334 KINGBRIGHT-L-1334 Datasheet
220Kb / 7P
   T-1 (3mm) CYLINDRICAL LED LAMPS
logo
AVAGO TECHNOLOGIES LIMI...
HLMPY601 AVAGO-HLMPY601 Datasheet
70Kb / 3P
   T-1 (3mm) AlInGaP LED Lamps
logo
Chicago Miniature Lamp,...
CMD50640 CML-CMD50640 Datasheet
70Kb / 1P
   T-100 (T-1) Diffused Lens LED Lamps
logo
Kingbright Corporation
L934LID KINGBRIGHT-L934LID Datasheet
149Kb / 5P
   T-1(3MM) SUPER BRIGHT LED LAMPS
L-934L KINGBRIGHT-L-934L Datasheet
143Kb / 5P
   T-1 (3mm) LOW CURRENT LED LAMPS
L934SGC KINGBRIGHT-L934SGC Datasheet
109Kb / 4P
   T-1(3MM) SUPER BRIGHT LED LAMPS
logo
Lite-On Technology Corp...
LTL-4201 LITEON-LTL-4201 Datasheet
625Kb / 6P
   T-1 (3mm) Solid State LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com