Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC857-AU_0_10001 Fiches technique(PDF) 1 Page - Pan Jit International Inc.

No de pièce BC857-AU_0_10001
Description  PNP GENERAL PURPOSE TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC857-AU_0_10001 Fiches technique(HTML) 1 Page - Pan Jit International Inc.

  BC857-AU_0_10001 Datasheet HTML 1Page - Pan Jit International Inc. BC857-AU_0_10001 Datasheet HTML 2Page - Pan Jit International Inc. BC857-AU_0_10001 Datasheet HTML 3Page - Pan Jit International Inc. BC857-AU_0_10001 Datasheet HTML 4Page - Pan Jit International Inc. BC857-AU_0_10001 Datasheet HTML 5Page - Pan Jit International Inc. BC857-AU_0_10001 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PAGE . 1
April 23,2012-REV.03
PNP GENERAL PURPOSE TRANSISTORS
VOLTAGE
30/45/65 Volts
330 mWatts
MECHANICAL
Case: SOT-23
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.008 gram
Marking:
DATA
ABSOLUTE RATINGS
PARAMETER
Symbol
Units
Collector - Emitter Voltage
VCEO
-65
-45
-30
V
Collector - Base Voltage
VCBO
-80
-50
-30
V
Emitter - Base Voltage
VEBO
-5
V
Collector Current - Continuous
I C
-100
mA
Max Power Dissipation(Note1)
PTOT
330
mW
Typical Thermal Resistance, Junction to Ambient
RΘJA
375
o
C/W
Operating Junction and Storage Temperature Range
TJ,TSTG
-50 to 150
o
C
BC858-AU
NOTES:
1. Transistor mounted on FR-4 board 8 cm
2.
Top View
3
Collector
3
Collector
1
Base
1
Base
2
Emitter
2
Emitter
POWER
BC856-AU,BC857-AU,BC858-AU,BC859-AU SERIES
SOT-23
Unit inch(mm)
0.120(3.04)
0.110(2.80)
0.056(1.40)
0.047(1.20)
0.079(2.00)
0.070(1.80)
0.020(0.50)
0.013(0.35)
0.044(1.10)
0.035(0.90)
0.008(0.20)
0.003(0.08)
0.004(0.10)
0.000(0.00)
FEATURES
• General Purpose Amplifier Applications
• Collector Current IC = -100mA
• Complimentary (PNP) Devices : BC846/BC847/BC848/BC849
Series
• Lead free in comply with EU RoHS 2002/95/EC directives.
• Green molding compound as per IEC61249 Std. . (Halogen Free)
AEC-Q101 qualified
Acqire quality system certificate : TS16949
Device Marking:
BC856A-AU=56A BC857A-AU=57A BC858A-AU=58A
BC856B-AU=56B BC857B-AU=57B BC858B-AU=58B
BC859B-AU=59B
BC857C-AU=57C BC858C-AU=58C
BC859C-AU=59C
BC856-AU
BC859-AU
BC857-AU


Numéro de pièce similaire - BC857-AU_0_10001

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
BC857-A-AE3-R UTC-BC857-A-AE3-R Datasheet
176Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
More results

Description similaire - BC857-AU_0_10001

FabricantNo de pièceFiches techniqueDescription
logo
Weitron Technology
SS8550LT1 WEITRON-SS8550LT1 Datasheet
404Kb / 4P
   PNP General Purpose Transistors
S9012 WEITRON-S9012 Datasheet
1Mb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 May 31
logo
Weitron Technology
A1015 WEITRON-A1015 Datasheet
720Kb / 4P
   PNP General Purpose Transistors
2SA1036K WEITRON-2SA1036K Datasheet
209Kb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BC857BW115 NXP-BC857BW115 Datasheet
163Kb / 10P
   PNP general purpose transistors
2002 Feb 04
BCW69 PHILIPS-BCW69_15 Datasheet
119Kb / 6P
   PNP general purpose transistors
2004 Feb 06
logo
First Components Intern...
2N3905 FCI-2N3905_6 Datasheet
77Kb / 2P
   PNP General Purpose Transistors
logo
Weitron Technology
KTA1505 WEITRON-KTA1505 Datasheet
411Kb / 3P
   PNP General Purpose Transistors
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com