Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


MRFIC0931 Datasheet(Fiches technique) 2 Page - Motorola, Inc

Numéro de pièce MRFIC0931
Description  BALANCED TRANSMIT MIXER SILICON MONOLITHIC INTEGRATED CIRCUIT
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo 

   
 2 page
background image
MRFIC0931
2
MOTOROLA RF DEVICE DATA
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Value
Unit
Supply Voltages
VCC
2.7 to 4.5
Vdc
RF Frequency Range
fRF
500 to 2000
MHz
IF Frequency Range
fIF
0 to 250
MHz
ELECTRICAL CHARACTERISTICS (TA = 25°C, measured in circuit shown in Figure 1 or 2 as
frequency indicates)
Parameter
Min
Typ
Max
Unit
RF Output Power (fIF = 88 MHz, fLO = 815 MHz, PLO = –10 dBm,
PIF = –20 dBm, VCC = 4.5 V)
2
4
8
dBm
LO Feed Through (fIF = 88 MHz, fLO = 815 MHz, PLO = –10 dBm,
PIF = –20 dBm, VCC = 4.5 V)
–16
dBc
Undesired Sideband Output (fIF = 88 MHz, fLO = 815 MHz,
PLO = –10 dBm, PIF = –20 dBm, VCC = 4.5 V)
–25
dBc
Small Sigal Conversion Gain (fIF = 100 MHz, PIF = –25 dBm, VCC = 3.6 V)
900 MHz (PLO = –10 dBm)
1800 MHz (PLO = –5 dBm)
25
20
dB
dB
Power Output at 1 dB Gain Compression (fIF = 100 MHz, PIF = –25 dBm,
VCC = 3.6 V)
900 MHz (PLO = –10 dBm)
1800 MHz (PLO = –5 dBm)
0.9
–2
dBm
dBm
Supply Current
VCC = 4.5 V
VCC = 3.6 V
38
30
47
45
mA
mA
C1, C4, C6, C10
1000 pF
C2
13 pF
C3, C9
10 pF
C5
100 pF
C7
2.4 pF
C8
2 pF
L1, L3
220 nH
L2
3.3 nH
L4
12 nH
T1, T2
1/8
λ 50 Ω Microstrip
Board Material
Epoxy/Glass
εr = 4.45
IF IN
T1
C7
1
2
3
45
6
7
8
L1
T2
LO IN
L2
C2
C1
L3
C5
VCC
RF
OUTPUT
L4
C10
C8
C3
C4
C9
C6
Figure 1. 903 MHz Configuration Test Circuit




Html Pages

1  2  3  4 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
MRFIC2001900 MHz DOWNCONVERTER LNA/MIXER SILICON MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
TC5070PC2MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 MoreToshiba Semiconductor
KIA7217APBIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC 5.8W AUDIO POWER AMPLIFIER CAR STEREO CAR RADIO OUTPUT 1 2 3 4 KEC(Korea Electronics)
KIC7S14FUSILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT SCHMITT INVERTER 1 2 3 KEC(Korea Electronics)
MC1741OPERATIONAL AMPLIFIER SILICON MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 Motorola, Inc
TC74HC161AFTOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TAR5SB30TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
T6B70BFTOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TC74HC11AFTOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 MoreToshiba Semiconductor
TB32301TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl