Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

93LC86-I Fiches technique(PDF) 9 Page - Microchip Technology

No de pièce 93LC86-I
Description  8K/16K 2.5V Microwire Serial EEPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC86-I Fiches technique(HTML) 9 Page - Microchip Technology

Back Button 93LC86-I Datasheet HTML 5Page - Microchip Technology 93LC86-I Datasheet HTML 6Page - Microchip Technology 93LC86-I Datasheet HTML 7Page - Microchip Technology 93LC86-I Datasheet HTML 8Page - Microchip Technology 93LC86-I Datasheet HTML 9Page - Microchip Technology 93LC86-I Datasheet HTML 10Page - Microchip Technology 93LC86-I Datasheet HTML 11Page - Microchip Technology 93LC86-I Datasheet HTML 12Page - Microchip Technology 93LC86-I Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
 2010 Microchip Technology Inc.
DS21131F-page 9
93LC76/86
FIGURE 3-4:
EWDS
FIGURE 3-5:
WRITE
FIGURE 3-6:
WRAL
10
0
0
0
XX
...
CS
CLK
DI
TCSL
ORG = VCC, 8 X’s
ORG = VSS, 9 X’S
101
AN
A0
...
DN
...
D0
TWC
Ready
BUSY
High-impedance
CS
CLK
DI
DO
Standby
TCZ
Ensured at Vcc = +4.5V to +6.0V.
10
0
0
1
X
...
X
DN
...
D0
BUSY
Ready
High-impedance
Standby
CS
CLK
DI
DO
ORG = VCC, 8 X’s
ORG = VSS, 9 X’s
TWL
TCZ


Numéro de pièce similaire - 93LC86-I

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
93LC86-I/P MICROCHIP-93LC86-I/P Datasheet
328Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
2004
93LC86-I/SN MICROCHIP-93LC86-I/SN Datasheet
328Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
2004
93LC86-IP MICROCHIP-93LC86-IP Datasheet
86Kb / 12P
   8K/16K 2.5V Microwire Serial EEPROM
1996
93LC86-ISN MICROCHIP-93LC86-ISN Datasheet
86Kb / 12P
   8K/16K 2.5V Microwire Serial EEPROM
1996
More results

Description similaire - 93LC86-I

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
950211BFLF MICROCHIP-950211BFLF Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93LC76 MICROCHIP-93LC76 Datasheet
86Kb / 12P
   8K/16K 2.5V Microwire Serial EEPROM
1996
93LC86P MICROCHIP-93LC86P Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93LC76 MICROCHIP-93LC76_04 Datasheet
328Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
2004
93LC86 MICROCHIP-93LC86 Datasheet
240Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
05/28/04
93LC76 MICROCHIP-93LC76_10 Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
2010
93C76 MICROCHIP-93C76_04 Datasheet
268Kb / 20P
   8K/16K 5.0V Microwire Serial EEPROM
2004
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
   8K/16K 5.0V Microwire Serial EEPROM
1996
93AA76 MICROCHIP-93AA76_04 Datasheet
306Kb / 22P
   8K/16K 1.8V Microwire Serial EEPROM
2004
93AA76 MICROCHIP-93AA76 Datasheet
86Kb / 12P
   8K/16K 1.8V Microwire Serial EEPROM
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com