Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC817-16W-AU_FX_0001 Fiches technique(PDF) 3 Page - Pan Jit International Inc.

No de pièce BC817-16W-AU_FX_0001
Description  NPN GENERAL PURPOSE TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC817-16W-AU_FX_0001 Fiches technique(HTML) 3 Page - Pan Jit International Inc.

  BC817-16W-AU_FX_0001 Datasheet HTML 1Page - Pan Jit International Inc. BC817-16W-AU_FX_0001 Datasheet HTML 2Page - Pan Jit International Inc. BC817-16W-AU_FX_0001 Datasheet HTML 3Page - Pan Jit International Inc. BC817-16W-AU_FX_0001 Datasheet HTML 4Page - Pan Jit International Inc. BC817-16W-AU_FX_0001 Datasheet HTML 5Page - Pan Jit International Inc. BC817-16W-AU_FX_0001 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PAGE . 3
March 15,2011-REV.02
BC817-16W-AU SERIES
0
200
400
600
0.1
1
10
100
1000
IC, Collector Current (mA)
TJ = 150°C
TJ = 25°C
TJ = 75°C
VCE = 1V
0.1
1
10
0.1
1
10
100
1000
IC, Collector Current (mA)
TJ = 150°C
TJ = 25°C
0.01
0.1
1
0.1
1
10
100
1000
IC, Collector Current (mA)
TJ = 150°C
TJ = 25°C
0
200
400
600
0.1
1
10
100
1000
IC, Collector Current (mA)
TJ = 150°C
TJ = 25°C
TJ = 75°C
VCE = 1V
1
10
100
0.1
1
10
100
VCB, VEB (V)
CEB
CCB
f =1MHz
TJ=25°C
0
200
400
600
800
0.1
1
10
100
1000
IC, Collector Current (mA)
TJ = 150°C
TJ = 25°C
TJ = 75°C
VCE = 1V
Fig.1 Base-Emitter Saturation Voltage
Fig.3 BC817-16W-AU:Typical DC Current Gain
Fig.4 BC817-25W-AU:Typical DC Current Gain
Fig.6 Typical Capacitance
Fig.5 BC817-40W-AU:DC Current Gain
Fig.2 Collector-Emitter Saturation Voltage
IC/IB = 10
IC/IB = 10


Numéro de pièce similaire - BC817-16W-AU_FX_0001

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
BC817-16W-7 DIODES-BC817-16W-7 Datasheet
364Kb / 3P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30575 Rev. 4 - 2
logo
Nexperia B.V. All right...
BC817-16W-Q NEXPERIA-BC817-16W-Q Datasheet
308Kb / 14P
   45 V, 500 mA PNP general-purpose transistors
Rev. 1 - 8 June 2021
BC817-16W-Q NEXPERIA-BC817-16W-Q Datasheet
310Kb / 14P
   45 V, 500 mA NPN general-purpose transistors
Rev. 1 - 8 June 2021
More results

Description similaire - BC817-16W-AU_FX_0001

FabricantNo de pièceFiches techniqueDescription
logo
AiT Semiconductor Inc.
D882 AITSEMI-D882 Datasheet
554Kb / 5P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
   NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
   NPN general purpose transistors
2003 Jul 15
PMSTA05 PHILIPS-PMSTA05 Datasheet
56Kb / 8P
   NPN general purpose transistors
1999 Apr 29
JC546 PHILIPS-JC546 Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 27
BCX70 PHILIPS-BCX70 Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
BC546 PHILIPS-BC546 Datasheet
47Kb / 8P
   NPN general purpose transistors
2004 Nov 25
logo
Weitron Technology
S8050 WEITRON-S8050 Datasheet
2Mb / 4P
   NPN General Purpose Transistors
logo
NXP Semiconductors
2PC4617M NXP-2PC4617M Datasheet
222Kb / 6P
   NPN general purpose transistors
2003 Jul 15
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
   NPN general purpose transistors
1999 Apr 08
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com