Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


MRFIC0913 Datasheet(Fiches technique) 3 Page - Motorola, Inc

Numéro de pièce MRFIC0913
Description  900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo 

   
 3 page
background image
3
MRFIC0913
MOTOROLA RF DEVICE DATA
C2
T1
C3
RF
OUT
C5
C6
R1
C8
L1
R3
R4
C9 C10
RF IN
L2
C1
1
2
3
4
7
6
5
8
9
10
11
12
13
14
15
16
Figure 2. GSM Application Circuit Configuration with Drain Switch
and MC33169 GaAs Power Amplifier Support IC
1
2
3
4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
5
6
7
8
D
G
S
D
D
D
S
VRAMP
4.8 V BATTERY
Q1
R5
R2
C15
C14
U1
CR1
C12
C13
STANDBY
C1
33 pF, 0603 NPO/COG
C2, C9
33 nF
C3
47 pF, 0603 NPO/COG
C4, C5, C8 6.8 pF, 0603 NPO/COG
C6
33 nF
C7
220 nF
C10
33 pF, 0603 NPO/COG
C12 – C16 1
µF
CR1
MMBD701LT1
L1
8.2 nH, 0805 Toko
L2
10 Turn MicroSpring,
Coilcraft 1606–10 (for
improved harmonic rejection
only)
Q1
MMSF4N01HD
R1
330
R2
100
R3
1.8 k
R4
2.7 k
R5
470
T1
5 mm 30
Ω Microstrip Line
U1
MRFIC0913
U2
MC33169 (–4 V Version)
BOARD MATERIAL Glass/Epoxy,
εr = 4.45
C16
U2
0 V
3 V
0 V
3 V
C7
C4
Note: Use of a Schottky diode such as MMBD701LT1 for CR1 is mandatory below 3.6 V.
A general purpose silicon diode can be used above 3.6 V.




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
MRFIC0917900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
MRFIC18181700-1900 MHz MMIC DCS1800/PCS1900 INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
MRFIC0914900 MHz PAGING POWER AMPLIFIER Si MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
MRFIC18171700-1900 MHz MMIC DCS1800/PCS1900 INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
MRFIC24032.4 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
MRFIC0912900 MHz GaAs INTEGRATED POWER AMPLIFIER 1 2 3 4 5 MoreMotorola, Inc
MRFIC18051.9 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
MRFIC18071.8 GHz POWER AMPLIFIER AND TRANSMIT/RECEIVE SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
KIA6419PSILICON MONOLITHIC INTEGRATED CIRCUIT LOW POWER AUDIO AMPLIFIER 1 2 3 4 5 MoreKEC(Korea Electronics)
KIA7217APBIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC 5.8W AUDIO POWER AMPLIFIER CAR STEREO CAR RADIO OUTPUT 1 2 3 4 KEC(Korea Electronics)

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl