Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


MRFIC0913 Datasheet(Fiches technique) 5 Page - Motorola, Inc

Numéro de pièce MRFIC0913
Description  900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo 

   
 5 page
background image
5
MRFIC0913
MOTOROLA RF DEVICE DATA
–1
1
Pin, INPUT POWER (dBm)
VD1, VD2, DRAIN VOLTAGE (VOLTS)
60
50
20
0
06
40
02
3
4
6
VD1, VD2, DRAIN VOLTAGE (VOLTS)
TYPICAL CHARACTERISTICS
Figure 9. Output Power versus Drain Voltage
Figure 10. Power Added Efficiency versus
Drain Voltage
30
10
0
–10
–30
36
32
24
20
–7
3
9
13
Figure 11. Output Power versus Input Power
60
30
0
–7
13
Pin, INPUT POWER (WATTS)
Figure 12. Power Added Efficiency versus
Input Power
–20
15
30
40
10
28
50
10
20
40
f = 900 MHz
Pin = 10 dBm
VSS = – 4 V
TA = 85° and 25°C
–40
°C
20
23
4
15
f = 900 MHz
Pin = 10 dBm
VSS = – 4 V
25
°C
TA = – 40°C
25
°C
TA = – 40°C
30
22
34
26
–5
5
7
11
–3
TA = – 40°C
85
°C
39
–5
5
17
11
–3
85
°C
85
°C
–1
25
°C
f = 900 MHz
VD1 = VD2 = 4.8 V
VSS = – 4 V
f = 900 MHz
VD1 = VD2 = 4.8 V
VSS = – 4 V
f
Zin
Ohms
ZOL*
Ohms
(MHz)
R
jX
R
jX
880
13.65
–44.05
3.15
5.06
885
13.64
–44.74
3.13
4.97
890
13.65
–45.44
3.10
4.89
895
13.64
–46.14
3.08
4.80
900
13.64
–46.84
3.06
4.71
905
13.65
–47.55
3.04
4.63
910
13.66
–48.27
3.02
4.54
915
13.66
–49.00
3.00
4.45
Table 1. Device Impedances Derived from Circuit Characterization




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
MRFIC0917900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
MRFIC18181700-1900 MHz MMIC DCS1800/PCS1900 INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
MRFIC0914900 MHz PAGING POWER AMPLIFIER Si MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
MRFIC18171700-1900 MHz MMIC DCS1800/PCS1900 INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
MRFIC24032.4 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
MRFIC0912900 MHz GaAs INTEGRATED POWER AMPLIFIER 1 2 3 4 5 MoreMotorola, Inc
MRFIC18051.9 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
MRFIC18071.8 GHz POWER AMPLIFIER AND TRANSMIT/RECEIVE SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
KIA6419PSILICON MONOLITHIC INTEGRATED CIRCUIT LOW POWER AUDIO AMPLIFIER 1 2 3 4 5 MoreKEC(Korea Electronics)
KIA7217APBIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC 5.8W AUDIO POWER AMPLIFIER CAR STEREO CAR RADIO OUTPUT 1 2 3 4 KEC(Korea Electronics)

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl